Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LCX373 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 74LCX373
Description  Low Voltage Octal Transparent Latch with 5V Tolerant Inputs and Outputs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX373 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74LCX373 Datasheet HTML 1Page - Fairchild Semiconductor 74LCX373 Datasheet HTML 2Page - Fairchild Semiconductor 74LCX373 Datasheet HTML 3Page - Fairchild Semiconductor 74LCX373 Datasheet HTML 4Page - Fairchild Semiconductor 74LCX373 Datasheet HTML 5Page - Fairchild Semiconductor 74LCX373 Datasheet HTML 6Page - Fairchild Semiconductor 74LCX373 Datasheet HTML 7Page - Fairchild Semiconductor 74LCX373 Datasheet HTML 8Page - Fairchild Semiconductor 74LCX373 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
www.fairchildsemi.com
74LCX373 Rev. 2.0.0
Logic Symbols
Connection Diagrams
Pin Assignments for
SOIC, SOP, SSOP, TSSOP
Pad Assignments for DQFN
(Top View)
Pin Descriptions
Truth Table
H = HIGH Voltage
L = LOW Voltage
Z = High Impedance
X = Immaterial
O0 = Previous O0 before HIGH-to-LOW transition of Latch
Enable
Functional Description
The LCX373 contains eight D-type latches with 3-STATE
standard outputs. When the Latch Enable (LE) input is
HIGH, data on the Dn inputs enters the latches. In this
condition the latches are transparent, i.e. a latch output
will change state each time its D input changes. When
LE is LOW, the latches store the information that was
present on the D inputs a setup time preceding the
HIGH-to-LOW transition of LE. The 3-STATE standard
outputs are controlled by the Output Enable (OE) input.
When OE is LOW, the standard outputs are in the 2-state
mode. When OE is HIGH, the standard outputs are in the
high impedance mode but this does not interfere with
entering new data into the latches.
D0 D1 D2 D3 D4 D5 D6 D7
O0
OE
LE
O1 O2 O3 O4 O5 O6 O7
IEEE/IEC
O0
OE
LE
EN
C1
1D
D0
O1
D1
O2
D2
O3
D3
O4
D4
O5
D5
O6
D6
O7
D7
D0
D1
O1
O2
D2
D3
O3
GND
O0
D7
D6
O6
O5
D5
D4
O4
O7
LE
VCC
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
OE
D0
D1
O1
O2
D2
D3
O3
GND
O0
D7
D6
O6
O5
D5
D4
O4
LE
O7
VCC
120
2
3
4
5
6
7
8
9
10
11
19
18
17
16
15
14
13
12
OE
Pin Names
Description
D0–D7
Data Inputs
LE
Latch Enable Input
OE
3-STATE Output Enable Input
O0–O7
3-STATE Latch Outputs
Inputs
Outputs
LE
OE
Dn
On
XH
X
Z
HL
L
L
HL
H
H
LL
X
O0


Similar Part No. - 74LCX373

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LCX373 STMICROELECTRONICS-74LCX373 Datasheet
225Kb / 10P
   OCTAL D-TYPE LATCH NON-INVERTING (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
September 2001
74LCX373 STMICROELECTRONICS-74LCX373 Datasheet
276Kb / 13P
   OCTAL D-TYPE LATCH NON-INVERTING (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74LCX373 FAIRCHILD-74LCX373 Datasheet
670Kb / 15P
   Low Voltage Octal Transparent Latch with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX373 ONSEMI-74LCX373 Datasheet
689Kb / 17P
   Low Voltage Octal Transparent Latch 5V Tolerant Inputs and Outputs
December 2013 Rev. 1.8.1
logo
Fairchild Semiconductor
74LCX373BQX FAIRCHILD-74LCX373BQX Datasheet
670Kb / 15P
   Low Voltage Octal Transparent Latch with 5V Tolerant Inputs and Outputs
More results

Similar Description - 74LCX373

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX373 FAIRCHILD-74LCX373_08 Datasheet
670Kb / 15P
   Low Voltage Octal Transparent Latch with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX373 ONSEMI-74LCX373 Datasheet
689Kb / 17P
   Low Voltage Octal Transparent Latch 5V Tolerant Inputs and Outputs
December 2013 Rev. 1.8.1
logo
Fairchild Semiconductor
74LCX573 FAIRCHILD-74LCX573_08 Datasheet
681Kb / 14P
   Low Voltage Octal Latch with 5V Tolerant Inputs and Outputs
74LCX573 FAIRCHILD-74LCX573 Datasheet
753Kb / 14P
   Low Voltage Octal Latch with 5V Tolerant Inputs and Outputs
74LCX16841 FAIRCHILD-74LCX16841 Datasheet
91Kb / 8P
   Low Voltage 20-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
logo
National Semiconductor ...
54LCX16373 NSC-54LCX16373 Datasheet
106Kb / 5P
   Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74LCX841 FAIRCHILD-74LCX841 Datasheet
88Kb / 8P
   Low Voltage 10-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
74LCX16373 FAIRCHILD-74LCX16373 Datasheet
75Kb / 10P
   Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
74LCX16841 FAIRCHILD-74LCX16841 Datasheet
79Kb / 8P
   Low Voltage 20-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX16373 ONSEMI-74LCX16373 Datasheet
237Kb / 12P
   Low Voltage 16-Bit Transparent Latch 5V Tolerant Inputs and Outputs
Revised May 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com