Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


I123-1O5-20.000 Datasheet(PDF) 1 Page - ILSI America LLC

Part No. I123-1O5-20.000
Description  Leaded Oscillator, TCXO, TCVCXO Metal Package, Full Size DIP
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ILSI [ILSI America LLC]
Homepage  http://www.ilsiamerica.com
Logo 

   
 1 page
background image
Leaded Oscillator, TCXO, TCVCXO
I123/I124/I323/I324 Series
Metal Package, Full Size DIP
ILSI America Phone: 775-851-8880 • Fax: 775-851-8882• e-mail: e-mail@ilsiamerica.com • www.ilsiamerica.com
12/10_B
Specifications subject to change without notice
Page 1
Pin Connection
1
Vcontrol / N.C.
7
GND
8
Output
14 Vcc
Dimension Units: mm
7.60
15.00
0.45
4.0
2.5
9.0 Max.
4.0 Min.
1.0
11.7
18.3
0.50
Product Features:
Applications:
Available in Both Clipped Sinewave and
Base Station
HCMOS Output Levels
IP
Compatible with Leadfree Processing
WiMax/Wlan
General Purpose
NOTE: A 0.01 µF bypass capacitor is recommended between Vcc (pin 4) and GND (pin 2) to minimize power supply noise.
** Not available for all temperature ranges.
Frequency
I123/I323
I124/I324
9.600 Mhz to 40 Mhz
1.000 Mhz to 40 Mhz
Output Level
Clipped Sinewave
HCMOS
1.0 V p-p Min.
‘0’=0.1 VCC Max., ‘1’=0.9Vcc Min.
Output Load
Clipped Sinewave
HCMOS
20K Ohms / 10 pF
15pF
Duty Cycle (HCMOS)
50% ±10%
Rise / Fall Time
(HCMOS)
10 nS Max.
Frequency Stability
See Frequency Stability Table
Frequency Tolerance @ 25C
Included in Stability Tolerance
Aging
 1 ppm / Year Max.
Supply Voltage
See Supply Voltage Table , tolerance
 5%
Current
3.0 mA Max. (Clipped Sinewave)
20.0 mA Max. (HCMOS)
Voltage Control
( I321/ I322)
1.65 VDC
 1.5 VDC,  5.0 ppm Min. for Vcc = 3.3 VDC
2.5 VDC
 2.0 VDC,  5.0 ppm Min. for Vcc = 5.0 VDC
Slope
Positive
Operating
See Operating Temperature Table
Storage
-40C to +85C
Part Number Guide
Sample Part Number: I123-1Q3-20.000 Mhz
Package
Operating Temperature
FrequencyStability vs Temperature
Supply
Voltage
Frequency
I123 (Clipped Sinewave TCXO)
I124 (HCMOS TCXO)
I323 (Clipped Sinewave TCVCXO)
I324 (HCMOS TCVCXO)
7 = 0
 C to +50 C
**O =
1.5 ppm
3 = 3.3 V
- 20.000 MHz
1 = 0
 C to +70 C
**P =
2.0 ppm
5 = 5.0 V
3 = -20
 C to +70 C
Q =
2.5 ppm
2 = -40
 C to +85 C
R =
3.0 ppm
J =
5.0 ppm




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl