Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

I606 Datasheet(PDF) 1 Page - ILSI America LLC

Part # I606
Description  10 mm x 14 mm, FR-4 SMD VCXO, LVPECL / LVDS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILSI [ILSI America LLC]
Direct Link  http://www.ilsiamerica.com
Logo ILSI - ILSI America LLC

I606 Datasheet(HTML) 1 Page - ILSI America LLC

  I606 Datasheet HTML 1Page - ILSI America LLC I606 Datasheet HTML 2Page - ILSI America LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10 mm x 14 mm, FR-4 SMD VCXO, LVPECL / LVDS
I606 Series
ILSI America Phone: 775-851-8880 • Fax: 775-851-8882• e-mail: e-mail@ilsiamerica.com • www.ilsiamerica.com
10/10_C
Specifications subject to change without notice
Page 1
Pin Connection
1
Voltage Control
2
Enable/Disable
3
GND
4
Output
5
Comp. Outout
6
Vcc
Dimension Units: mm
0.5
Typ.
10.2 Max.
14.3 Max.
6.0 Max.
2.54
0.8
8.8
3.0
Recommended pad layout
Product Features:
Applications:
Small Surface Mount Package
SD/HD Video
Low Noise
Wireless Base Stations
Pb Free/ RoHS Complient
Sonet /SDH
Compatible with Leadfree Processing
Server and Storage
Frequency
1 MHz to 180.000 MHz
Output Level
LVDS
LVPECL
Vod = 393 mV Typ., 475 mV Max.
‘0’ = Vcc - 1.63 V Max.
‘1’ = Vcc - 1.02 V Min.
Duty Cycle
50% ±10%
Rise / Fall Time
0.6 nS Max.
Output Load
LVDS
LVPECL
100
Ω Differential
50
Ω to Vcc - 2.0 VDC
Frequency Stability
50 ppm Max.
Start-up Time
10 mS Max.
Supply Voltage
3.3 VDC ± 5%
Current
LVDS = 90 mA Max., LVPECL = 130 mA Max.
Linearity
15% Max.
Pullability
See Table Below
Control Voltage
1.65 VDC ± 1.5 VDC
Input Impedance
50K
Ω Min.
Jitter
<1.0 pS RMS (12 kHz to 20 MHz)*
Operating
See Operating Temperature Table in Part Number Guide
Storage
-55° C to +125° C
NOTE: A 0.01 µF bypass capacitor is recommended between Vcc (pin 6) and GND (pin 3) to minimize power supply noise.
*Frequency related, for additional information contact your sales representative. ** Not available for all temperature ranges.
Part Number Guide
Sample Part Number:
I606–1BC8H–155.520
Package
Operating
Temperature
Stability
(in ppm)
Pullability
Output
Enable /
Disable
Frequency
I606
1 = 0
° C to +70° C
**D =
±15
B =
±50 ppm
8 = LVDS
H = Enable
-155.520 MHz
3 = -20
° C to +70° C
A =
±25
C =
±100 ppm
9 = LVPECL
2 = -40
° C to +85° C
B =
±50
C =
±100


Similar Part No. - I606

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
I603 ILSI-I603 Datasheet
51Kb / 2P
   3.2 mm x 5.0 mm Ceramic Package SMD VCXO, TTL / HC-MOS
I603-1AB3H2-20.000 ILSI-I603-1AB3H2-20.000 Datasheet
51Kb / 2P
   3.2 mm x 5.0 mm Ceramic Package SMD VCXO, TTL / HC-MOS
I603-1AB3H5-20.000 ILSI-I603-1AB3H5-20.000 Datasheet
51Kb / 2P
   3.2 mm x 5.0 mm Ceramic Package SMD VCXO, TTL / HC-MOS
I603-1AB5H2-20.000 ILSI-I603-1AB5H2-20.000 Datasheet
51Kb / 2P
   3.2 mm x 5.0 mm Ceramic Package SMD VCXO, TTL / HC-MOS
I603-1AB5H5-20.000 ILSI-I603-1AB5H5-20.000 Datasheet
51Kb / 2P
   3.2 mm x 5.0 mm Ceramic Package SMD VCXO, TTL / HC-MOS
More results

Similar Description - I606

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
ISM65 ILSI-ISM65 Datasheet
51Kb / 2P
   9 mm x 14 mm FR-4 Package SMD Oscillator, LVPECL / LVDS
I617 ILSI-I617 Datasheet
50Kb / 2P
   5 mm x 7 mm Ceramic Package SMD VCXO, LVPECL / LVDS
I607 ILSI-I607 Datasheet
50Kb / 2P
   5 mm x 7 mm Ceramic Package SMD VCXO, LVPECL / LVDS
I630 ILSI-I630 Datasheet
53Kb / 3P
   5 mm x 7 mm Ceramic Package SMD VCXO, LVCMOS / LVPECL / LVDS
I642 ILSI-I642 Datasheet
124Kb / 3P
   3.2 mm x 2.5 mm Ceramic Package SMD VCXO LVCMOS / LVPECL / LVDS
I640 ILSI-I640 Datasheet
56Kb / 3P
   3.2 mm x 5.0 mm Ceramic Package SMD VCXO, LVCMOS / LVPECL / LVDS
I631 ILSI-I631 Datasheet
53Kb / 3P
   5 mm x 7 mm Ceramic Low Noise SMD VCXO, LVCMOS / LVPECL / LVDS
I641 ILSI-I641 Datasheet
56Kb / 3P
   3.2 mm x 5.0 mm Ceramic Low Noise SMD VCXO, LVCMOS / LVPECL / LVDS
I643 ILSI-I643 Datasheet
124Kb / 3P
   3.2 mm x 2.5 mm Ceramic Low Noise SMD VCXO LVCMOS/LVPECL/LVDS
ISM68 ILSI-ISM68 Datasheet
69Kb / 2P
   9mm x 14 mm Ceramic Package SMD Oscillator, LVPECL / LVDS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com