Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMZ0603S601C Datasheet(PDF) 2 Page - TDK Electronics

Part # MMZ0603S601C
Description  Chip Beads(SMD) For Signal Line
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MMZ0603S601C Datasheet(HTML) 2 Page - TDK Electronics

  MMZ0603S601C Datasheet HTML 1Page - TDK Electronics MMZ0603S601C Datasheet HTML 2Page - TDK Electronics MMZ0603S601C Datasheet HTML 3Page - TDK Electronics MMZ0603S601C Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
(2/4)
010-01 / 20101006 / e9412_mmz0603.fm
• All specifications are subject to change without notice.
SHAPES AND DIMENSIONS/RECOMMENDED PC BOARD
PATTERN
TEMPERATURE RANGES
PACKAGING STYLE AND QUANTITIES
RECOMMENDED SOLDERING CONDITION
REFLOW SOLDERING
ELECTRICAL CHARACTERISTICS
Test equipment: E4991A or equivalent
Test tool
: 16197 or equivalent
Test temperature: 25±10°C
TYPICAL ELECTRICAL CHARACTERISTICS
Z, X, R vs. FREQUENCY CHARACTERISTICS
MMZ0603S100C
MMZ0603S800C
MMZ0603S121C
MMZ0603S241C
MMZ0603S471C
MMZ0603S601C
Operating/storage
–55 to +125°C
Packaging style
Quantity
Taping
15000 pieces/reel
0.6
±0.03
0.1min.
Weight: 0.3mg
Dimensions in mm
0.30
0.25
0.25
Natural
cooling
10s max.
Preheating
60 to 120s
Soldering
30 to 60s
230˚C
250 to 260˚C
180˚C
150˚C
Time(s)
Part No.
Impedance
(
Ω)[100MHz]
DC resistance
(
Ω)max.
Rated current
(mA)max.
MMZ0603S100C
10±5
0.12
500
MMZ0603S800C
80±25%
0.37
200
MMZ0603S121C
120±25%
0.45
200
MMZ0603S241C
240±25%
0.75
200
MMZ0603S471C
470±25%
1.30
100
MMZ0603S601C
600±25%
1.45
100
MMZ0603Y121C
120±25%
0.75
200
MMZ0603Y241C
240±25%
0.80
200
MMZ0603Y471C
470±25%
1.40
200
MMZ0603Y601C
600±25%
1.50
200
MMZ0603D330C
33±25%
0.85
100
MMZ0603D560C
56±25%
1.05
100
MMZ0603D800C
80±25%
1.40
100
MMZ0603F100C
10±5
0.60
200
MMZ0603F220C
22±25%
1.00
200
MMZ0603F330C
33±25%
1.30
150
450
400
350
300
250
200
150
100
50
0
1
10
100
1000
10000
Frequency(MHz)
Z
X
R
50
45
40
35
30
25
20
15
10
5
0
1
10
100
1000
10000
Frequency(MHz)
Z
X
R
450
400
350
300
250
200
150
100
50
0
1
10
100
1000
10000
Frequency(MHz)
Z
X
R
1000
800
600
400
200
0
1
10
100
1000
10000
Frequency(MHz)
Z
X
R
1000
800
600
400
200
0
1
10
100
1000
10000
Frequency(MHz)
Z
X
R
450
400
350
300
250
200
150
100
50
0
1
10
100
1000
10000
Frequency(MHz)
Z
X
R


Similar Part No. - MMZ0603S601C

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MMZ0603S601C TDK-MMZ0603S601C Datasheet
915Kb / 29P
   Chip Beads For signal line MMZ series
MMZ0603S601CT000 TDK-MMZ0603S601CT000 Datasheet
158Kb / 3P
   Chip Beads
MMZ0603S601CTD25 TDK-MMZ0603S601CTD25 Datasheet
270Kb / 6P
   Chip beads For general signal line
More results

Similar Description - MMZ0603S601C

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MMZ1005 TDK-MMZ1005_09 Datasheet
115Kb / 3P
   Chip Beads(SMD) For Signal Line
MMZ2012R150A TDK-MMZ2012R150A Datasheet
104Kb / 4P
   Chip Beads(SMD) For Signal Line
MMZ1608R601CTAH0 TDK-MMZ1608R601CTAH0 Datasheet
98Kb / 6P
   Chip Beads(SMD) For Signal Line
MMZ1608B121C TDK-MMZ1608B121C Datasheet
222Kb / 8P
   Chip Beads(SMD) For Signal Line
MZA1210 TDK-MZA1210 Datasheet
54Kb / 2P
   Chip Beads(SMD Array) For General Signal Line
MMZ2012Y202B TDK-MMZ2012Y202B Datasheet
915Kb / 29P
   Chip Beads For signal line
MCZ1210-T TDK-MCZ1210-T Datasheet
48Kb / 2P
   Chip Beads(SMD Array) For Audio Signal Line
MZA1608 TDK-MZA1608 Datasheet
52Kb / 2P
   Chip Beads(SMD Array) For General Signal Line
MCZ1210-D TDK-MCZ1210-D Datasheet
54Kb / 3P
   Chip Beads(SMD Array) For Audio USB1.1 Signal Line
MMZ0603 TDK-MMZ0603 Datasheet
270Kb / 6P
   Chip beads For general signal line
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com