Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TF-TKS-T52-945T-002-DX Datasheet(PDF) 1 Page - AAEON Technology

Part # TF-TKS-T52-945T-002-DX
Description  Two 5cm Cooling Fans, Built-in 80W DC-in Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

TF-TKS-T52-945T-002-DX Datasheet(HTML) 1 Page - AAEON Technology

  TF-TKS-T52-945T-002-DX Datasheet HTML 1Page - AAEON Technology TF-TKS-T52-945T-002-DX Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Note: All specifications are subject to change without notice.
14
14-9
Features
Specifications

Two 5cm Cooling Fans

Built-in 80W DC-in Power Supply

2.5” Hard Disk Drive And CompactFlash™

PCI Slot x 2 Or PCI Slot + PCI-E [x1] Slot (Optional)
CPU
EMB-945T/9458T/9459T/9658T/LN9T/QM57T
Chipset
Depend on each M/B
System Memory
Depend on each M/B
Display
Interface
VGA
D-SUB 15 x 1
DVI
DVI-D x 1
Others
HDMI x 1 (EMB-QM57T/QM67T Only)
Storage
Device
SSD
Type 2 CompactFlash™ Slot x 1 or CFast (QM57T)
HDD
2.5'' Hard Disk Drive Bay x 1
Network
LAN
10/100/1000Base-TX, RJ-45 x 1 for EMB945T
10/100/1000Base-Tx, RJ-45 x 2 for EMB-9458T/9459T/9658T/LN9T/
QM57T
Wireless
Front I/O
USB Host
for EMB-945T/9458T/9459T/9658T/LN9T/QM57T x 2
LAN
Serial port —
DIO
Audio
KB/MS
Others
Rear I/O
USB Host
EMB-945T x 4
EMB-9458T/9459T/9658T/LN9T/QM57T x 6
LAN
EMB-945T/9458T/9459T/9658T/LN9T/QM57T x 2
Serial port EMB-9458T/9459T/945T9658T/LN9T/QM57T x 6
DIO
Audio
Line-out, Line-in, Mic-in
KB/MS
PS/2 x 2 for keyboard and mouse
Others
D-SUB 15 x 1; DVI-D x 1; HDMI x 1 (EMB-QM57T only)
Expansion
PCIe
PCI
COM x 4 in PCI slots
Mini card
Mini PCI
Others
Indicator
Front
Power LED x 1, HDD LED x 1
Rear
Power Requirement
+12V input
Power Consumption
Depend on each M/B
System Cooling
Fan
Mounting
Desktop
Operating temperature
32°F ~ 104°F (0°C ~ 40°C)
Storage Temperature
-40°F ~ 176°F (-40°C ~ 80°C)
Anti-Vibration
Anti-Shock
MTBF
Certification
EMC
Safety
Dimension (W x H x D)
10.7" x 11.8" x 2.6" (273mm x 300mm x 65mm)
Gross Weight
Embedded Box for Mini-ITX Boards
TKS-T52
Rear I/O Bracket
USB
HDD LED
(Optional) COM x 4 in PCI Slot
DC Power Input
Power LED
Reset Button
Power Button


Similar Part No. - TF-TKS-T52-945T-002-DX

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
TF-TKS-E50-9456-001-DT AAEON-TF-TKS-E50-9456-001-DT Datasheet
253Kb / 2P
   Embedded Box for EPIC-9456
TF-TKS-E50-9456-001-DX AAEON-TF-TKS-E50-9456-001-DX Datasheet
253Kb / 2P
   Embedded Box for EPIC-9456
TF-TKS-G20-9310-002-AT AAEON-TF-TKS-G20-9310-002-AT Datasheet
331Kb / 2P
   Fanless Embedded Box For GENE-9310
TF-TKS-G20-9310-002-DT AAEON-TF-TKS-G20-9310-002-DT Datasheet
331Kb / 2P
   Fanless Embedded Box For GENE-9310
TF-TKS-G20-9310-002-DX AAEON-TF-TKS-G20-9310-002-DX Datasheet
331Kb / 2P
   Fanless Embedded Box For GENE-9310
More results

Similar Description - TF-TKS-T52-945T-002-DX

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AQFC480E_SERIES ARCH-AQFC480E_SERIES Datasheet
461Kb / 5P
   Cooling by Built-in DC FAN
logo
Extech Instruments Corp...
382260 EXTECH-382260 Datasheet
113Kb / 8P
   80W 3-in-1 Switching DC Power Supply
logo
Omron Electronics LLC
E3JK OMRON-E3JK_V01 Datasheet
920Kb / 13P
   Built-in Power Supply Photoelectric Sensor
2010.10
logo
List of Unclassifed Man...
E3JK ETC-E3JK Datasheet
329Kb / 8P
   Built-in power supply photoelectric sensor
logo
Omron Electronics LLC
E3JM-R4M4-US OMRON-E3JM-R4M4-US Datasheet
893Kb / 13P
   Built-in Power Supply Photoelectric Sensor
logo
Maxim Integrated Produc...
DS34S132DK MAXIM-DS34S132DK Datasheet
1Mb / 63P
   Built-In AC Power-Supply Module
Rev 0; 5/11
logo
Extech Instruments Corp...
382260 EXTECH-382260_15 Datasheet
207Kb / 1P
   80W Switching Mode DC Power Supply
logo
LinkCom Manufacturing C...
80W-LCCH LINKCOM-80W-LCCH Datasheet
496Kb / 4P
   80W Power Supply
logo
BOSER Technology Co., L...
MPI-706H BOSER-MPI-706H Datasheet
221Kb / 1P
   80W AC-DC Open Frame Power Supply
logo
Panasonic Semiconductor
AN8090 PANASONIC-AN8090 Datasheet
191Kb / 6P
   OVERVOLTAGE PROTECTIVE CIRCUIRS BUILT-IN SWITCHING POWER SUPPLY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com