Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATxmega128A4U-CU Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATxmega128A4U-CU
Description  8/16-bit Atmel XMEGA A4U Microcontroller
Download  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATxmega128A4U-CU Datasheet(HTML) 5 Page - ATMEL Corporation

  ATxmega128A4U-CU Datasheet HTML 1Page - ATMEL Corporation ATxmega128A4U-CU Datasheet HTML 2Page - ATMEL Corporation ATxmega128A4U-CU Datasheet HTML 3Page - ATMEL Corporation ATxmega128A4U-CU Datasheet HTML 4Page - ATMEL Corporation ATxmega128A4U-CU Datasheet HTML 5Page - ATMEL Corporation ATxmega128A4U-CU Datasheet HTML 6Page - ATMEL Corporation ATxmega128A4U-CU Datasheet HTML 7Page - ATMEL Corporation ATxmega128A4U-CU Datasheet HTML 8Page - ATMEL Corporation ATxmega128A4U-CU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 121 page
background image
5
8387A–AVR–07/11
XMEGA A4U
3.
Overview
The Atmel
® AVR® XMEGA® is a family of low power, high performance and peripheral rich 8/16-
bit microcontrollers based on the AVR® enhanced RISC architecture. By executing instructions
in a single clock cycle, AVR achieves throughputs CPU approaching 1Million Instructions Per
Second (MIPS) per MHz allowing the system designer to optimize power consumption versus
processing speed.
Atmel AVR CPU combines a rich instruction set with 32 general purpose working registers. All
the 32 registers are directly connected to the Arithmetic Logic Unit (ALU), allowing two indepen-
dent registers to be accessed in one single instruction, executed in one clock cycle. The
resulting architecture is more code efficient while achieving throughputs many times faster than
conventional single-accumulator or CISC based microcontrollers.
The XMEGA A4U devices provide the following features: In-System Programmable Flash with
Read-While-Write capabilities, Internal EEPROM and SRAM, four-channel DMA Controller,
eight-channel Event System, Programmable Multi-level Interrupt Controller, 34 general purpose
I/Opins, 16-bit Real Time Counter, five flexible 16-bit Timer/Counters with compare and PWM
channels, one USB 2.0 full speed (12Mbps) Device Interface, five USARTs, two Two Wire Serial
Interfaces (TWIs), two Serial Peripheral Interfaces (SPIs), AES and DES crypto engine, one
Twelve-channel, 12-bit ADC with optional differential input with programmable gain, one Two-
channel 12-bit DAC, two analog comparators with window mode, programmable Watchdog
Timer with separate Internal Oscillator, accurate internal oscillators with PLL and prescaler and
programmable Brown-Out Detection.
The Program and Debug Interface (PDI), a fast 2-pin interface for programming and debugging,
is available.
All XMEGA devices have five software selectable power saving modes. The Idle mode stops the
CPU while allowing the SRAM, DMA Controller, Event System, Interrupt Controller and all
peripherals to continue functioning. The Power-down mode saves the SRAM and register con-
tents but stops the oscillators, disabling all other functions until the next TWI or pin-change
interrupt, or Reset. In Power-save mode, the asynchronous Real Time Counter continues to run,
allowing the application to maintain a timer base while the rest of the device is sleeping. In
Standby mode, the Crystal/Resonator Oscillator is kept running while the rest of the device is
sleeping. This allows very fast start-up from external crystal combined with low power consump-
tion. In Extended Standby mode, both the main Oscillator and the Asynchronous Timer continue
to run. To further reduce power consumption, the peripheral clock to each individual peripheral
can optionally be stopped in Active mode and Idle sleep mode.
Atmel offers the QTouch® library for embedding capacitive touch buttons, sliders and wheels
functionality into AVR microcontrollers.
The device is manufactured using Atmel's high-density nonvolatile memory technology. The pro-
gram Flash memory can be reprogrammed in-system through the PDI. A Bootloader running in
the device can use any interface to download the application program to the Flash memory. The
Bootloader software in the Boot Flash section will continue to run while the Application Flash
section is updated, providing true Read-While-Write operation. By combining an 8/16-bit RISC
CPU with In-System Self-Programmable Flash, the Atmel XMEGA A4U is a powerful microcon-
troller family that provides a highly flexible and cost effective solution for embedded applications.


Similar Part No. - ATxmega128A4U-CU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATXMEGA128A4 ATMEL-ATXMEGA128A4 Datasheet
806Kb / 69P
   8/16-bit XMEGA A4 Microcontroller
ATXMEGA128A4 ATMEL-ATXMEGA128A4 Datasheet
937Kb / 74P
   8/16-bit XMEGA A1 Microcontroller
ATxmega128A4 ATMEL-ATxmega128A4 Datasheet
3Mb / 104P
   8/16-bit XMEGA A4 Microcontroller
ATxmega128A4 ATMEL-ATxmega128A4 Datasheet
3Mb / 107P
   8/16-bit XMEGA A4 Microcontroller
ATXMEGA128A4 ATMEL-ATXMEGA128A4 Datasheet
3Mb / 108P
   8/16-bit XMEGA A4 Microcontroller
More results

Similar Description - ATxmega128A4U-CU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATXMEGA64B1 ATMEL-ATXMEGA64B1_14 Datasheet
6Mb / 142P
   8/16-bit Atmel XMEGA B1 Microcontroller
ATXMEGA128B1 ATMEL-ATXMEGA128B1 Datasheet
6Mb / 138P
   8/16-bit Atmel XMEGA B1 Microcontroller
ATXMEGA384C3 ATMEL-ATXMEGA384C3_14 Datasheet
5Mb / 125P
   8/16-bit Atmel XMEGA C3 Microcontroller
ATXMEGA256A3U ATMEL-ATXMEGA256A3U Datasheet
3Mb / 116P
   8/16-bit Atmel XMEGA A3U Microcontroller
ATXMEGA384C3 ATMEL-ATXMEGA384C3 Datasheet
9Mb / 126P
   8/16-bit Atmel XMEGA C3 Microcontroller
ATXMEGA128B1 ATMEL-ATXMEGA128B1_14 Datasheet
6Mb / 142P
   8/16-bit Atmel XMEGA B1 Microcontroller
ATXMEGA64D3 ATMEL-ATXMEGA64D3_14 Datasheet
3Mb / 86P
   8/16-bit Atmel AVR XMEGA D3 Microcontroller
ATXMEGA256A3BU ATMEL-ATXMEGA256A3BU Datasheet
4Mb / 143P
   8/16-bit Atmel XMEGA A3BUMicrocontroller
ATXMEGA256A3BU ATMEL-ATXMEGA256A3BU_14 Datasheet
5Mb / 143P
   8/16-bit Atmel XMEGA A3BUMicrocontroller
ATXMEGA8E5 ATMEL-ATXMEGA8E5_14 Datasheet
2Mb / 147P
   8/16-bit Atmel AVR XMEGA Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com