Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TF-PCM-6892-B10-03 Datasheet(PDF) 1 Page - AAEON Technology

Part # TF-PCM-6892-B10-03
Description  Onboard Intel짰 Ultra Low Voltage Celeron짰 Processors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

TF-PCM-6892-B10-03 Datasheet(HTML) 1 Page - AAEON Technology

  TF-PCM-6892-B10-03 Datasheet HTML 1Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
01
Logo must with
Logo must with
AAEON Blue: PANTONE DS 206-1C
AAEON Red: C=15, M=90, Y=70, K=10
Font of Slogan: Century Cothic with Bold Italic
Computing Platform Service Partner
Note: All specifications are subject to change without notice.
01-9
PCM-6892 Rev.B
Features
Specifications
Audio pin header
LVDS LCD Pin Header
40-pin IDE connector
Printer port pin
header
Floppy Disk Drive
connector
COM port pin
header
Keyboard & Mouse
pin header
Optional Accessories
TF-PCM-10489-6
CableKit,forPCM-6892CompactBoard
1702200201
Cable for ATX Connector to AT Power Supply
(200mm)
TF-PER-1110-A10
RiserCardforPCI,2-slot
TF-PER-C10L-A10
MiniPCI10/100Base-TXEthernetModulew/Re-
altek8100C
TF-PER-C10L-A10-01
MiniPCI10/100/1000Base-TXEthernetModule
w/Realtek8110S
TF-PER-C10L-A10-02
MiniPCI10/100Base-TXEthernetModulew/In-
tel®82551QM
TF-PER-C10L-A10-03
MiniPCI10/100/1000Base-TXEthernetModule
w/Intel®82541GI
TF-PER-C20U-A10
Mini PCI 4-port USB 2.0 Module w/NEC
D720101
TF-PER-C30F-A10
MiniPCI3-portIEEE1394aModule
TF-PER-V30C-A10
Mini PCI Single Channel Capture Module with
PhilipsSAA7135
TF-PER-C40C-A10
MiniPCI2-portRS-232ModuleRev.A1.0
TF-PER-C40C-A10-01
MiniPCI4-portRS-232ModuleRev.A1.0
9657666600
JumperCap
QuickInstallationGuide
UtilityCD
PCM-6892Rev.B
Packing List
TF-PCM-6892-B10
5.25"Board,UVICP400,LCD-TV,SDM,LAN,Audio,4COM,USB,CF,MiniPCI,PCMCIA,PCI,PC/104,
ATX,Rev.B1.0
TF-PCM-6892-B10-01
5.25"Board,UVICP400,LCD-TV,SDM,LAN,Audio,4COM,USB,CF,MiniPCI,PCI,PC/104,ATX,Rev.
B1.0
TF-PCM-6892-B10-02
5.25"Board,UVICP650,LCD-TV,SDM,LAN,Audio,4COM,USB,CF,MiniPCI,PCMCIA,PCI,PC/104,
ATX,Rev.B1.0
TF-PCM-6892-B10-03
5.25"Board,UVICP650,LCD-TV,SDM,LAN,Audio,4COM,USB,CF,MiniPCI,PCI,PC/104,ATX,Rev.
B1.0
Ordering Information
Intel® Ultra Low Voltage Celeron®Processor
System
Form Factor
5.25”
Processor
Onboard Intel® Ultra Low Voltage Celeron® 400/ 650MHz Processor
System Memory
168-pin DIMM x 1, Max. 512MB (PC-100/133)
Chipset
VIA VT8606 + VIA VT82C686B
I/O Chipset
Winbond W83977EG
Ethernet
Realtek RTL8100BL, 10/100Base-TX, RJ-45 connector x 2
BIOS
AWARD 256KB FLASH ROM
Wake On LAN
Yes
Watchdog Timer
Generates a time-out system reset
H/W Status Monitoring
Supports power supply voltages, fan speed and temperature monitoring
Solid Storage Disk
Type II CompactFlash™ slot x 1
Expansion Interface
Mini PCI x 1, PCI x 1, PC/104 x 1, PCMCIA x 2
Battery
Lithium battery
Power Requirement
+5V/ AT/ATX
Power Consumption
(Typical)
Celeron® 400MHz & 650MHz, SDRAM 256MB/PC-133
ATX Power:
400MHz: 2.47 A@5V
650MHz: 3.09 A@5V
Board Size
8”(L) x 5.75”(W) (203mm x 146mm)
Gross Weight
1.2 lb (0.5 kg)
Operating Temperature
32ºF~ 140ºF (0ºC ~ 60ºC)
Storage Temperature
-40ºF~176ºF (-40ºC~80ºC)
Operating Humidity
0% ~ 90% relative humidity, non-condensing
MTBF (Hours)
80,465
Display
Supports CRT/ LCD & CRT/TV simultaneous display
Chipset
VIA VT8606
Memory
Shared system memory up to 32MB
Resolutions
Up to 1280x1024@24bpp colors for CRT
Up to 1024x768@18bpp colors for LCD
LCD Interface
Supports 36-bit Dual Channel TTL/LVDS TFT/LCD
TV-out
Supports NTSC and PAL standard, S-Terminal and Composite Video
I/O
MIO
EIDE x 1 (UDMA100 x 1), Floppy Disk Drive x 1, Keyboard + Mouse x 1, RS-232
x 3, RS-232/422/485 x 1, Parallel x 1
IrDA
One IrDA Tx/Rx header
Audio
MIC-in, Line-in, Line-out/ Speaker-out
USB
Two 5 x 2 pin headers support 4 USB1.1 ports
TV-out Pin Header
CRT Pin Header
TTL LCD
Pin Header
RJ-45 Ethernet connectors
PCI Slot
USB pin headers
Power input connector
OnboardIntel®UltraLowVoltageCeleron®
Processors
36-bitTTL/LVDSTFTLCD
Dual10/100Base-TXFastEthernet
AC972.1High-qualityAudio
SupportsTypeIICompactFlash™
SupportsTypeIIPCMCIA,TypeIIIMiniPCIandPCI
Slots
4COM/4USB/TV-outPorts
+5VOnlyOperation


Similar Part No. - TF-PCM-6892-B10-03

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
TF-PCM-6892-A20 AAEON-TF-PCM-6892-A20 Datasheet
703Kb / 1P
   Onboard VIA C3?? Eden??Low Power Processors
TF-PCM-6892-A20-01 AAEON-TF-PCM-6892-A20-01 Datasheet
703Kb / 1P
   Onboard VIA C3?? Eden??Low Power Processors
TF-PCM-6892-A20-02 AAEON-TF-PCM-6892-A20-02 Datasheet
703Kb / 1P
   Onboard VIA C3?? Eden??Low Power Processors
TF-PCM-6892-A20-03 AAEON-TF-PCM-6892-A20-03 Datasheet
703Kb / 1P
   Onboard VIA C3?? Eden??Low Power Processors
TF-PCM-6892-A20-04 AAEON-TF-PCM-6892-A20-04 Datasheet
703Kb / 1P
   Onboard VIA C3?? Eden??Low Power Processors
More results

Similar Description - TF-PCM-6892-B10-03

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
GENE-6350 AAEON-GENE-6350 Datasheet
658Kb / 1P
   Onboard Intel짰 Ultra Low Voltage Celeron짰
FOX-80 AAEON-FOX-80 Datasheet
466Kb / 2P
   Onboard Intel짰 Ultra Low Voltage Celeron짰 M Processor
ETX-625 AAEON-ETX-625 Datasheet
672Kb / 1P
   Onboard Intel짰 LP Pentium짰 III/ ULV Celeron짰 Processors
PCM-8200 AAEON-PCM-8200 Datasheet
691Kb / 1P
   Supports Socket 478 Intel짰 Pentium짰 M/ Celeron짰 M Processors, Onboard Low Voltage Intel짰 Pentium짰 M Processor
AOP-8120XT AAEON-AOP-8120XT Datasheet
559Kb / 2P
   Onboard Intel짰 Celeron짰 M Low Power CPU
AOP-8120HT.WT AAEON-AOP-8120HT.WT Datasheet
479Kb / 2P
   12.1??TFT LCD, Onboard Ultra Low Voltage Intel짰 Celeron짰 Processor at 650MHz
PFM-620S AAEON-PFM-620S Datasheet
670Kb / 1P
   Onboard Intel짰 Ultra Low Voltage Celeron짰Processor
FOX-150 AAEON-FOX-150 Datasheet
459Kb / 2P
   Onboard Intel짰 Low Power Celeron짰 M Processor
AOP-8080XT AAEON-AOP-8080XT Datasheet
266Kb / 2P
   Onboard Intel짰 Celeron짰 M Processor
GENE-8310 AAEON-GENE-8310 Datasheet
263Kb / 1P
   Onboard Intel짰 ULV Celeron짰 M 1.5 GHz/ 1.3 GHz Or Intel짰 Celeron짰 M 600 MHz & 1 GHz Processors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com