Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATxmega32A4U-AU Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATxmega32A4U-AU
Description  8/16-bit Atmel XMEGA A4U Microcontroller
Download  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATxmega32A4U-AU Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATxmega32A4U-AU Datasheet HTML 5Page - ATMEL Corporation ATxmega32A4U-AU Datasheet HTML 6Page - ATMEL Corporation ATxmega32A4U-AU Datasheet HTML 7Page - ATMEL Corporation ATxmega32A4U-AU Datasheet HTML 8Page - ATMEL Corporation ATxmega32A4U-AU Datasheet HTML 9Page - ATMEL Corporation ATxmega32A4U-AU Datasheet HTML 10Page - ATMEL Corporation ATxmega32A4U-AU Datasheet HTML 11Page - ATMEL Corporation ATxmega32A4U-AU Datasheet HTML 12Page - ATMEL Corporation ATxmega32A4U-AU Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 121 page
background image
9
8387A–AVR–07/11
XMEGA A4U
tion is pre-fetched from the Program Memory. This enables instructions to be executed in every
clock cycle.
The program memory is In-System Self-Programmable Flash memory.
6.3
ALU - Arithmetic Logic Unit
The Arithmetic Logic Unit (ALU) supports arithmetic and logic operations between registers or
between a constant and a register. Single register operations can also be executed. The ALU
operates in direct connection with all the 32 general purpose registers. In a single clock cycle,
arithmetic operations between general purpose registers or between a register and an immedi-
ate are executed and the result is stored back in the Register File. After an arithmetic or logic
operation, the Status Register is updated to reflect information about the result of the operation.
The ALU operations are divided into three main categories – arithmetic, logical, and bit-func-
tions. Both 8- and 16-bit arithmetic is supported, and the instruction set allows for efficient
implementation of 32-bit arithmetic. The hardware multiplier supports signed and unsigned mul-
tiplication and fractional format.
6.4
Program Flow
After reset, the CPU starts to execute instructions from the lowest address in the Flash Program
Memory ‘0’. The Program Counter (PC) addresses the next instruction to be fetched. After a
reset, the PC is set to location ‘0’.
Program flow is provided by conditional and unconditional jump and call instructions, capable of
addressing the whole address space directly. Most AVR instructions use a 16-bit word format,
while a limited number uses a 32-bit format.
During interrupts and subroutine calls, the return address PC is stored on the Stack. The Stack
is allocated in the general data SRAM, and consequently the Stack size is only limited by the
total SRAM size and the usage of the SRAM. After reset the Stack Pointer (SP) points to the
highest address in the internal SRAM. The SP is read/write accessible in the I/O memory space,
enabling easy implementation of multiple stacks or stack areas. The data SRAM can easily be
accessed through the five different addressing modes supported in the AVR CPU.
6.5
Register File
The Register File consists of 32 x 8-bit general purpose working registers with single clock cycle
access time. The Register File supports the following input/output schemes:
• One 8-bit output operand and one 8-bit result input
• Two 8-bit output operands and one 8-bit result input
• Two 8-bit output operands and one 16-bit result input
• One 16-bit output operand and one 16-bit result input
Six of the 32 registers can be used as three 16-bit address register pointers for data space
addressing - enabling efficient address calculations. One of these address pointers can also be
used as an address pointer for look up tables in Flash program memory.


Similar Part No. - ATxmega32A4U-AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATXMEGA32A4 ATMEL-ATXMEGA32A4 Datasheet
806Kb / 69P
   8/16-bit XMEGA A4 Microcontroller
ATXMEGA32A4 ATMEL-ATXMEGA32A4 Datasheet
937Kb / 74P
   8/16-bit XMEGA A1 Microcontroller
ATxmega32A4 ATMEL-ATxmega32A4 Datasheet
3Mb / 104P
   8/16-bit XMEGA A4 Microcontroller
ATxmega32A4 ATMEL-ATxmega32A4 Datasheet
3Mb / 107P
   8/16-bit XMEGA A4 Microcontroller
ATXMEGA32A4 ATMEL-ATXMEGA32A4 Datasheet
3Mb / 108P
   8/16-bit XMEGA A4 Microcontroller
More results

Similar Description - ATxmega32A4U-AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATXMEGA64B1 ATMEL-ATXMEGA64B1_14 Datasheet
6Mb / 142P
   8/16-bit Atmel XMEGA B1 Microcontroller
ATXMEGA128B1 ATMEL-ATXMEGA128B1 Datasheet
6Mb / 138P
   8/16-bit Atmel XMEGA B1 Microcontroller
ATXMEGA384C3 ATMEL-ATXMEGA384C3_14 Datasheet
5Mb / 125P
   8/16-bit Atmel XMEGA C3 Microcontroller
ATXMEGA256A3U ATMEL-ATXMEGA256A3U Datasheet
3Mb / 116P
   8/16-bit Atmel XMEGA A3U Microcontroller
ATXMEGA384C3 ATMEL-ATXMEGA384C3 Datasheet
9Mb / 126P
   8/16-bit Atmel XMEGA C3 Microcontroller
ATXMEGA128B1 ATMEL-ATXMEGA128B1_14 Datasheet
6Mb / 142P
   8/16-bit Atmel XMEGA B1 Microcontroller
ATXMEGA64D3 ATMEL-ATXMEGA64D3_14 Datasheet
3Mb / 86P
   8/16-bit Atmel AVR XMEGA D3 Microcontroller
ATXMEGA256A3BU ATMEL-ATXMEGA256A3BU Datasheet
4Mb / 143P
   8/16-bit Atmel XMEGA A3BUMicrocontroller
ATXMEGA256A3BU ATMEL-ATXMEGA256A3BU_14 Datasheet
5Mb / 143P
   8/16-bit Atmel XMEGA A3BUMicrocontroller
ATXMEGA8E5 ATMEL-ATXMEGA8E5_14 Datasheet
2Mb / 147P
   8/16-bit Atmel AVR XMEGA Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com