Part Name
         Description
74LCX16646

 Low Voltage 16-Bit Transceiver/Register with 5V Tolerant Inputs and Outputs ( 10 Page)


FAIRCHILD
100% 
Zoom Out Zoom In
 
 4 page
background image
www.fairchildsemi.com
4
Functional Description
In the transceiver mode, data present at the HIGH imped-
ance port may be stored in either the A or B register or
both. The select (SABn, SBAn) controls can multiplex
stored and real-time. The examples shown below demon-
strate the four fundamental bus-management functions
that can be performed.
The direction control (DIRn) determines which bus will
receive data when OEn is LOW. In the isolation mode (OEn
HIGH), A data may be stored in one register and/or B data
may be stored in the other register. When an output func-
tion is disabled, the input function is still enabled and may
be used to store and transmit data. Only one of the two
busses, A or B, may be driven at a time.
Real-Time Transfer
Bus B to Bus A
Real-Time Transfer
Bus A to Bus B
Transfer Storage
Data to A or B
Storage
OE DIR CPAB CPBA SAB SBA
LL
X
X
X
L
OE DIR CPAB CPBA SAB SBA
LH
X
X
L
X
OE DIR CPAB CPBA SAB SBA
LL
X
H or L
X
H
LH
H or L
X
H
X
OE DIR CPAB CPBA SAB SBA
LH

XL
X
LX
X

XL
HX

XX
X
HX
X

XX



Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74VCX16374Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LCXZ16244Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
F74ALVC16245Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LCX652Low Voltage Transceiver/Register with 5V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
TC7MA157FKLow Voltage Quad 2-Channel Multiplexer with 3.6 V Tolerant Inputs and Outputs 1 2 3 4 5 MoreToshiba Semiconductor
74VCX32Low Voltage Quad 2-Input OR Gate with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LCX373Low Voltage Octal Transparent Latch with 5V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX16839Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LVT16646Low Voltage 16-Bit Transceiver/Register with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LCX16240Low Voltage 16-Bit Inverting Buffer/Line Driver with 5V Tolerant Inputs/Outputs 1 2 3 4 5 MoreFairchild Semiconductor

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl