Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LCX16646 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 74LCX16646
Description  Low Voltage 16-Bit Transceiver/Register with 5V Tolerant Inputs and Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX16646 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74LCX16646 Datasheet HTML 1Page - Fairchild Semiconductor 74LCX16646 Datasheet HTML 2Page - Fairchild Semiconductor 74LCX16646 Datasheet HTML 3Page - Fairchild Semiconductor 74LCX16646 Datasheet HTML 4Page - Fairchild Semiconductor 74LCX16646 Datasheet HTML 5Page - Fairchild Semiconductor 74LCX16646 Datasheet HTML 6Page - Fairchild Semiconductor 74LCX16646 Datasheet HTML 7Page - Fairchild Semiconductor 74LCX16646 Datasheet HTML 8Page - Fairchild Semiconductor 74LCX16646 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
www.fairchildsemi.com
Logic Diagrams
Please note that these diagrams are provided only for the understanding of logic operations and should not be used to estimate propagation delays.


Similar Part No. - 74LCX16646

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LCX16646 ONSEMI-74LCX16646 Datasheet
228Kb / 12P
   Low Voltage 16-Bit Transceiver/Register
Revised August 2002
74LCX16646MEA ONSEMI-74LCX16646MEA Datasheet
228Kb / 12P
   Low Voltage 16-Bit Transceiver/Register
Revised August 2002
74LCX16646MTD ONSEMI-74LCX16646MTD Datasheet
228Kb / 12P
   Low Voltage 16-Bit Transceiver/Register
Revised August 2002
More results

Similar Description - 74LCX16646

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCX16646AFT TOSHIBA-TC74LCX16646AFT Datasheet
390Kb / 12P
   LOW VOLTAGE 16-BIT TRANSCEIVER/REGISTER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX16652AFT TOSHIBA-TC74LCX16652AFT Datasheet
394Kb / 12P
   LOW VOLTAGE 16-BIT BUS TRANSCEIVER/REGISTER WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
ON Semiconductor
74LCX652 ONSEMI-74LCX652 Datasheet
214Kb / 12P
   Low Voltage Transceiver/Register with 5V Tolerant Inputs and Outputs
Revised March 2001
logo
Fairchild Semiconductor
74LCX16652 FAIRCHILD-74LCX16652 Datasheet
93Kb / 10P
   Low Voltage Transceiver/Register with 5V Tolerant Inputs and Outputs
74LCX652 FAIRCHILD-74LCX652 Datasheet
108Kb / 10P
   Low Voltage Transceiver/Register with 5V Tolerant Inputs and Outputs
74LCX16652 FAIRCHILD-74LCX16652_01 Datasheet
108Kb / 10P
   Low Voltage Transceiver/Register with 5V Tolerant Inputs and Outputs
74LCX32652 FAIRCHILD-74LCX32652 Datasheet
468Kb / 11P
   Low Voltage Transceiver/Register with 5V Tolerant Inputs and Outputs (Preliminary)
74LCX32646 FAIRCHILD-74LCX32646 Datasheet
507Kb / 11P
   Low Voltage 32-Bit Transceiver/Register with 5V Tolerant Inputs and Outputs (Preliminary)
74LCX646 FAIRCHILD-74LCX646 Datasheet
105Kb / 10P
   Low Voltage Octal Transceiver/Register with 5V Tolerant Inputs and Outputs
74LCXZ16245 FAIRCHILD-74LCXZ16245 Datasheet
92Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com