Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MOC3063 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MOC3063
Description  6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MOC3063 Datasheet(HTML) 2 Page - Motorola, Inc

  MOC3063 Datasheet HTML 1Page - Motorola, Inc MOC3063 Datasheet HTML 2Page - Motorola, Inc MOC3063 Datasheet HTML 3Page - Motorola, Inc MOC3063 Datasheet HTML 4Page - Motorola, Inc MOC3063 Datasheet HTML 5Page - Motorola, Inc MOC3063 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MOC3061 MOC3062 MOC3063
2
Motorola Optoelectronics Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
INPUT LED
Reverse Leakage Current
(VR = 6 V)
IR
0.05
100
µA
Forward Voltage
(IF = 30 mA)
VF
1.3
1.5
Volts
OUTPUT DETECTOR (IF = 0)
Leakage with LED Off, Either Direction
(Rated VDRM(1))
IDRM1
60
500
nA
Critical Rate of Rise of Off–State Voltage(3)
dv/dt
600
1500
V/
µs
COUPLED
LED Trigger Current, Current Required to Latch Output
(Main Terminal Voltage = 3 V(2))
MOC3061
MOC3062
MOC3063
IFT
15
10
5
mA
Peak On–State Voltage, Either Direction
(ITM = 100 mA, IF = Rated IFT)
VTM
1.8
3
Volts
Holding Current, Either Direction
IH
250
µA
Inhibit Voltage (MT1–MT2 Voltage above which device will not trigger.)
(IF = Rated IFT)
VINH
5
20
Volts
Leakage in Inhibited State
(IF = Rated IFT, Rated VDRM, Off State)
IDRM2
500
µA
Isolation Voltage (f = 60 Hz, t = 1 sec)
VISO
7500
Vac(pk)
1. Test voltage must be applied within dv/dt rating.
2. All devices are guaranteed to trigger at an IF value less than or equal to max IFT. Therefore, recommended operating IF lies between max
2. IFT (15 mA for MOC3061, 10 mA for MOC3062, 5 mA for MOC3063) and absolute max IF (60 mA).
3. This is static dv/dt. See Figure 7 for test circuit. Commutating dv/dt is a function of the load–driving thyristor(s) only.
Figure 1. On–State Characteristics
–3
VTM, ON–STATE VOLTAGE (VOLTS)
–400
0
+400
+800
–2
–1
0
1
2
3
–600
–800
–200
+200
+600
4
–4
0.7
Figure 2. Inhibit Voltage versus Temperature
–40
TA, AMBIENT TEMPERATURE (°C)
0.8
1.1
1.3
–20
0
20
40
60
80
100
0.9
1
1.2
1.4
1.5
5
0.6
0.5
NORMALIZED TO
TA = 25°C
OUTPUT PULSE WIDTH – 80
µs
IF = 30 mA
f = 60 Hz
TA = 25°C
TYPICAL CHARACTERISTICS
TA = 25°C


Similar Part No. - MOC3063

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MOC3063 ETC-MOC3063 Datasheet
68Kb / 4P
   OPTICALLY COUPLED BILATERAL SWITCH LIGHT ACTIVATED ZERO VOLTAGE CROSSING TRIAC
logo
Lite-On Technology Corp...
MOC3063 LITEON-MOC3063 Datasheet
186Kb / 8P
   Property of Lite-On Only
logo
Shenzhen Tenand Technol...
MOC3063 TENAND-MOC3063 Datasheet
213Kb / 8P
   Property of Lite-on Only
logo
Guangdong Youtai Semico...
MOC3063 UMW-MOC3063 Datasheet
2Mb / 6P
   Zero Crossing Phase Triac Driven Optocoupler
MOC3063 UMW-MOC3063 Datasheet
2Mb / 6P
   Zero Crossing Phase Triac Driven Optocoupler
More results

Similar Description - MOC3063

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MOC3081 MOTOROLA-MOC3081 Datasheet
291Kb / 6P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
MOC3041 MOTOROLA-MOC3041 Datasheet
292Kb / 6P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
logo
Fairchild Semiconductor
MOC3081 FAIRCHILD-MOC3081 Datasheet
167Kb / 11P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output (800Volts Peak)
MOC3081M FAIRCHILD-MOC3081M Datasheet
543Kb / 11P
   6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT (800 VOLT PEAK)
MOC3081M FAIRCHILD-MOC3081M_05 Datasheet
537Kb / 11P
   6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT (800 VOLT PEAK)
MOC3041T-M FAIRCHILD-MOC3041T-M Datasheet
278Kb / 12P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output (250/400 Volt Peak)
MOC3031M FAIRCHILD-MOC3031M Datasheet
520Kb / 11P
   6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3082M FAIRCHILD-MOC3082M Datasheet
293Kb / 11P
   6-Pin Zero-Cross Optoisolators Triac Driver Output (800 Volt Peak)
MOC3081 FAIRCHILD-MOC3081 Datasheet
293Kb / 11P
   6-Pin Zero-Cross Optoisolators Triac Driver Output (800 Volt Peak)
logo
Everlight Electronics C...
EL303X EVERLIGHT-EL303X Datasheet
340Kb / 13P
   6 PIN DIP ZERO CROSS TRIAC DRIVER PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com