Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MOC3063 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MOC3063
Description  6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MOC3063 Datasheet(HTML) 4 Page - Motorola, Inc

  MOC3063 Datasheet HTML 1Page - Motorola, Inc MOC3063 Datasheet HTML 2Page - Motorola, Inc MOC3063 Datasheet HTML 3Page - Motorola, Inc MOC3063 Datasheet HTML 4Page - Motorola, Inc MOC3063 Datasheet HTML 5Page - Motorola, Inc MOC3063 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MOC3061 MOC3062 MOC3063
4
Motorola Optoelectronics Device Data
Rin
1
2
6
4
360
MOC3061–63
3
5
VCC
NOTE: This optoisolator should not be used to drive a load directly.
It is intended to be a trigger device only.
360
39
0.01
240 Vac
HOT
NEUTRAL
LOAD
Typical circuit for use when hot line switching is required.
In this circuit the “hot” side of the line is switched and the
load connected to the cold or neutral side. The load may be
connected to either the neutral or hot line.
Rin is calculated so that IF is equal to the rated IFT of the
part, 15 mA for the MOC3061, 10 mA for the MOC3062,
and 5 mA for the MOC3063. The 39 ohm resistor and 0.01
µF capacitor are for snubbing of the triac and may or may
not be necessary depending upon the particular triac and
load used.
Rin
R1
2
6
4
3
5
VCC
R2
LOAD
360
D1
1
SCR
SCR
D2
240 Vac
Suggested method of firing two, back–to–back SCR’s,
with a Motorola triac driver. Diodes can be 1N4001; resis-
tors, R1 and R2, are optional 330 ohms.
Figure 8. Hot–Line Switching Application Circuit
Figure 9. Inverse–Parallel SCR Driver Circuit
MOC3061–63


Similar Part No. - MOC3063

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MOC3063 ETC-MOC3063 Datasheet
68Kb / 4P
   OPTICALLY COUPLED BILATERAL SWITCH LIGHT ACTIVATED ZERO VOLTAGE CROSSING TRIAC
logo
Lite-On Technology Corp...
MOC3063 LITEON-MOC3063 Datasheet
186Kb / 8P
   Property of Lite-On Only
logo
Shenzhen Tenand Technol...
MOC3063 TENAND-MOC3063 Datasheet
213Kb / 8P
   Property of Lite-on Only
logo
Guangdong Youtai Semico...
MOC3063 UMW-MOC3063 Datasheet
2Mb / 6P
   Zero Crossing Phase Triac Driven Optocoupler
MOC3063 UMW-MOC3063 Datasheet
2Mb / 6P
   Zero Crossing Phase Triac Driven Optocoupler
More results

Similar Description - MOC3063

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MOC3081 MOTOROLA-MOC3081 Datasheet
291Kb / 6P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
MOC3041 MOTOROLA-MOC3041 Datasheet
292Kb / 6P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
logo
Fairchild Semiconductor
MOC3081 FAIRCHILD-MOC3081 Datasheet
167Kb / 11P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output (800Volts Peak)
MOC3081M FAIRCHILD-MOC3081M Datasheet
543Kb / 11P
   6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT (800 VOLT PEAK)
MOC3081M FAIRCHILD-MOC3081M_05 Datasheet
537Kb / 11P
   6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT (800 VOLT PEAK)
MOC3041T-M FAIRCHILD-MOC3041T-M Datasheet
278Kb / 12P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output (250/400 Volt Peak)
MOC3031M FAIRCHILD-MOC3031M Datasheet
520Kb / 11P
   6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3082M FAIRCHILD-MOC3082M Datasheet
293Kb / 11P
   6-Pin Zero-Cross Optoisolators Triac Driver Output (800 Volt Peak)
MOC3081 FAIRCHILD-MOC3081 Datasheet
293Kb / 11P
   6-Pin Zero-Cross Optoisolators Triac Driver Output (800 Volt Peak)
logo
Everlight Electronics C...
EL303X EVERLIGHT-EL303X Datasheet
340Kb / 13P
   6 PIN DIP ZERO CROSS TRIAC DRIVER PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com