Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL3174EIBZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL3174EIBZ
Description  짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3174EIBZ Datasheet(HTML) 5 Page - Intersil Corporation

  ISL3174EIBZ Datasheet HTML 1Page - Intersil Corporation ISL3174EIBZ Datasheet HTML 2Page - Intersil Corporation ISL3174EIBZ Datasheet HTML 3Page - Intersil Corporation ISL3174EIBZ Datasheet HTML 4Page - Intersil Corporation ISL3174EIBZ Datasheet HTML 5Page - Intersil Corporation ISL3174EIBZ Datasheet HTML 6Page - Intersil Corporation ISL3174EIBZ Datasheet HTML 7Page - Intersil Corporation ISL3174EIBZ Datasheet HTML 8Page - Intersil Corporation ISL3174EIBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
FN6307.5
June 8, 2012
Absolute Maximum Ratings
Thermal Information
VCC to GND. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7V
Input Voltages
DI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 7V
DE, RE (Note 20) . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 7V
Input/Output Voltages
A, B, Y, Z . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -8V to +13V
RO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to (VCC +0.3V)
Short Circuit Duration
Y, Z . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous
ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . See Specification Table
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Thermal Resistance (Typical, Note 4)
θJA (°C/W)
8 Ld SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . .
105
8 Ld MSOP Package . . . . . . . . . . . . . . . . . . . . . . . .
140
10 Ld MSOP Package . . . . . . . . . . . . . . . . . . . . . . .
190
14 Ld SOIC Package . . . . . . . . . . . . . . . . . . . . . . . .
128
Maximum Junction Temperature (Plastic Package) . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . .-65°C to +150°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTE:
4.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications
Test Conditions: VCC = 3.0V to 3.6V; Unless Otherwise Specified. Typicals are at VCC = 3.3V, TA = +25°C,
(Note 5)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 19)
TYP
MAX
(Note 19) UNITS
DC CHARACTERISTICS
Driver Differential VOUT
VOD
RL = 100Ω (RS-422) (Figure 1A, Note 16)
Full
2
2.3
-
V
RL = 54Ω (RS-485) (Figure 1A)
Full
1.5
2
VCC
V
No Load
-
-
VCC
RL = 60Ω, -7V ≤ VCM ≤ 12V (Figure 1B)
Full
1.5
2.2
-
V
Change in Magnitude of Driver
Differential VOUT for
Complementary Output States
ΔVOD
RL = 54Ω or 100Ω (Figure 1A)
Full
-
0.01
0.2
V
Driver Common-Mode VOUT
VOC
RL = 54Ω or 100Ω (Figure 1A)
Full
-
2
3
V
Change in Magnitude of Driver
Common-Mode VOUT for
Complementary Output States
ΔVOC
RL = 54Ω or 100Ω (Figure 1A)
Full
-
0.01
0.2
V
Logic Input High Voltage
VIH
DI, DE, RE
Full
2
-
-
V
Logic Input Low Voltage
VIL
DI, DE, RE
Full
-
-
0.8
V
Logic Input Hysteresis
VHYS
DE, RE (Note 15)
25
-
100
-
mV
Logic Input Current
IIN1
DI = DE = RE = 0V or VCC (Note 18)
Full
-2
-
2
μA
Input Current (A, B, A/Y, B/Z)
IIN2
DE = 0V, VCC = 0V or
3.6V
VIN = 12V
Full
-
80
125
μA
VIN = -7V
Full
-100
-50
-
μA
Output Leakage Current (Y, Z) (Full
Duplex Versions Only, Note 13)
IIN3
RE = 0V, DE = 0V,
VCC = 0V or 3.6V
VIN = 12V
Full
-
10
40
μA
VIN = -7V
Full
-40
-10
-
μA
Output Leakage Current (Y, Z)
in Shutdown Mode (Full Duplex,
Note 13)
IIN4
RE = VCC, DE = 0V,
VCC = 0V or 3.6V
VIN = 12V
Full
-
10
40
μA
VIN = -7V
Full
-40
-10
-
μA
Driver Short-Circuit Current,
VO = High or Low
IOSD1
DE = VCC, -7V ≤ VY or VZ ≤ 12V (Note 7)
Full
-
-
±250
mA
Receiver Differential Threshold
Voltage
VTH
-7V
≤ VCM ≤ 12V
Full
-200
-125
-50
mV
Receiver Input Hysteresis
ΔVTH
VCM = 0V
25
-
15
-
mV
ISL3170E, ISL3171E, ISL3172E, ISL3173E, ISL3174E, ISL3175E,ISL3176E, ISL3177E, ISL3178E


Similar Part No. - ISL3174EIBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3174EIBZ INTERSIL-ISL3174EIBZ Datasheet
802Kb / 19P
   짹15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL3174EIBZ INTERSIL-ISL3174EIBZ Datasheet
795Kb / 19P
   짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL3174EIBZ INTERSIL-ISL3174EIBZ Datasheet
767Kb / 19P
   ±15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
June 8, 2012
logo
Renesas Technology Corp
ISL3174EIBZ RENESAS-ISL3174EIBZ Datasheet
1Mb / 21P
   짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
More results

Similar Description - ISL3174EIBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL83070E INTERSIL-ISL83070E_06 Datasheet
802Kb / 17P
   짹15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL3170E INTERSIL-ISL3170E_07 Datasheet
795Kb / 19P
   짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3170E RENESAS-ISL3170E Datasheet
1Mb / 21P
   짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL83070E RENESAS-ISL83070E Datasheet
1,022Kb / 18P
   짹15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3172EIBZ-T INTERSIL-ISL3172EIBZ-T Datasheet
770Kb / 19P
   짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL3178AE INTERSIL-ISL3178AE Datasheet
486Kb / 14P
   짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL3170E INTERSIL-ISL3170E Datasheet
802Kb / 19P
   짹15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL3175EIBZ-T INTERSIL-ISL3175EIBZ-T Datasheet
787Kb / 19P
   짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL83070E INTERSIL-ISL83070E_07 Datasheet
766Kb / 17P
   짹15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL83070E INTERSIL-ISL83070E Datasheet
805Kb / 18P
   -15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com