Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R60100-1 Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # R60100-1
Description  Class RK5 600Vac, 70 to 600A Dual-Element, Time-Delay Fuses
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

R60100-1 Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  R60100-1 Datasheet HTML 1Page - Cooper Bussmann, Inc. R60100-1 Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ECSR
Class RK5 600Vac, 70 to 600A
Dual-Element, Time-Delay Fuses
Form No. ESCR 70-600
Page 2 of 2
Data Sheet #1318
07-10-07
BU-SB07255
Current Limitation Curves
Time-Current Characteristic Curves– Average
Melt
The only controlled copy of this document is the electronic read-only version maintained by Cooper Bussmann. All other copies of this document are by definition uncontrolled. This bulletin
is intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Cooper Bussmann reserves the right, with-
out notice, to change design or construction of any products and to discontinue or limit distribution of any products. Cooper Bussmann also reserves the right to change or update, without
notice, any technical information contained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
Current-Limiting Effects
ECSR Apparent RMS Symmetrical Let-Through Current
Prosp.
SCC
30A
60A
100A
200A
400A
600A
5000
1400
2000
2900
3950
5000
5000
10,000
1850
2650
3600
5100
8550
10,000
15,000
2200
3200
4100
5950
9750
13,700
20,000
2450
3550
4500
6600 10,700
15,000
25,000
2700
3900
4850
7150 11,500
16,100
30,000
2900
4280
5150
7650 12,200
17,050
35,000
3100
4400
5400
8100 12,800
17,900
40,000
3300
4760
5600
8500 13,400
18,700
50,000
3550
5150
6050
9250 14,400
20,050
60,000
3800
5500
6400
9850 15,250
21,250
80,000
4300
6100
7000
10,950 16,750
23,300
100,000
4500
6600
7550
11,900 18,000
25,000
150,000
5200
8000
8600
13,800 20,550
28,450
200,000
5800
8500
9400
15,350 22,550
31,200
Fuse Reducers For Class R Fuses
Equipment
Desired Fuse
Catalog Number
Fuse Clips
(Case) Size
(Pairs) 600V
200A
100A
No. 2621-R
400A
100A
No. 2641-R
200A
No. 642-R
100A
No. 2661-R
600A
200A
No. 2662-R
400A
No. 2664-R*
*Single reducer only (pair not required).


Similar Part No. - R60100-1

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
R601001 BELDEN-R601001 Datasheet
235Kb / 1P
   Cord Sets, DataTuff짰 Cat 6 IP20 Metal-Body RJ45 Cord Set, 1m
More results

Similar Description - R60100-1

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
ECSR EATON-ECSR Datasheet
197Kb / 2P
   Class RK5 600Vac, 1 to 60A Dual-Element, Time-Delay Fuses
logo
List of Unclassifed Man...
FRN-R-70 ETC2-FRN-R-70 Datasheet
577Kb / 4P
   FRN-R Class RK5 250Vac, 125/250Vdc 70-600A, dual element, time-delay fuses
logo
Eaton All Rights Reserv...
FRN-R-70 EATON-FRN-R-70 Datasheet
577Kb / 4P
   Fusetron??FRN-R Class RK5 250Vac, 125/250Vdc 70-600A, dual element, time-delay fuses
logo
Cooper Bussmann, Inc.
FRN-R-70 COOPER-FRN-R-70 Datasheet
577Kb / 4P
   Fusetron??FRN-R Class RK5 250Vac, 125/250Vdc 70-600A, dual element, time-delay fuses
logo
Eaton All Rights Reserv...
LPJ-70SP EATON-LPJ-70SP Datasheet
820Kb / 4P
   Low-Peak??LPJ Class J 600Vac/300Vdc, 70-600A, dual element, time-delay fuses
logo
Cooper Bussmann, Inc.
FRN-R-30 COOPER-FRN-R-30 Datasheet
332Kb / 2P
   Dual-Element, Time-Delay Fuses Class RK5 - 250 Volt
FRS-R-50 COOPER-FRS-R-50 Datasheet
74Kb / 2P
   Dual-Element, Time-Delay Fuses Class RK5 600 Volt
FRS-R-9 COOPER-FRS-R-9 Datasheet
83Kb / 2P
   Class RK5, Dual-element, Time Delay
logo
List of Unclassifed Man...
ECNR60 ETC2-ECNR60 Datasheet
254Kb / 2P
   Class RK5 250Vac, 1 to 60A Dual-Element, Time-Delay Fuses
logo
Cooper Bussmann, Inc.
FRS-R-600 COOPER-FRS-R-600 Datasheet
207Kb / 3P
   FRS-R 600Vac/300Vdc, 65-600A, Dual Element, Time-Delay Fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com