Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LCX16373 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # 74LCX16373
Description  Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX16373 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74LCX16373 Datasheet HTML 1Page - Fairchild Semiconductor 74LCX16373 Datasheet HTML 2Page - Fairchild Semiconductor 74LCX16373 Datasheet HTML 3Page - Fairchild Semiconductor 74LCX16373 Datasheet HTML 4Page - Fairchild Semiconductor 74LCX16373 Datasheet HTML 5Page - Fairchild Semiconductor 74LCX16373 Datasheet HTML 6Page - Fairchild Semiconductor 74LCX16373 Datasheet HTML 7Page - Fairchild Semiconductor 74LCX16373 Datasheet HTML 8Page - Fairchild Semiconductor 74LCX16373 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
www.fairchildsemi.com
DC Electrical Characteristics (Continued)
Note 7: Outputs disabled or 3-STATE only.
AC Electrical Characteristics
Note 8: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The
specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH). Parameter guaranteed by design.
Dynamic Switching Characteristics
Capacitance
Symbol
Parameter
Conditions
VCC
TA 40qC to 85qC
Units
(V)
Min
Max
ICC
Quiescent Supply Current
VI VCC or GND
2.3
 3.6
20
PA
3.6V
d VI, VO d 5.5V (Note 7)
2.3
 3.6
r20
'ICC
Increase in ICC per Input
VIH VCC 0.6V
2.3
 3.6
500
PA
Symbol
Parameter
TA 40qC to 85qC, RL 500:
Units
VCC 3.3V r 0.3V
VCC 2.7V
VCC 2.5V r 0.2V
CL 50 pF
CL 50 pF
CL 30 pF
Min
Max
Min
Max
Min
Max
tPHL
Propagation Delay
1.5
5.4
1.5
5.9
1.5
6.5
ns
tPLH
In to On
1.55.4
1.55.9
1.56.5
tPHL
Propagation Delay
1.5
5.5
1.5
6.4
1.5
6.6
ns
tPLH
LE to On
1.55.5
1.56.4
1.56.6
tPZL
Output Enable Time
1.5
6.1
1.5
6.5
1.5
7.9
ns
tPZH
1.56.1
1.56.5
1.57.9
tPLZ
Output Disable Time
1.5
6.0
1.5
6.3
1.5
7.2
ns
tPHZ
1.56.0
1.56.3
1.57.2
tS
Setup Time, In to LE
2.5
2.5
3.0
ns
tH
Hold Time, In to LE
1.5
1.5
2.0
ns
tW
LE Pulse Width
3.0
3.0
3.5
ns
tOSHL
Output to Output Skew (Note 8)
1.0
ns
tOSLH
1.0
Symbol
Parameter
Conditions
VCC
TA 25qC
Units
(V)
Typical
VOLP
Quiet Output Dynamic Peak VOL
CL 50 pF, VIH 3.3V, VIL 0V
3.3
0.8
V
CL 30 pF, VIH 2.5V, VIL 0V
2.5
0.6
VOLV
Quiet Output Dynamic Valley VOL
CL 50 pF, VIH 3.3V, VIL 0V
3.3
0.8
V
CL 30 pF, VIH 2.5V, VIL 0V
2.5
0.6
Symbol
Parameter
Conditions
Typical
Units
CIN
Input Capacitance
VCC Open, VI 0V or VCC
7pF
COUT
Output Capacitance
VCC 3.3V, VI 0V or VCC
8pF
CPD
Power Dissipation Capacitance
VCC 3.3V, VI 0V or VCC, f 10 MHz
20
pF


Similar Part No. - 74LCX16373

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LCX16373 STMICROELECTRONICS-74LCX16373 Datasheet
76Kb / 9P
   LOW VOLTAGE CMOS 16-BIT D-TYPE LATCH(3-STATE)WITH 5V TOLERANT INPUTS AND OUTPUTS
74LCX16373 STMICROELECTRONICS-74LCX16373 Datasheet
282Kb / 10P
   LOW VOLTAGE CMOS 16-BIT D-TYPE LATCH (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
ON Semiconductor
74LCX16373 ONSEMI-74LCX16373 Datasheet
237Kb / 12P
   Low Voltage 16-Bit Transparent Latch 5V Tolerant Inputs and Outputs
Revised May 2005
74LCX16373G ONSEMI-74LCX16373G Datasheet
237Kb / 12P
   Low Voltage 16-Bit Transparent Latch 5V Tolerant Inputs and Outputs
Revised May 2005
74LCX16373MEA ONSEMI-74LCX16373MEA Datasheet
237Kb / 12P
   Low Voltage 16-Bit Transparent Latch 5V Tolerant Inputs and Outputs
Revised May 2005
More results

Similar Description - 74LCX16373

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LCX16373 NSC-54LCX16373 Datasheet
106Kb / 5P
   Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX16373 ONSEMI-74LCX16373 Datasheet
237Kb / 12P
   Low Voltage 16-Bit Transparent Latch 5V Tolerant Inputs and Outputs
Revised May 2005
logo
Fairchild Semiconductor
74LCX16841 FAIRCHILD-74LCX16841 Datasheet
91Kb / 8P
   Low Voltage 20-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
74LCX841 FAIRCHILD-74LCX841 Datasheet
88Kb / 8P
   Low Voltage 10-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
74LCX16841 FAIRCHILD-74LCX16841 Datasheet
79Kb / 8P
   Low Voltage 20-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
74LCX373 FAIRCHILD-74LCX373 Datasheet
747Kb / 15P
   Low Voltage Octal Transparent Latch with 5V Tolerant Inputs and Outputs
74VCX16373 FAIRCHILD-74VCX16373 Datasheet
125Kb / 10P
   Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs
74LCX373 FAIRCHILD-74LCX373_08 Datasheet
670Kb / 15P
   Low Voltage Octal Transparent Latch with 5V Tolerant Inputs and Outputs
74LCX32373 FAIRCHILD-74LCX32373 Datasheet
252Kb / 8P
   Low Voltage 32-Bit Transparent Latch with 5V Tolerant Inputs and Outputs Preliminary
74ALVC16373 FAIRCHILD-74ALVC16373 Datasheet
124Kb / 8P
   Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com