Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LCX138MTCX Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # 74LCX138MTCX
Description  Low Voltage 1-of-8 Decoder/Demultiplexer with 5V Tolerant Inputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX138MTCX Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button 74LCX138MTCX Datasheet HTML 4Page - Fairchild Semiconductor 74LCX138MTCX Datasheet HTML 5Page - Fairchild Semiconductor 74LCX138MTCX Datasheet HTML 6Page - Fairchild Semiconductor 74LCX138MTCX Datasheet HTML 7Page - Fairchild Semiconductor 74LCX138MTCX Datasheet HTML 8Page - Fairchild Semiconductor 74LCX138MTCX Datasheet HTML 9Page - Fairchild Semiconductor 74LCX138MTCX Datasheet HTML 10Page - Fairchild Semiconductor 74LCX138MTCX Datasheet HTML 11Page - Fairchild Semiconductor 74LCX138MTCX Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
www.fairchildsemi.com
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
16-Terminal Depopulated Quad Very-Thin Flat Pack No Leads (DQFN), JEDEC MO-241, 2.5 x 3.5mm
Package Number MLP016E


Similar Part No. - 74LCX138MTCX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LCX138MTC ONSEMI-74LCX138MTC Datasheet
513Kb / 14P
   Low Voltage 1-of-8 Decoder/Demultiplexer
Revised December 2013
More results

Similar Description - 74LCX138MTCX

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LCX138 MOTOROLA-MC74LCX138 Datasheet
162Kb / 8P
   Low-Voltage CMOS 1-of-8 Decoder/Demultiplexer With 5V-Tolerant Inputs
logo
Fairchild Semiconductor
74LVQ138 FAIRCHILD-74LVQ138 Datasheet
98Kb / 8P
   Low Voltage 1-of-8 Decoder/Demultiplexer
74LVX138 FAIRCHILD-74LVX138 Datasheet
79Kb / 7P
   Low Voltage 1-of-8 Decoder/Demultiplexer
logo
ON Semiconductor
74LVX157 ONSEMI-74LVX157 Datasheet
183Kb / 9P
   Low Voltage 1-of-8 Decoder/Demultiplexer
Revised October 2003
74LCX138 ONSEMI-74LCX138 Datasheet
513Kb / 14P
   Low Voltage 1-of-8 Decoder/Demultiplexer
Revised December 2013
logo
Fairchild Semiconductor
74LVQ138 FAIRCHILD-74LVQ138_01 Datasheet
71Kb / 6P
   Low Voltage 1-of-8 Decoder/Demultiplexer
logo
ON Semiconductor
74LVX138 ONSEMI-74LVX138 Datasheet
185Kb / 9P
   Low Voltage 1-of-8 Decoder/Demultiplexer
Revised October 2003
MC74HCT138A ONSEMI-MC74HCT138A Datasheet
218Kb / 6P
   1-of-8 Decoder/Demultiplexer with LSTTL Compatible Inputs
1995 REV 6
logo
Motorola, Inc
MC74HCT138A MOTOROLA-MC74HCT138A Datasheet
218Kb / 6P
   1-of-8 Decoder/Demultiplexer with LSTTL Compatible Inputs
logo
ON Semiconductor
MC74HCT138A ONSEMI-MC74HCT138A_15 Datasheet
100Kb / 7P
   1-of-8 Decoder/ Demultiplexer with LSTTL Compatible Inputs
June, 2015 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com