Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WSR2 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # WSR2
Description  Power Metal Strip® Resistors, Low Value (down to 0.001 Ohm), Surface Mount
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WSR2 Datasheet(HTML) 2 Page - Vishay Siliconix

  WSR2 Datasheet HTML 1Page - Vishay Siliconix WSR2 Datasheet HTML 2Page - Vishay Siliconix WSR2 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
WSR
www.vishay.com
Vishay Dale
Revision: 17-Jan-13
2
Document Number: 30101
For technical questions, contact: ww2bresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS
DERATING
Note
• Embossed Carrier Tape per EIA-481.
MODEL
DIMENSIONS in inches (millimeters)
LH
T
W
W1
WSR2
WSR3
0.455 ± 0.032
(11.56 ± 0.813)
0.095 ± 0.005
(2.41 ± 0.127)
0.100 ± 0.010
(2.54 ± 0.254)
0.275 ± 0.005
(6.98 ± 0.127)
0.215 ± 0.005
(5.46 ± 0.127)
MODEL
SOLDER PAD DIMENSIONS in inches (millimeters)
ab
l
WSR2
WSR3
0.155
(3.94)
0.230
(5.84)
0.205
(5.21)
PERFORMANCE
TEST
CONDITIONS OF TEST
TEST LIMITS
WSR2
WSR3
Thermal shock
- 55 °C to + 150 °C, 1000 cycles, 15 min at each extreme
± (0.5 % + 0.0005
) R ± (0.5 % + 0.0005 ) R
Short time overload
WSR2: 5 x rated power for 5 s
WSR3: 4 x rated power for 5 s
± (0.5 % + 0.0005
) R ± (2.0 % + 0.0005 ) R
Low temperature storage
- 65 °C for 24 h
± (0.5 % + 0.0005
) R ± (0.5 % + 0.0005 ) R
High temperature
exposure
1000 h at + 275 °C
± (1.0 % + 0.0005
) R ± (1.0 % + 0.0005 ) R
Bias humidity
+ 85 °C, 85 % RH, 10 % bias, 1000 h
± (0.5 % + 0.0005
) R ± (0.5 % + 0.0005 ) R
Mechanical shock
100 g’s for 6 ms, 5 pulses
± (0.5 % + 0.0005
) R ± (0.5 % + 0.0005 ) R
Vibration
Frequency varied 10 Hz to 2000 Hz in 1 min, 3 directions, 12 h ± (0.5 % + 0.0005
) R ± (0.5 % + 0.0005 ) R
Load life
1000 h at rated power, + 70 °C, 1.5 h “ON”, 0.5 h “OFF”
± (1.0 % + 0.0005
) R ± (2.0 % + 0.0005 ) R
Resistance to solder heat
+ 260 °C solder, 10 s to 12 s dwell, 25 mm/s emergence
± (0.5 % + 0.0005
) R ± (0.5 % + 0.0005 ) R
Moisture resistance
MIL-STD-202, method 106, 0 % power, 7a and 7b not
required
± (0.5 % + 0.0005
) R ± (0.5 % + 0.0005 ) R
W
L
T
W1
H
I
a
b
- 65
- 25
25
75
125
175
225
275
Ambient Temperature °C
70
0
20
40
60
80
100
120
PACKAGING
MODEL
REEL
TAPE WIDTH
DIAMETER
PIECES/REEL
CODE
WSR2 and WSR3
24 mm/embossed plastic
330 mm/13"
1500
EA


Similar Part No. - WSR2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSR2 VISHAY-WSR2 Datasheet
237Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 26-Mar-07
logo
Shenzhen Guan Hua Wei Y...
WSR200N08 WIINSOK-WSR200N08 Datasheet
676Kb / 7P
   N-Ch MOSFET
logo
SHENZHEN DOINGTER SEMIC...
WSR200N08 DOINGTER-WSR200N08 Datasheet
963Kb / 4P
   N-Channel MOSFET uses advanced trench technology
logo
Shenzhen Guan Hua Wei Y...
WSR200N08A WIINSOK-WSR200N08A Datasheet
939Kb / 7P
   N-Ch MOSFET
logo
Vishay Siliconix
WSR21L000FEA VISHAY-WSR21L000FEA Datasheet
107Kb / 4P
   Power Metal Strip® Resistors, Low Value (Down to 0.001 Ω), Surface Mount
01-Jan-2022
More results

Similar Description - WSR2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSR VISHAY-WSR_15 Datasheet
84Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 ohm), Surface Mount
Revision: 17-Jan-13
WSR3R0800FEA VISHAY-WSR3R0800FEA Datasheet
89Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ohm), Surface Mount
Revision: 17-Jan-13
WSR21R000FTA VISHAY-WSR21R000FTA Datasheet
89Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ohm), Surface Mount
Revision: 17-Jan-13
WSR3R0300FEA VISHAY-WSR3R0300FEA Datasheet
89Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ohm), Surface Mount
Revision: 17-Jan-13
WSR3R2000FEA VISHAY-WSR3R2000FEA Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ohm), Surface Mount
Revision: 17-Jan-13
WSR5R2000FEA VISHAY-WSR5R2000FEA Datasheet
91Kb / 3P
   Power Metal Strip Resistors, Low Value (down to 0.001 Ohm), Surface Mount
Revision: 18-Jan-13
WSR5R2200FEA VISHAY-WSR5R2200FEA Datasheet
96Kb / 3P
   Power Metal Strip Resistors, Low Value (down to 0.001 Ohm), Surface Mount
Revision: 18-Jan-13
WSL2512R0150FEA VISHAY-WSL2512R0150FEA Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 12-Aug-09
WSL2512R4700FEA VISHAY-WSL2512R4700FEA Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 12-Aug-09
WSR3R0200FEA VISHAY-WSR3R0200FEA Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 01-Jul-09
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com