Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LCX07 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # 74LCX07
Description  Low Voltage Hex Buffer with Open Drain Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX07 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74LCX07 Datasheet HTML 1Page - Fairchild Semiconductor 74LCX07 Datasheet HTML 2Page - Fairchild Semiconductor 74LCX07 Datasheet HTML 3Page - Fairchild Semiconductor 74LCX07 Datasheet HTML 4Page - Fairchild Semiconductor 74LCX07 Datasheet HTML 5Page - Fairchild Semiconductor 74LCX07 Datasheet HTML 6Page - Fairchild Semiconductor 74LCX07 Datasheet HTML 7Page - Fairchild Semiconductor 74LCX07 Datasheet HTML 8Page - Fairchild Semiconductor 74LCX07 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
www.fairchildsemi.com
AC Loading and Waveforms
FIGURE 1. AC Test Circuit
(CL includes probe and jig capacitance)
3-STATE Output Low Enable and
Disable Times for Logic
trise and tfall
FIGURE 2. Waveforms
(Input Pulse Characteristics; f =1MHz, tr = tf = 3ns)
Test
Switch
tPZL, tPLZ
VCC x 2 at VCC 5.0 r 0.5V
6V at VCC 3.3 r 0.3V
VCC x 2 at VCC 2.5 r 0.2V
Symbol
VCC
5.0V
r 0.5V
3.3V
r 0.3V
2.7V
2.5V
r 0.2V
Vmi
VCC/2
1.5V
1.5V
VCC/2
Vmo
VCC/2
1.5V
1.5V
VCC/2
Vx
VOL  0.3V
VOL  0.3V
VOL  0.3V
VOL  0.15V
Vy
VOH  0.3V
VOH  0.3V
VOH  0.3V
VOH  0.15V


Similar Part No. - 74LCX07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LCX07 STMICROELECTRONICS-74LCX07 Datasheet
193Kb / 11P
   LOW VOLTAGE CMOS HEX BUFFER (OPEN DRAIN) WITH 5V TOLERANT INPUTS
74LCX07 STMICROELECTRONICS-74LCX07 Datasheet
225Kb / 15P
   Low voltage CMOS HEX buffer (open drain) with 5V tolerant inputs
74LCX07 STMICROELECTRONICS-74LCX07 Datasheet
252Kb / 16P
   Low-voltage CMOS hex buffer (open drain)
logo
ON Semiconductor
74LCX07 ONSEMI-74LCX07 Datasheet
693Kb / 13P
   Low Voltage Hex Buffer with Open Drain Outputs
December 2013 Rev. 1.11.1
logo
Fairchild Semiconductor
74LCX07BQX FAIRCHILD-74LCX07BQX Datasheet
680Kb / 12P
   Low Voltage Hex Buffer with Open Drain Outputs
More results

Similar Description - 74LCX07

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LCX07 ONSEMI-74LCX07 Datasheet
693Kb / 13P
   Low Voltage Hex Buffer with Open Drain Outputs
December 2013 Rev. 1.11.1
logo
Fairchild Semiconductor
74LCX07 FAIRCHILD-74LCX07_08 Datasheet
680Kb / 12P
   Low Voltage Hex Buffer with Open Drain Outputs
74LCX07MX FAIRCHILD-74LCX07MX Datasheet
680Kb / 12P
   Low Voltage Hex Buffer with Open Drain Outputs
74LCX06 FAIRCHILD-74LCX06 Datasheet
60Kb / 7P
   Low Voltage Hex Inverter/Buffer with Open Drain Outputs
logo
ON Semiconductor
MC74LCX07 ONSEMI-MC74LCX07_12 Datasheet
127Kb / 6P
   Low-Voltage CMOS Hex Buffer with Open Drain Outputs
July, 2012 ??Rev. 13
MC74LCX07 ONSEMI-MC74LCX07_V01 Datasheet
259Kb / 8P
   Low-Voltage CMOS Hex Buffer with Open Drain Outputs
October, 2012 ??Rev. 14
74LCX06 ONSEMI-74LCX06 Datasheet
255Kb / 8P
   Low Voltage Hex Inverter/Buffer with Open Drain Outputs
January 2008 Rev. 1.8.0
MC74LCX07 ONSEMI-MC74LCX07 Datasheet
81Kb / 6P
   Low-Voltage CMOS Hex Buffer with Open Drain Outputs
May, 2005 ??Rev. 10
logo
Fairchild Semiconductor
74LCX06 FAIRCHILD-74LCX06_01 Datasheet
78Kb / 7P
   Low Voltage Hex Inverter/Buffer with Open Drain Outputs
logo
Nexperia B.V. All right...
74LVC07A-Q100 NEXPERIA-74LVC07A-Q100 Datasheet
227Kb / 13P
   Hex buffer with open-drain outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com