Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE1215MC Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # NTE1215MC
Description  Isolated 1W Single Output SM DC/DC Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NTE1215MC Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  NTE1215MC Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NTE1215MC Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NTE1215MC Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NTE1215MC Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NTE1215MC Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NTE1215MC Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NTE Series
Isolated 1W Single Output SM DC/DC Converters
KDC_NTE.K03 Page 4 of 6
www.murata-ps.com/support
APPLICATION NOTES (continued)
Output Ripple Reduction
By using the values of inductance and capacitance stated, the output ripple at the rated load is lowered to 5mV p-p max.
Component selection
Capacitor: It is required that the ESR (Equivalent Series Resistance) should be as low as possible, ceramic types are recommended.
The voltage rating should be at least twice (except for 15V output), the rated output voltage of the DC/DC converter.
Inductor: The rated current of the inductor should not be less than that of the output of the DC/DC converter. At the rated current, the DC resistance of the inductor
should be such that the voltage drop across the inductor is <2% of the rated voltage of the DC/DC converter. The SRF (Self Resonant Frequency) should be
>20MHz.
DC
DC
L
C
Load
Power
Source
Inductor
Capacitor
L, μH
SMD
Through Hole
C, μF
NTE0303MC
10
82103C
11R103C
4.7
NTE0305MC
47
82473C
11R103C
4.7
NTE0309MC
22
82223C
11R223C
2.2
NTE0312MC
10
82103C
11R103C
1
NTE0315MC
47
82473C
11R473C
1
NTE0503MC
10
82103C
11R103C
4.7
NTE0505MC
47
82473C
11R473C
4.7
NTE0505MEC
47
82473C
11R473C
4.7
NTE0506MC
10
82103C
11R103C
4.7
NTE0509MC
22
82223C
11R223C
2.2
NTE0512MC
47
82473C
11R473C
1
NTE0515MC
47
82473C
11R473C
1
NTE1205MC
47
82473C
11R473C
4.7
NTE1209MC
22
82223C
11R223C
2.2
NTE1212MC
47
82473C
11R473C
1
NTE1215MC
47
82473C
11R473C
1


Similar Part No. - NTE1215MC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NTE1215MC MURATA-NTE1215MC Datasheet
221Kb / 6P
   Isolated 1W Single Output SM DC/DC Converters
NTE1215MC MURATA-NTE1215MC Datasheet
221Kb / 6P
   Isolated 1W Single Output SM DC/DC Converters
logo
Murata Power Solutions ...
NTE1215MC MURATA-PS-NTE1215MC Datasheet
237Kb / 8P
   Isolated 1W Single Output SM DC-DC Converters
2023
More results

Similar Description - NTE1215MC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NTE0505MC-R MURATA-NTE0505MC-R Datasheet
221Kb / 6P
   Isolated 1W Single Output SM DC/DC Converters
MTU1 MURATA-MTU1 Datasheet
159Kb / 6P
   Isolated 1W Single Output SM DC/DC Converters
logo
C&D Technologies
NTE CANDD-NTE Datasheet
373Kb / 2P
   Isolated 1W Single Output SM DC/DC Converters
logo
Murata Manufacturing Co...
NXJ1 MURATA-NXJ1 Datasheet
343Kb / 10P
   Isolated 1W Single Output SM DC/DC Converters
MTE1S0303MC MURATA-MTE1S0303MC Datasheet
200Kb / 7P
   Isolated 1W Single Output SM DC/DC Converters
NTE0305MC-R MURATA-NTE0305MC-R Datasheet
221Kb / 6P
   Isolated 1W Single Output SM DC/DC Converters
logo
Murata Power Solutions ...
MTU1 MURATA-PS-MTU1 Datasheet
159Kb / 6P
   Isolated 1W Single Output SM DC/DC Converters
NXE1 MURATA-PS-NXE1 Datasheet
1Mb / 8P
   Isolated 1W Single Output SM DC/DC Converters
MTU1S0305MC MURATA-PS-MTU1S0305MC Datasheet
261Kb / 7P
   Isolated 1W Single & Dual Output SM DC/DC Converters
logo
Murata Manufacturing Co...
KDC_NTA MURATA-KDC_NTA Datasheet
159Kb / 4P
   Isolated 1W Dual Output SM DC/DC Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com