Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJG1695ME7 Datasheet(PDF) 10 Page - New Japan Radio

Part # NJG1695ME7
Description  High Isolation X-SP4T (DP8T) SWITCH
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1695ME7 Datasheet(HTML) 10 Page - New Japan Radio

Back Button NJG1695ME7 Datasheet HTML 4Page - New Japan Radio NJG1695ME7 Datasheet HTML 5Page - New Japan Radio NJG1695ME7 Datasheet HTML 6Page - New Japan Radio NJG1695ME7 Datasheet HTML 7Page - New Japan Radio NJG1695ME7 Datasheet HTML 8Page - New Japan Radio NJG1695ME7 Datasheet HTML 9Page - New Japan Radio NJG1695ME7 Datasheet HTML 10Page - New Japan Radio NJG1695ME7 Datasheet HTML 11Page - New Japan Radio NJG1695ME7 Datasheet HTML 12Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
NJG1695ME7
- 10 -
I
TEST PCB LAYOUT
(TOP VIEW)
<PCB LAYOUT GUIDELINE>
PRECAUTIONS
[1] The DC current at RF ports must be equal to zero, which can be achieved with DC blocking capacitors
(C1~C10).
(However, in case there is no possibility that DC current flows, the DC blocking capacitors are unnecessary, i.e.
the RF signals are fed by SAW filters that block DC current by nature, etc.)
[2] To reduce stripline influence on RF characteristics, please locate the bypass capacitor (C11) close to VDD
terminal.
[3] For good isolation, the GND terminals must be connected to the PCB ground plane of substrate, and the
through-holes connecting the backside ground plane should be placed near by the pin connection.
PCB:
FR-4, t=0.2mm
Capacitor Size:
0603, 1005
Strip Line Width:
0.4mm
PCB Size:
53 x 40mm
C1
C2
C3
C4
C5 C6
C7
C8
C9
C10
C11
PCA
PCB
P1B
P1A
P2A
P2B
P3B
P3A
P4B
P4A
Paths
Frequency
(GHz)
Loss
(dB)
1.0
0.50
2.0
0.84
PCA-P1A,
PCB-P1B,
PCA-P3A,
PCB-P3B
2.7
1.10
1.0
0.46
2.0
0.77
PCA-P2A,
PCB-P2B,
PCA-P4A,
PCB-P4B
2.7
0.97
Losses of PCB, capacitors and connectors
1
2
3
4
5
14
13
12
11
10
6
7
8
9
18
17
16
15
PCB Pattern
Through-hole (radius: 0.15mm)
Pin
Note2:
The ground plane and the through-holes under Tab, as shown
in the picture, are not necessities. There is no problem in
deleting them in the practical PCB design, though in such case
beware that the GND terminals (pin 10 and 14 as for this
particular design shown in the picture) still need through-holes
being located in their vicinities.


Similar Part No. - NJG1695ME7

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1690MD7 NJRC-NJG1690MD7 Datasheet
273Kb / 12P
   HIGH ISOLATION X-SPDT (DP4T) SWITCH GaAs MMIC
NJG1692NB2 NJRC-NJG1692NB2 Datasheet
130Kb / 10P
   X-SPDT SWITCH GaAs MMIC
More results

Similar Description - NJG1695ME7

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-010350 MA-COM-MASW-010350 Datasheet
193Kb / 6P
   SP4T High Isolation Terminated Switch
logo
RF Micro Devices
RFSW6042 RFMD-RFSW6042 Datasheet
1Mb / 12P
   Low Insertion High Isolation SP4T Switch
logo
Pasternack Enterprises,...
PE71S5004 PASTERNACK-PE71S5004 Datasheet
1Mb / 7P
   75 dB High Isolation SP4T PIN Diode Switch
logo
Skyworks Solutions Inc.
SKY13524-639LF SKYWORKS-SKY13524-639LF Datasheet
535Kb / 10P
   0.7 to 3.0 GHz High Isolation SP4T Switch
logo
Qorvo, Inc
QPC6044 QORVO-QPC6044 Datasheet
1Mb / 12P
   5MHz to 6GHz Absorptive High Isolation SP4T Switch
April 9, 2020
logo
List of Unclassifed Man...
MASW-010350 ETC1-MASW-010350 Datasheet
200Kb / 7P
   SP4T High Isolation Terminated Switch 0.01 - 4.0 GHz
logo
Pasternack Enterprises,...
PE71S5003 PASTERNACK-PE71S5003 Datasheet
1Mb / 7P
   80 dB High Isolation SP4T PIN Diode Switch
logo
Mini-Circuits
ZSWA-4-30DR MINI-ZSWA-4-30DR Datasheet
66Kb / 1P
   Switch High Isolation, SP4T, 50??DC to 3 GHz
logo
New Japan Radio
NJG1663K44 NJRC-NJG1663K44 Datasheet
349Kb / 12P
   X-SP4T SWITCH GaAs MMIC
logo
Skyworks Solutions Inc.
SKY13392-359LF SKYWORKS-SKY13392-359LF Datasheet
980Kb / 10P
   0.02-4.0 GHz High Isolation SP4T Absorptive Switch With Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com