Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STW57N65M5-4 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STW57N65M5-4
Description  N-channel 650 V, 0.056typ., 42 A, MDmesh??V Power MOSFET in a TO247-4 package
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW57N65M5-4 Datasheet(HTML) 5 Page - STMicroelectronics

  STW57N65M5-4 Datasheet HTML 1Page - STMicroelectronics STW57N65M5-4 Datasheet HTML 2Page - STMicroelectronics STW57N65M5-4 Datasheet HTML 3Page - STMicroelectronics STW57N65M5-4 Datasheet HTML 4Page - STMicroelectronics STW57N65M5-4 Datasheet HTML 5Page - STMicroelectronics STW57N65M5-4 Datasheet HTML 6Page - STMicroelectronics STW57N65M5-4 Datasheet HTML 7Page - STMicroelectronics STW57N65M5-4 Datasheet HTML 8Page - STMicroelectronics STW57N65M5-4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
DocID024559 Rev 1
5/14
STW57N65M5-4
Electrical characteristics
Table 6. Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(V)
Voltage delay time
VDD = 400 V, ID = 28 A,
RG = 4.7 Ω, VGS = 10 V
(see Figure 17)
(see Figure 20)
-79
-
ns
tr(V)
Voltage rise time
-
9
-
ns
tf(i)
Current fall time
-
8
-
ns
tc(off)
Crossing time
-
14
-
ns
Table 7. Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain current
-
42
A
ISDM
(1)
1.
Pulse width limited by safe operating area
Source-drain current (pulsed)
-
168
A
VSD
(2)
2.
Pulsed: pulse duration = 300 µs, duty cycle 1.5%
Forward on voltage
ISD = 42 A, VGS = 0
-
1.5
V
trr
Reverse recovery time
ISD = 42 A,
di/dt = 100 A/µs
VDD = 100 V (see Figure 17)
-
418
ns
Qrr
Reverse recovery charge
-
8
µC
IRRM
Reverse recovery current
-
40
A
trr
Reverse recovery time
ISD = 42 A,
di/dt = 100 A/µs
VDD = 100 V, Tj = 150 °C
(see Figure 17)
-
528
ns
Qrr
Reverse recovery charge
-
12
µC
IRRM
Reverse recovery current
-
44
A


Similar Part No. - STW57N65M5-4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW57N65M5 STMICROELECTRONICS-STW57N65M5 Datasheet
1Mb / 22P
   N-channel 650 V, 0.056 廓 typ., 42 A MDmesh??V Power MOSFET in I짼PAK, TO-220, TO-220FP and D짼PAK packages
logo
Inchange Semiconductor ...
STW57N65M5 ISC-STW57N65M5 Datasheet
417Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STW57N65M5 STMICROELECTRONICS-STW57N65M5_V01 Datasheet
1,021Kb / 17P
   N-channel 650 V, 0.056 Ω typ., 42 A MDmesh™ V Power MOSFETs in TO-247 and TO-247 long leads packages
December 2013
More results

Similar Description - STW57N65M5-4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB57N65M5 STMICROELECTRONICS-STB57N65M5 Datasheet
1Mb / 22P
   N-channel 650 V, 0.056 typ., 42 A MDmesh V Power MOSFET
STW38N65M5-4 STMICROELECTRONICS-STW38N65M5-4 Datasheet
393Kb / 13P
   N-channel 650 V, 0.073 typ., 30 A MDmesh M5 Power MOSFET in a TO247-4 package
April 2016 Rev 1
STW68N65DM6-4AG STMICROELECTRONICS-STW68N65DM6-4AG Datasheet
263Kb / 12P
   Automotive N-channel 650 V, 33 m廓 typ., 72 A MDmesh DM6 Power MOSFET in a TO247?? package
Rev 2 - July 2020
STY139N65M5 STMICROELECTRONICS-STY139N65M5 Datasheet
971Kb / 13P
   N-channel 650 V, 0.014 廓 typ., 130 A, MDmesh??V Power MOSFET in Max247 package
STW57N65M5 STMICROELECTRONICS-STW57N65M5 Datasheet
1Mb / 22P
   N-channel 650 V, 0.056 廓 typ., 42 A MDmesh??V Power MOSFET in I짼PAK, TO-220, TO-220FP and D짼PAK packages
STY145N65M5 STMICROELECTRONICS-STY145N65M5 Datasheet
788Kb / 13P
   N-channel 650 V, 0.012 廓 typ., 138 A, MDmesh??V Power MOSFET in Max247 package
STF57N65M5 STMICROELECTRONICS-STF57N65M5 Datasheet
1Mb / 22P
   N-channel 650 V, 0.056 廓 typ., 42 A MDmesh??V Power MOSFET in I짼PAK, TO-220, TO-220FP and D짼PAK packages
STFI20NM65N STMICROELECTRONICS-STFI20NM65N Datasheet
783Kb / 12P
   N-channel 650 V, 15 A, 0.250 廓 typ., MDmesh??II Power MOSFET in a I짼PAKFP package
December 2013 Rev 1
STL57N65M5 STMICROELECTRONICS-STL57N65M5 Datasheet
1Mb / 16P
   N-channel 650 V, 0.061 廓 typ., 22.5 A MDmesh??V Power MOSFET in a PowerFLAT??8x8 HV package
STW56N65DM2 STMICROELECTRONICS-STW56N65DM2 Datasheet
719Kb / 12P
   N-channel 650 V, 0.058 廓 typ., 48 A MDmesh??DM2 Power MOSFET in a TO-247 package
September 2015 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com