Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPB65R045C7 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # IPB65R045C7
Description  650V CoolMOS??C7 Power Transistor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPB65R045C7 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button IPB65R045C7 Datasheet HTML 5Page - Infineon Technologies AG IPB65R045C7 Datasheet HTML 6Page - Infineon Technologies AG IPB65R045C7 Datasheet HTML 7Page - Infineon Technologies AG IPB65R045C7 Datasheet HTML 8Page - Infineon Technologies AG IPB65R045C7 Datasheet HTML 9Page - Infineon Technologies AG IPB65R045C7 Datasheet HTML 10Page - Infineon Technologies AG IPB65R045C7 Datasheet HTML 11Page - Infineon Technologies AG IPB65R045C7 Datasheet HTML 12Page - Infineon Technologies AG IPB65R045C7 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
650VCoolMOS™C7PowerTransistor
IPB65R045C7
Rev.2.0,2013-04-18
Final Data Sheet
Table10
Diagram5:Typ.outputcharacteristics
VDS[V]
0
5
10
15
20
0
50
100
150
200
250
20 V
10 V
8 V
7 V
6 V
5.5 V
5 V
4.5 V
ID=f(VDS);Tj=25°C;parameter:VGS
Diagram6:Typ.outputcharacteristics
VDS[V]
0
5
10
15
20
0
20
40
60
80
100
120
140
160
20 V
10 V
8 V
7 V
6 V
5.5 V
5 V
4.5 V
ID=f(VDS);Tj=125°C;parameter:VGS
Table11
Diagram7:Typ.drain-sourceon-stateresistance
ID[A]
0
20
40
60
80
100
120
140
0.07
0.08
0.09
0.10
0.11
0.12
0.13
0.14
0.15
0.16
0.17
20 V
5.5 V
6 V
6.5 V
7 V
10 V
RDS(on)=f(ID);Tj=125°C;parameter:VGS
Diagram8:Drain-sourceon-stateresistance
Tj[°C]
-50
-25
0
25
50
75
100
125
150
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
0.11
0.12
typ
98%
RDS(on)=f(Tj);ID=24.9A;VGS=10V


Similar Part No. - IPB65R045C7

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IPB65R045C7 ISC-IPB65R045C7 Datasheet
189Kb / 2P
   Isc N-Channel MOSFET Transistor
More results

Similar Description - IPB65R045C7

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP65R045C7 INFINEON-IPP65R045C7 Datasheet
1Mb / 15P
   650V CoolMOS??C7 Power Transistor
Rev.2.0,2013-04-18
IPW65R019C7 INFINEON-IPW65R019C7 Datasheet
1Mb / 15P
   650V CoolMOS??C7 Power Transistor
Rev.2.1
IPZ65R019C7 INFINEON-IPZ65R019C7 Datasheet
1Mb / 15P
   650V CoolMOS??C7 Power Transistor
Rev.2.0
IPB65R225C7 INFINEON-IPB65R225C7 Datasheet
1Mb / 15P
   650V CoolMOS??C7 Power Transistor
Rev.2.0,2013-04-18
IPL65R130C7 INFINEON-IPL65R130C7 Datasheet
1Mb / 15P
   650V CoolMOS??C7 Power Transistor
Rev.2.0,2013-04-29
IPL65R230C7 INFINEON-IPL65R230C7 Datasheet
1Mb / 15P
   650V CoolMOS??C7 Power Transistor
Rev.2.0,2013-04-29
IPA65R095C7 INFINEON-IPA65R095C7 Datasheet
1Mb / 15P
   650V CoolMOS??C7 Power Transistor
Rev.2.0,2013-10-18
IPP65R225C7 INFINEON-IPP65R225C7 Datasheet
1Mb / 15P
   650V CoolMOS??C7 Power Transistor
Rev.2.0,2013-04-18
IPZ65R045C7 INFINEON-IPZ65R045C7 Datasheet
1Mb / 15P
   650V CoolMOS??C7 Power Transistor
Rev.2.0
IPA65R045C7 INFINEON-IPA65R045C7 Datasheet
1Mb / 15P
   650V CoolMOS??C7 Power Transistor
Rev.2.0,2013-10-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com