Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WKP680 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # WKP680
Description  Ceramic AC Capacitors Class X1, 760 VAC/Class Y1, 500 VAC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WKP680 Datasheet(HTML) 1 Page - Vishay Siliconix

  WKP680 Datasheet HTML 1Page - Vishay Siliconix WKP680 Datasheet HTML 2Page - Vishay Siliconix WKP680 Datasheet HTML 3Page - Vishay Siliconix WKP680 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document Number: 22206
For technical questions, contact: slcap@vishay.com
www.vishay.com
Revision: 08-Feb-10
1
Ceramic AC Capacitors
Class X1, 760 VAC/Class Y1, 500 VAC
WKP
Vishay Draloric
Dimensions in mm
Note
Impedance (Z) as a function of frequency (f) at Ta = 20 °C (average).
Measurement with lead length 6 mm.
DESIGN
Disc capacitors with epoxy coating
RATED VOLTAGE UR
(X1):
760 VAC, 50 Hz (IEC 60384-14.2)
(Y1):
500 VAC, 50 Hz (IEC 60384-14.2)
250 VAC, 60 Hz (UL1414, CSA C22.2)
DIELECTRIC STRENGTH BETWEEN LEADS
Component test:
4000 VAC, 50 Hz, 2 s
As repeated test admissible only once with:
3600 VAC, 50 Hz, 2 s
Random sampling test (destructive test):
4000 VAC, 50 Hz, 60 s
DIELECTRIC STRENGTH OF BODY
INSULATION
4000 VAC, 50 Hz, 60 s (destructive test)
DISSIPATION FACTOR tan
δ
≤ 25 x 10-3
INSULATION RESISTANCE RIS
≥ 10 x 109 Ω
CATEGORY TEMPERATURE RANGE
ϑA
(- 40 to + 125) °C
CLIMATIC CATEGORY ACC. TO EN60068-1
40/125/21
COATING
Epoxy dipped, insulating, flame retarding acc. to UL 94V-0
TAPING AND SPECIAL LEAD
CONFIGURATIONS
On request
MARKING
WKP 33 pF to 1.5 nF
WKP 2.2 nF to 4.7 nF
Note
• All approval marks are also shown on the label.
D Max.
3 Max.
L = 30
- 3 or
L = 10 ±1
Ø d ± 0.005
F ± 1.0
S Max.
V ± 0.5
2.2 nF
1.0 nF
3.3 nF
4.7 nF
470 pF
100 150
200
250
300
350
400
U
R [V~]
500
400
300
200
100
0
600
700
800
150
1
10
10
-1
10
0
10
1
f
100
I = f (U
R) (typ.)
[MHz]
10
-2
300
WKP 3n3 M
IEC 384-14/2
760 500 250 ~
X1 Y1
WKP
760 ~ X1
500 ~ Y1
47p M


Similar Part No. - WKP680

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WKP680MCPEF0KR VISHAY-WKP680MCPEF0KR Datasheet
144Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
22-Mar-2021
More results

Similar Description - WKP680

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VY1222M47Y5UQ6UV0 VISHAY-VY1222M47Y5UQ6UV0 Datasheet
127Kb / 6P
   AC Line Rated Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
Revision: 11-Jun-12
440LD22-R VISHAY-440LD22-R Datasheet
162Kb / 5P
   AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC/Class Y1, 500 VAC
Revision: 25-Jun-13
440LT33-R VISHAY-440LT33-R Datasheet
162Kb / 5P
   AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC/Class Y1, 500 VAC
Revision: 25-Jun-13
VKP222MCQED0KR VISHAY-VKP222MCQED0KR Datasheet
138Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
Revision: 02-Apr-13
WKP681MCPQG0KR VISHAY-WKP681MCPQG0KR Datasheet
140Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
Revision: 03-Apr-13
SMDY1 VISHAY-SMDY1 Datasheet
169Kb / 7P
   AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
WKP472MCPEJ0KR VISHAY-WKP472MCPEJ0KR Datasheet
140Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
Revision: 03-Apr-13
WKP332MCPEJ0KR VISHAY-WKP332MCPEJ0KR Datasheet
144Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
22-Mar-2021
VKP VISHAY-VKP Datasheet
140Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
VY1151K31Y5SQ6UV0 VISHAY-VY1151K31Y5SQ6UV0 Datasheet
183Kb / 8P
   AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
Revision: 18-Oct-13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com