Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74FR25900 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 74FR25900
Description  9-Bit, 3-Port Latchable Datapath Multiplexer with 25W Output Series Resistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74FR25900 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74FR25900 Datasheet HTML 1Page - Fairchild Semiconductor 74FR25900 Datasheet HTML 2Page - Fairchild Semiconductor 74FR25900 Datasheet HTML 3Page - Fairchild Semiconductor 74FR25900 Datasheet HTML 4Page - Fairchild Semiconductor 74FR25900 Datasheet HTML 5Page - Fairchild Semiconductor 74FR25900 Datasheet HTML 6Page - Fairchild Semiconductor 74FR25900 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
Absolute Maximum Ratings(Note 2)
Recommended Operating
Conditions
Note 2: Absolute maximum ratings are values beyond which the device
may be damaged or have its useful life impaired. Functional operation
under these conditions is not implied.
Note 3: Either voltage limit or current limit is sufficient to protect inputs.
DC Electrical Characteristics
Note 4: 2 ports active only
Storage Temperature
−65°C to +150°C
Ambient Temperature under Bias
−55°C to +125°C
Junction Temperature under Bias
−55°C to +150°C
VCC Pin Potential to Ground Pin
−0.5V to +7.0V
Input Voltage (Note 3)
−0.5V to +7.0V
Input Current (Note 3)
−30 mA to +5.0 mA
Voltage Applied to Output
in HIGH State (with VCC = 0V)
Standard Output
−0.5V to V
CC
3-STATE Output
−0.5V to +5.5V
Current Applied to Output
in LOW State (Max)
twice the rated IOL (mA)
ESD Last Passing Voltage (Min)
2000V
Free Air Ambient Temperature
0
°C to +70°C
Supply Voltage
+4.5V to +5.5V
Symbol
Parameter
Min
Typ
Max
Units
VCC
Conditions
VIH
Input HIGH Voltage
2.0
V
Recognized HIGH Signal
VIL
Input LOW Voltage
0.8
V
Recognized LOW Signal
VCD
Input Clamp Diode Voltage
−1.2
V
Min
IIN = −18 mA
VOH
Output HIGH Voltage
2.4
V
Min
IOH = −3 mA (An, Bn, Cn)
2.0
V
Min
IOH = −15 mA (An, Bn, Cn)
VOL
Output LOW Voltage
0.50
V
Min
IOL = 1 mA (An, Bn)
0.75
V
Min
IOL = 12 mA (An, Bn)
0.50
V
Min
IOL = 24 mA (Cn)
IIH
Input HIGH Current
5
µAMax
VIN = 2.7V (Control Inputs)
IBVI
Input HIGH Current
7
µAMax
VIN = 7.0V (Control Inputs)
Breakdown Test
IBVIT
Input High Current
100
µAMax
VIN = 5.5V (An, Bn, Cn)
Breakdown Test (I/O)
IIL
Input Low Current
−150
µAMax
VIN = 0.5V (Control Inputs)
VID
Input Leakage Test
4.75
V
0.0
IID = 1.9 µA,
All Other Pins Grounded
IOD
Output Circuit Leakage Test
3.75
V
0.0
VIOD = 150 mV,
All Other Pins Grounded
IIH + IOZH
Output Leakage Current
25
µAMax
VOUT =2.7V (An, Bn, Cn)
IIIL + IOZL
Output Leakage Current
−150
µAMax
VOUT = 0.5V (An, Bn, Cn)
IOS
Output Short Circuit Current
−100
−225
mA
Max
VOUT = 0.0V (An, Bn, Cn)
ICEX
Output HIGH Leakage Current
50
µAMax
VOUT = VCC (An, Bn, Cn)
IZZ
Bus Drainage Test
100
µA0.0
VOUT = 5.25V (An, Bn, Cn)
ICCH
Power Supply Current
115
150
mA
Max
All Outputs HIGH (Note 4)
ICCL
Power Supply Current
170
200
mA
Max
All Outputs LOW (Note 4)
ICCZ
Power Supply Current
147
175
mA
Max
Outputs in 3-STATE


Similar Part No. - 74FR25900

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74FR2240 FAIRCHILD-74FR2240 Datasheet
44Kb / 5P
   Octal Buffer/Line Driver with 25廓 Series Resistors in the Outputs
74FR2240PC FAIRCHILD-74FR2240PC Datasheet
44Kb / 5P
   Octal Buffer/Line Driver with 25廓 Series Resistors in the Outputs
74FR2240SC FAIRCHILD-74FR2240SC Datasheet
44Kb / 5P
   Octal Buffer/Line Driver with 25廓 Series Resistors in the Outputs
74FR2244 FAIRCHILD-74FR2244 Datasheet
52Kb / 5P
   Octal Buffer/Line Driver with 25廓 Series Resistors in the Outputs
74FR2244PC FAIRCHILD-74FR2244PC Datasheet
52Kb / 5P
   Octal Buffer/Line Driver with 25廓 Series Resistors in the Outputs
More results

Similar Description - 74FR25900

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74FR900 FAIRCHILD-74FR900 Datasheet
46Kb / 6P
   9-Bit, 3-Port Latchable Datapath Multiplexer
logo
National Semiconductor ...
74ABT3284 NSC-74ABT3284 Datasheet
170Kb / 12P
   18-Bit Synchronous Datapath Multiplexer
74AC899 NSC-74AC899 Datasheet
214Kb / 14P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Fairchild Semiconductor
74ABT899 FAIRCHILD-74ABT899 Datasheet
128Kb / 16P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
National Semiconductor ...
54ACT899 NSC-54ACT899 Datasheet
311Kb / 12P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Texas Instruments
SN74BCT899 TI1-SN74BCT899 Datasheet
120Kb / 8P
[Old version datasheet]   9-BIT LATCHABLE TRANSCEIVER WITH PARITY GENERATOR/CHECKER
logo
Fairchild Semiconductor
74F899 FAIRCHILD-74F899 Datasheet
89Kb / 12P
   9-Bit Latchable Transceiver with Parity Generator/Checker
74ACT899 FAIRCHILD-74ACT899 Datasheet
78Kb / 9P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Aeroflex Circuit Techno...
UT54ACTS899 AEROFLEX-UT54ACTS899 Datasheet
171Kb / 17P
   9-bit Latchable Transceiver with Parity Generator/Checker
logo
Fairchild Semiconductor
FST162861 FAIRCHILD-FST162861 Datasheet
82Kb / 4P
   20-Bit Bus Switch with 25W Series Resistors in Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com