Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74FR245 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74FR245
Description  Octal Bidirectional Transceiver with 3-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74FR245 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74FR245 Datasheet HTML 1Page - Fairchild Semiconductor 74FR245 Datasheet HTML 2Page - Fairchild Semiconductor 74FR245 Datasheet HTML 3Page - Fairchild Semiconductor 74FR245 Datasheet HTML 4Page - Fairchild Semiconductor 74FR245 Datasheet HTML 5Page - Fairchild Semiconductor 74FR245 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 1999 Fairchild Semiconductor Corporation
DS010887
www.fairchildsemi.com
August 1990
Revised August 1999
74FR245
Octal Bidirectional Transceiver with 3-STATE Outputs
General Description
The 74FR245 contains eight non-inverting bidirectional
buffers with 3-STATE outputs and is intended for bus-ori-
ented applications. Current sinking capability is 64 mA on
both the A and B Ports. The Transmit/Receive (T/R) input
determines the direction of data flow through the bidirec-
tional transceiver. Transmit (active-HIGH) enables data
from A Ports to B Ports; Receive (active-LOW) enables
data from B Ports to A Ports. The Output Enable input,
when HIGH, disables both A and B Ports by placing them
in a High Z condition.
Features
s Non-inverting buffers
s Bidirectional data path
s A and B output sink capability of 64 mA, source
capability of 15 mA
s Guaranteed pin-to-pin skew
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Logic Symbol
Pin Descriptions
Connection Diagram
Truth Table
H
= HIGH Voltage Level
L
= LOW Voltage Level
X
= Immaterial
Order Number
Package Number
Package Description
74FR245SC
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide
74FR245SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74FR245PC
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Pin Names
Description
OE
Output Enable Input (Active-LOW)
T/R
Transmit/Receive Input
A0–A7
Side A Inputs or 3-STATE Outputs
B0–B7
Side B Inputs or 3-STATE Outputs
Inputs
Output
OE
T/R
L
L
Bus B Data to Bus A
L
H
Bus A Data to Bus B
H
X
High Z State


Similar Part No. - 74FR245

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74FR245 NSC-74FR245 Datasheet
152Kb / 6P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
74FR245P NSC-74FR245P Datasheet
152Kb / 6P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
74FR245S NSC-74FR245S Datasheet
152Kb / 6P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
More results

Similar Description - 74FR245

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74VHC245 ONSEMI-74VHC245 Datasheet
205Kb / 9P
   Octal Bidirectional Transceiver with 3-STATE Outputs
Revised April 2005
logo
Fairchild Semiconductor
74F545 FAIRCHILD-74F545 Datasheet
52Kb / 6P
   Octal Bidirectional Transceiver with 3-STATE Outputs
logo
Motorola, Inc
MC74AC640 MOTOROLA-MC74AC640 Datasheet
190Kb / 6P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
MC74AC643 MOTOROLA-MC74AC643 Datasheet
188Kb / 6P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
MC74AC620 MOTOROLA-MC74AC620 Datasheet
190Kb / 6P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74FR2245 FAIRCHILD-74FR2245 Datasheet
41Kb / 5P
   Octal Bidirectional Transceiver with 3-STATE Outputs
logo
Motorola, Inc
MC74AC623 MOTOROLA-MC74AC623 Datasheet
186Kb / 6P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74VHC245 FAIRCHILD-74VHC245 Datasheet
98Kb / 7P
   Octal Bidirectional Transceiver with 3-STATE Outputs
74F245 FAIRCHILD-74F245 Datasheet
108Kb / 9P
   Octal Bidirectional Transceiver with 3-STATE Outputs
logo
NXP Semiconductors
74F545 PHILIPS-74F545 Datasheet
84Kb / 10P
   Octal bidirectional transceiver with 3-State inputs/outputs
1990 Mar 01
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com