Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMH-54-Q48N-C Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # EMH-54-Q48N-C
Description  Isolated, 54Vout, 3A, Ethernet Power Half-Brick DC/DC Converters
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

EMH-54-Q48N-C Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  EMH-54-Q48N-C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. EMH-54-Q48N-C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. EMH-54-Q48N-C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. EMH-54-Q48N-C Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. EMH-54-Q48N-C Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. EMH-54-Q48N-C Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. EMH-54-Q48N-C Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. EMH-54-Q48N-C Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. EMH-54-Q48N-C Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
www.murata-ps.com/support
PART NUMBER STRUCTURE
EMH-54/3-Q48N-C Series
Isolated, 54Vout, 3A, Ethernet Power
Half-Brick DC/DC Converters
MDC_EMH-54/3-Q48N-C.A01 Page 2 of 15
PERFORMANCE SPECIFICATIONS SUMMARY AND ORDERING GUIDE
Root Model
Output
Input
Efficiency
Dimensions
with
baseplate
(Inches)
VOUT
(Volts)
IOUT
(Amps,
Max.)
Power
R/N (mV pk-pk)
Regulation (Max.)
VIN Nom.
(Volts)
Range
(Volts)
IIN, no
load
(mA)
IIN, full
load
(Amps)
(Watts)
Typ.
Max.
Line
Load
Min.
Typ.
EMH-54/3-Q48
54
3
162
250
350
±0.125%
±0.2%
48
18-72
40
3.67
89.5%
91.5%
2.4x2.3x0.5
Nominal Output Voltage
54
EMH
3
-
/
Q48
Maximum Output Current
in Amps
Ethernet-Module
Half Brick Series
-
N
B
Input Voltage Range:
Q48 = 18-72 Volts (48V nominal)
-
C
RoHS Hazardous Materials compliance
C = RoHS-6 (no lead), standard, does not claim EU exemption 7b – lead in solder
Note: Some model combinations may
not be available. Contact Murata Power
Solutions for availability.
On/Off Control Logic
N = Negative logic, standard
Baseplate
Blank = No baseplate, standard
B = Baseplate installed
Please refer to the full part number structure for additional ordering part numbers and options.
All specifications are typical at nominal line voltage and full load, +25ºC. unless otherwise noted.
Units are tested with a 1uF ceramic external output capacitor and a 100uf and 2.2uF external
input capacitor.
Full power continuous output requires baseplate installation. Please refer to the derating curves.
Pin length option
Blank = standard pin length 0.180 in. (4.6 mm)
L1 = 0.110 in. (2.79 mm)*
L2 = 0.145 in. (3.68 mm)*
Lx


Similar Part No. - EMH-54-Q48N-C

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
EMH XPPOWER-EMH Datasheet
6Mb / 22P
   250 W & 350 W Forced-cooled
logo
Rohm
EMH1 ROHM-EMH1 Datasheet
67Kb / 2P
   General purpose (dual digital transistors)
EMH1 ROHM-EMH1 Datasheet
70Kb / 3P
   General purpose (dual digital transistors)
EMH1 ROHM-EMH1 Datasheet
76Kb / 3P
   General purpose (dual digital transistors)
EMH1 ROHM-EMH1 Datasheet
71Kb / 3P
   General purpose (dual digital transistors)
More results

Similar Description - EMH-54-Q48N-C

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VE-J63-EY VICOR-VE-J63-EY Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VE-J51-MW-S VICOR-VE-J51-MW-S Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VI-J12-CY VICOR-VI-J12-CY Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VI-J14-IW VICOR-VI-J14-IW Datasheet
302Kb / 6P
   Half Brick, DC-DC Converters
VE-J41-EY-F2 VICOR-VE-J41-EY-F2 Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VE-J63-EX VICOR-VE-J63-EX Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VI-J31-CW-S VICOR-VI-J31-CW-S Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VE-J01-CY VICOR-VE-J01-CY Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
logo
Murata Manufacturing Co...
HPH_SERIES MURATA-HPH_SERIES Datasheet
316Kb / 12P
   Isolated, Low VOUT to 70A, Half-Brick DC/DC Converters
UHP28_2_12A MURATA-UHP28_2_12A Datasheet
252Kb / 9P
   Isolated, 12 Amp Half Brick, 48VIN/28.2VOUT DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com