Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AI353 Datasheet(PDF) 3 Page - A1 PROs co., Ltd.

Part # AI353
Description  a 570K pixels CCD area sensor for PAL 1/3 inch video cameras
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

AI353 Datasheet(HTML) 3 Page - A1 PROs co., Ltd.

  AI353 Datasheet HTML 1Page - A1 PROs co., Ltd. AI353 Datasheet HTML 2Page - A1 PROs co., Ltd. AI353 Datasheet HTML 3Page - A1 PROs co., Ltd. AI353 Datasheet HTML 4Page - A1 PROs co., Ltd. AI353 Datasheet HTML 5Page - A1 PROs co., Ltd. AI353 Datasheet HTML 6Page - A1 PROs co., Ltd. AI353 Datasheet HTML 7Page - A1 PROs co., Ltd. AI353 Datasheet HTML 8Page - A1 PROs co., Ltd. AI353 Datasheet HTML 9Page - A1 PROs co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
3
Ai353
A1 PROs Co., Ltd.
Professional Promotion Process Profit
1.7 Temperature Ratings
Symbols
Min
Max
Unit
Operating Temperature
-20
75
Storage Temperature
-30
85
Note) •Temperature rating is defined with the ambient temperature of sensor
•About the storage temperature of CCD, and local heat stress at the time of solder mounting, it provides
in “Notes on Device Handling”.
•Operating temperature Is not guaranteed the characteristics.


Similar Part No. - AI353

ManufacturerPart #DatasheetDescription
logo
A1 PROs co., Ltd.
AI351 A1PROS-AI351 Datasheet
915Kb / 25P
   a 480K pixels CCD area sensor for NTSC 1/3 inch video cameras
More results

Similar Description - AI353

ManufacturerPart #DatasheetDescription
logo
A1 PROs co., Ltd.
AI339 A1PROS-AI339 Datasheet
946Kb / 25P
   a 440K pixels CCD area sensor for PAL 1/3 inch video cameras
AI338 A1PROS-AI338 Datasheet
947Kb / 25P
   a 380K pixels CCD area sensor for NTSC 1/3 inch video cameras
AI351 A1PROS-AI351 Datasheet
915Kb / 25P
   a 480K pixels CCD area sensor for NTSC 1/3 inch video cameras
logo
Sony Corporation
ICX405AK SONY-ICX405AK Datasheet
203Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
ICX055BK SONY-ICX055BK Datasheet
210Kb / 19P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
ICX409AK SONY-ICX409AK Datasheet
206Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
ICX081AK SONY-ICX081AK Datasheet
227Kb / 19P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
ICX255AK SONY-ICX255AK Datasheet
197Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
ICX259AK SONY-ICX259AK Datasheet
200Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
logo
A1 PROs co., Ltd.
AI329CA A1PROS-AI329CA Datasheet
58Kb / 8P
   1/3 inch CCD Image Sensor for PAL Camera
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com