Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AI339 Datasheet(PDF) 6 Page - A1 PROs co., Ltd.

Part # AI339
Description  a 440K pixels CCD area sensor for PAL 1/3 inch video cameras
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

AI339 Datasheet(HTML) 6 Page - A1 PROs co., Ltd.

Back Button AI339 Datasheet HTML 2Page - A1 PROs co., Ltd. AI339 Datasheet HTML 3Page - A1 PROs co., Ltd. AI339 Datasheet HTML 4Page - A1 PROs co., Ltd. AI339 Datasheet HTML 5Page - A1 PROs co., Ltd. AI339 Datasheet HTML 6Page - A1 PROs co., Ltd. AI339 Datasheet HTML 7Page - A1 PROs co., Ltd. AI339 Datasheet HTML 8Page - A1 PROs co., Ltd. AI339 Datasheet HTML 9Page - A1 PROs co., Ltd. AI339 Datasheet HTML 10Page - A1 PROs co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
6
Ai339
A1 PROs Co., Ltd.
Professional Promotion Process Profit
3.2 Imaging Characteristics
Item
Symbol
Min.
Typ.
Max.
Unit
Conditions
Test
Temp
Test
method
Notes
Saturation signal
Vsat
1,000
mV
60.8 lx illuminance
60℃
3.3.1
Sensitivity
So
200
250
mV /
lx
Standard illuminance
accumulation time 1 / 50 sec
35℃
3.3.2
Smear
Sm
-130
-105
dB
1,900 lx illuminance
35℃
3.3.3
Vertical transfer efficiency
Vtte
99.5
%
Standard illuminance
35℃
3.3.4
Horizontal transfer efficiency
Htte
99.0
3.3.5
Signal shading
Shd
20
%
Standard illuminance
35℃
3.3.6
Uniformity between
video signal channels
Red
△Sr
10
%
Standard illuminance
35℃
3.3.7
Blue
△Sb
10
3.3.8
Flicker
Y
FlkY
2.0
%
Standard illuminance
35℃
3.3.9
Cr
FlkCr
5.0
3.3.10
Cb
FlkCb
5.0
3.3.11
Line crawl
R
LcR
3.0
%
Standard illuminance
( Each color filter addition )
35℃
3.3.12
B
LcB
3.0
3.3.13
G
LcG
3.0
3.3.14
W
LcW
3.0
3.3.15
Dark signal
Vdk
1.0
mV
Dark condition
60℃
3.3.16
Lag
Lag
0.5
%
strobe light
35℃
3.3.17
[ Measurement system ]
The test point is assumed to be the output point of the following circuit block ( Both of the
ˠ of AMP and the
operation processing are 1 ) The device output voltage ( Unit : mV ) of dark characteristics and
temperature white defect is converted from screen output by gain of AMP


Similar Part No. - AI339

ManufacturerPart #DatasheetDescription
logo
A1 PROs co., Ltd.
AI338 A1PROS-AI338 Datasheet
947Kb / 25P
   a 380K pixels CCD area sensor for NTSC 1/3 inch video cameras
More results

Similar Description - AI339

ManufacturerPart #DatasheetDescription
logo
A1 PROs co., Ltd.
AI353 A1PROS-AI353 Datasheet
823Kb / 25P
   a 570K pixels CCD area sensor for PAL 1/3 inch video cameras
AI338 A1PROS-AI338 Datasheet
947Kb / 25P
   a 380K pixels CCD area sensor for NTSC 1/3 inch video cameras
AI351 A1PROS-AI351 Datasheet
915Kb / 25P
   a 480K pixels CCD area sensor for NTSC 1/3 inch video cameras
logo
Sony Corporation
ICX405AK SONY-ICX405AK Datasheet
203Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
ICX055BK SONY-ICX055BK Datasheet
210Kb / 19P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
ICX409AK SONY-ICX409AK Datasheet
206Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
ICX081AK SONY-ICX081AK Datasheet
227Kb / 19P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
ICX255AK SONY-ICX255AK Datasheet
197Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
ICX259AK SONY-ICX259AK Datasheet
200Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
logo
A1 PROs co., Ltd.
AI329CA A1PROS-AI329CA Datasheet
58Kb / 8P
   1/3 inch CCD Image Sensor for PAL Camera
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com