Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74F899 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 74F899
Description  9-Bit Latchable Transceiver with Parity Generator/Checker
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F899 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74F899 Datasheet HTML 1Page - Fairchild Semiconductor 74F899 Datasheet HTML 2Page - Fairchild Semiconductor 74F899 Datasheet HTML 3Page - Fairchild Semiconductor 74F899 Datasheet HTML 4Page - Fairchild Semiconductor 74F899 Datasheet HTML 5Page - Fairchild Semiconductor 74F899 Datasheet HTML 6Page - Fairchild Semiconductor 74F899 Datasheet HTML 7Page - Fairchild Semiconductor 74F899 Datasheet HTML 8Page - Fairchild Semiconductor 74F899 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.fairchildsemi.com
2
Input Loading/Fan-Out
Pin Descriptions
Functional Description
The 74F899 has three principal modes of operation which
are outlined below. These modes apply to both the A-to-B
and B-to-A directions.
• Bus A (B) communicates to Bus B (A), parity is gener-
ated and passed on to the B (A) Bus as BPAR (APAR). If
LEB (LEA) is HIGH and the Mode Select (SEL) is LOW,
the parity generated from B[0:7] (A[0:7]) can be checked
and monitored by ERRB (ERRA).
• Bus A (B) communicates to Bus B (A) in a feed-through
mode if SEL is HIGH. Parity is still generated and
checked as ERRA and ERRB in the feed-through mode
(can be used as an interrupt to signal a data/parity bit
error to the CPU).
• Independent Latch Enables (LEA and LEB) allow other
permutations of generating/checking (see Function
Table).
HIGH/LOW
Pin Names
Description
U.L.
Input IIH/IIL
HIGH/LOW
Output IOH/IOL
A0–A7
Data Inputs/
1.0/1.0
20
µA/−0.6 mA
Data Outputs
150/40
−3 mA/24 mA
B0–B7
Data Inputs/
1.0/1.0
20
µA/−0.6 mA
Data Outputs
600/106.6
−12 mA/64 mA
APAR
A Bus Parity
1.0/1.0
20
µA/−0.6 mA
Input/Output
150/40
−3 mA/24 mA
BPAR
B Bus Parity
1.0/1.0
20
µA/−0.6 mA
Input/Output
600/106.6
−12 mA/64 mA
ODD/EVEN
Parity Select Input
1.0/1.0
20
µA/−0.6 mA
GBA, GAB
Output Enable Inputs
1.0/1.0
20
µA/−0.6 mA
SEL
Mode Select Input
1.0/1.0
20
µA/−0.6 mA
LEA, LEB
Latch Enable Inputs
1.0/1.0
20
µA/−0.6 mA
ERRA, ERRB
Error Signal Outputs
50/33.3
−1 mA/20 mA
Pin Names
Description
A0–A7
A Bus Data Inputs/Data Outputs
B0–B7
B Bus Data Inputs/Data Outputs
APAR, BPAR
A and B Bus Parity Inputs
ODD/EVEN
ODD/EVEN Parity Select, Active LOW for EVEN Parity
GBA, GAB
Output Enables for A or B Bus, Active LOW
SEL
Select Pin for Feed-Through or Generate Mode, LOW for Generate Mode
LEA, LEB
Latch Enables for A and B Latches, HIGH for Transparent Mode
ERRA, ERRB
Error Signals for Checking Generated Parity with Parity In, LOW if Error Occurs


Similar Part No. - 74F899

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F8960 PHILIPS-74F8960 Datasheet
194Kb / 11P
   Octal latched bidirectional Futurebus transceivers 3-State open-collector
December 19, 1990
74F8961 PHILIPS-74F8961 Datasheet
194Kb / 11P
   Octal latched bidirectional Futurebus transceivers 3-State open-collector
December 19, 1990
74F8962 PHILIPS-74F8962 Datasheet
97Kb / 10P
   9-Bit latched bidirectional Futurebus transceivers open-collector
March 11, 1993
74F8963 PHILIPS-74F8963 Datasheet
97Kb / 10P
   9-Bit latched bidirectional Futurebus transceivers open-collector
March 11, 1993
74F8965 PHILIPS-74F8965 Datasheet
119Kb / 11P
   9-Bit address/data Futurebus transceiver, ADT
December 19, 1990
More results

Similar Description - 74F899

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74AC899 NSC-74AC899 Datasheet
214Kb / 14P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Fairchild Semiconductor
74ABT899 FAIRCHILD-74ABT899 Datasheet
128Kb / 16P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
National Semiconductor ...
54ACT899 NSC-54ACT899 Datasheet
311Kb / 12P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Texas Instruments
SN74BCT899 TI1-SN74BCT899 Datasheet
120Kb / 8P
[Old version datasheet]   9-BIT LATCHABLE TRANSCEIVER WITH PARITY GENERATOR/CHECKER
logo
Fairchild Semiconductor
74ACT899 FAIRCHILD-74ACT899 Datasheet
78Kb / 9P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Aeroflex Circuit Techno...
UT54ACTS899 AEROFLEX-UT54ACTS899 Datasheet
171Kb / 17P
   9-bit Latchable Transceiver with Parity Generator/Checker
logo
Toshiba Semiconductor
TC74AC280P TOSHIBA-TC74AC280P Datasheet
265Kb / 7P
   9 - BIT PARITY GENERATOR CHECKER
logo
Renesas Technology Corp
HD74AC280 RENESAS-HD74AC280 Datasheet
214Kb / 8P
   9-bit Parity Generator/Checker
logo
Texas Instruments
74AC11280 TI1-74AC11280 Datasheet
99Kb / 5P
[Old version datasheet]   9-BIT PARITY GENERATOR/CHECKER
logo
National Semiconductor ...
54F280DM NSC-54F280DM Datasheet
152Kb / 8P
   9-Bit Parity Generator/Checker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com