Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE6030 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE6030
Description  Shorting Dust Cap for BNC Female
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6030 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE6030 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6030 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2013 Pasternack Enterprises All Rights Reserved
2
PE6030 REV
Shorting Dust Cap for BNC Female
PE6030 CAD Drawing


Similar Part No. - PE6030

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6031 PASTERNACK-PE6031 Datasheet
229Kb / 2P
   Shorting Dust Cap for N Female
PE6032 PASTERNACK-PE6032 Datasheet
81Kb / 1P
   N FEMALE PRECISION TERMINATION,2 WATTM DC.18GHz
PE6033 PASTERNACK-PE6033 Datasheet
108Kb / 1P
   N FEEDTHRU TERMINATION FREQUENCY RANGE: DC.1 GHz max vswr: 1,65:1
PE6034 PASTERNACK-PE6034 Datasheet
206Kb / 1P
   BNC MALE HIGH POWER TERMINATION FREQUENCY RANGE: DC TO 4 GHz
PE6035 PASTERNACK-PE6035 Datasheet
236Kb / 2P
   50 Ohm 10 Watts Brass N Male RF Load Up To 18 GHz
More results

Similar Description - PE6030

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6108 PASTERNACK-PE6108_16 Datasheet
413Kb / 3P
   BNC Female Non-Shorting Dust Cap
PE6012 PASTERNACK-PE6012 Datasheet
459Kb / 2P
   Shorting BNC Male Dust Cap
PE6007 PASTERNACK-PE6007 Datasheet
236Kb / 2P
   Shorting Dust Cap for SMA Female
PE6014 PASTERNACK-PE6014 Datasheet
234Kb / 2P
   Non-Shorting Dust Cap for BNC Male
PE6031 PASTERNACK-PE6031 Datasheet
229Kb / 2P
   Shorting Dust Cap for N Female
PE6128 PASTERNACK-PE6128 Datasheet
210Kb / 2P
   Shorting Dust Cap for BNC Female With 4 Inch Chain
PE6135 PASTERNACK-PE6135 Datasheet
232Kb / 2P
   Shorting TNC Female Dust Cap
PE6135 PASTERNACK-PE6135_16 Datasheet
413Kb / 3P
   TNC Female Shorting Dust Cap
PE6193 PASTERNACK-PE6193_16 Datasheet
412Kb / 3P
   2.4mm Female Shorting Dust Cap
PE6193 PASTERNACK-PE6193 Datasheet
197Kb / 2P
   2.4mm Female Shorting Dust Cap
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com