Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE6014 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE6014
Description  Non-Shorting Dust Cap for BNC Male
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6014 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE6014 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6014 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2013 Pasternack Enterprises All Rights Reserved
2
PE6014 REV
Non-Shorting Dust Cap for BNC Male
PE6014 CAD Drawing


Similar Part No. - PE6014

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6011-50 PASTERNACK-PE6011-50 Datasheet
185Kb / 2P
   50 Ohm 0.5 Watts Brass TNC Male RF Load Up To 1,000 MHz
PE6011-75 PASTERNACK-PE6011-75 Datasheet
76Kb / 1P
   TNC MALE RESISTOR TERMINATION
PE6011-93 PASTERNACK-PE6011-93 Datasheet
76Kb / 1P
   TNC MALE RESISTOR TERMINNATION
PE6012 PASTERNACK-PE6012 Datasheet
459Kb / 2P
   Shorting BNC Male Dust Cap
PE6013 PASTERNACK-PE6013 Datasheet
240Kb / 2P
   Non-Shorting Dust Cap for BNC Male With 2.8 Inch Chain
More results

Similar Description - PE6014

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6012 PASTERNACK-PE6012 Datasheet
459Kb / 2P
   Shorting BNC Male Dust Cap
PE6108 PASTERNACK-PE6108_16 Datasheet
413Kb / 3P
   BNC Female Non-Shorting Dust Cap
PE6024 PASTERNACK-PE6024 Datasheet
233Kb / 2P
   Non-Shorting Dust Cap for SMA Male
PE6113 PASTERNACK-PE6113 Datasheet
204Kb / 2P
   Non-Shorting Dust Cap for HN Male
PE6017 PASTERNACK-PE6017 Datasheet
230Kb / 2P
   Non-Shorting Dust Cap for N Male
PE6020 PASTERNACK-PE6020 Datasheet
233Kb / 2P
   Non-Shorting Dust Cap for SSMA Male
PE6109 PASTERNACK-PE6109 Datasheet
204Kb / 2P
   Non-Shorting Dust Cap for C Male
PE6144 PASTERNACK-PE6144 Datasheet
233Kb / 2P
   Non-Shorting Dust Cap for TNC Male
PE6240 PASTERNACK-PE6240 Datasheet
348Kb / 2P
   F Male Non-Shorting Dust Cap
PE6013 PASTERNACK-PE6013 Datasheet
240Kb / 2P
   Non-Shorting Dust Cap for BNC Male With 2.8 Inch Chain
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com