Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C4111A Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part # C4111A
Description  18C 22 7/30 TC PVC PVC COMMUNICATION CABLE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

C4111A Datasheet(HTML) 1 Page - General Cable Technologies Corporation

  C4111A Datasheet HTML 1Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Data Sheet
Part Number: C4111A
Date:
7/16/2007
Revision Level:
18
18C 22 7/30 TC PVC PVC
COMMUNICATION CABLE
A. CONSTRUCTION
DIAMETERS
B. INDUSTRY APPROVALS
C. ELECTRICAL PROPERTIES
Conductor:
Insulation:
Jacket:
Print Legend:
Cable:
#22 AWG 7/30 Tinned Copper
0.010" Wall Semi-Rigid Polyvinyl Chloride
0.032" Wall Polyvinyl Chloride
0.030" nom.
CAROL (R) 22 AWG – C4111 – 105C LL69381 CMG CSA C/US OR AWM I/II A/B 105C 600V
FT4 OR AWM STYLE 2464 - - MADE IN USA (DATE CODE & SEQ. FOOTAGE)
18 conductors
0.254” nom.
0.050" nom.
0.318 +/- 0.016”
TEMPERATURE:
SUGGESTED WORKING VOLTAGE (Vrms):
CONDUCTOR D.C. RESISTANCE:
105 C
600 Vrms
16.6 Ohms/1000 ft. nom. @ 20 C
National Electrical Code
Article 800
Canadian Electrical Code
CSA 22.2 No. 214
UL Subject 758 (CSA)
AWM Style 2464
CSA International
Type CMG
Type AWM
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
Black
White
Red
Green
Orange
Blue
White/Black
Red/Black
Green/Black
Orange/Black
Blue/Black
Black/White
Red/White
Green/White
Blue/White
Black/Red
White/Red
Orange/Red
D. COLOR CODE (Listed as Individual Conductors or Pairs of Conductors)
Note: Data are subject to change without notice. Contact your Customer Service representative for latest information.


Similar Part No. - C4111A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C411 ETC2-C411 Datasheet
696Kb / 4P
   MONOLITHIC WIDEBAND CRT DISTORTION CORRECTION DEVICE
logo
Intronics Power, Inc.
C411 INTRONICS-C411 Datasheet
646Kb / 4P
   MOLOLITHIC WIDEBAND CRT DISTORTION CORRECTION DEVICE
logo
Bi technologies
C41102JCG1 BITECH-C41102JCG1 Datasheet
46Kb / 3P
   Single-In-Line Conformal Coated Capacitor Networks
C41102JCG2 BITECH-C41102JCG2 Datasheet
46Kb / 3P
   Single-In-Line Conformal Coated Capacitor Networks
C41102JCG5 BITECH-C41102JCG5 Datasheet
46Kb / 3P
   Single-In-Line Conformal Coated Capacitor Networks
More results

Similar Description - C4111A

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C4102A GENERAL-C4102A Datasheet
73Kb / 1P
   4C 22 7/30 TC PVC PVC COMMUNICATION CABLE
C4101A GENERAL-C4101A Datasheet
73Kb / 1P
   3C 22 7/30 TC PVC PVC COMMUNICATION CABLE
C4115A GENERAL-C4115A Datasheet
80Kb / 1P
   40C 22 7/30 TC PVC PVC COMMUNICATION CABLE
C4073A GENERAL-C4073A Datasheet
74Kb / 1P
   15C 22 7/30 TC-PVC PVC COMMUNICATION CABLE
C4103A GENERAL-C4103A Datasheet
73Kb / 1P
   5C 22 7/30 TC PVC PVC COMMUNICATION CABLE
C4106A GENERAL-C4106A Datasheet
74Kb / 1P
   8C 22 7/30 TC PVC PVC COMMUNICATION CABLE
C4109A GENERAL-C4109A Datasheet
74Kb / 1P
   12C 22 7/30 TC PVC PVC COMMUNICATION CABLE
C4110A GENERAL-C4110A Datasheet
74Kb / 1P
   15C 22 7/30 TC PVC PVC COMMUNICATION CABLE
C4114A GENERAL-C4114A Datasheet
75Kb / 1P
   30C 22 7/30 TC PVC PVC COMMUNICATION CABLE
C4105A GENERAL-C4105A Datasheet
73Kb / 1P
   7C 22 7/30 TC PVC PVC COMMUNICATION CABLE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com