Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MOC3010 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MOC3010
Description  6-Pin DIP Random-Phase Optoisolators Triac Driver Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MOC3010 Datasheet(HTML) 3 Page - Motorola, Inc

  MOC3010 Datasheet HTML 1Page - Motorola, Inc MOC3010 Datasheet HTML 2Page - Motorola, Inc MOC3010 Datasheet HTML 3Page - Motorola, Inc MOC3010 Datasheet HTML 4Page - Motorola, Inc MOC3010 Datasheet HTML 5Page - Motorola, Inc MOC3010 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MOC3010 MOC3011 MOC3012
3
Motorola Optoelectronics Device Data
0.7
Figure 3. Trigger Current versus Temperature
–40
TA, AMBIENT TEMPERATURE (°C)
0.9
1.1
1.3
1.5
–20
0
20
40
60
80
0.5
100
5
1
PWin, LED TRIGGER WIDTH (µs)
10
15
20
25
2
5
20
10
50
0
100
NORMALIZED TO:
PWin q 100 µs
Figure 4. LED Current Required to Trigger versus
LED Pulse Width
2
40
TA, AMBIENT TEMPERATURE (°C)
4
6
8
10
25 30
50
70
60
80
0
100
90
12
STATIC dv/dt
CIRCUIT IN FIGURE 6
Figure 5. dv/dt versus Temperature
+250
Vdc
PULSE
INPUT
MERCURY
WETTED
RELAY
RTEST
CTEST
R = 10 k
X100
SCOPE
PROBE
D.U.T.
APPLIED VOLTAGE
WAVEFORM
158 V
0 VOLTS
tRC
Vmax = 250 V
dv dt
+
0.63 Vmax
t
RC
+ 158
t
RC
1. The mercury wetted relay provides a high speed repeated
pulse to the D.U.T.
2. 100x scope probes are used, to allow high speeds and
voltages.
3. The worst–case condition for static dv/dt is established by
triggering the D.U.T. with a normal LED input current, then
removing the current. The variable RTEST allows the dv/dt to be
gradually increased until the D.U.T. continues to trigger in
response to the applied voltage pulse, even after the LED
current has been removed. The dv/dt is then decreased until
the D.U.T. stops triggering.
tRC is measured at this point and
recorded.
Figure 6. Static dv/dt Test Circuit


Similar Part No. - MOC3010

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
MOC3010 QT-MOC3010 Datasheet
420Kb / 5P
   NON-ZERO-CROSSING TRIACS
logo
Fairchild Semiconductor
MOC3010 FAIRCHILD-MOC3010 Datasheet
111Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
logo
ISOCOM COMPONENTS
MOC3010 ISOCOM-MOC3010 Datasheet
54Kb / 3P
   OPTICALLY COUPLED BILATERAL SWITCH NON-ZERO CROSSING TRIAC
logo
Texas Instruments
MOC3010 TI-MOC3010 Datasheet
96Kb / 7P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
logo
Fairchild Semiconductor
MOC3010 FAIRCHILD-MOC3010 Datasheet
185Kb / 7P
   6-Pin DIP Random-Phoase Optoisolators Triac Driver Output (250 Volts Peak)
2000
More results

Similar Description - MOC3010

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC3021 FAIRCHILD-MOC3021 Datasheet
176Kb / 7P
   6-Pin DIP Random-phase Optoisolators Triac Driver Output
logo
Motorola, Inc
MOC3020 MOTOROLA-MOC3020 Datasheet
299Kb / 6P
   6-Pin DIP Random-Phase Optoisolators Triac Driver Output
MOC3051 MOTOROLA-MOC3051 Datasheet
329Kb / 8P
   6-Pin DIP Random-Phase Optoisolators Triac Drivers
logo
Fairchild Semiconductor
MOC3010M FAIRCHILD-MOC3010M_05 Datasheet
526Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3010M FAIRCHILD-MOC3010M_09 Datasheet
275Kb / 11P
   6-Pin DIP Random-Phase Optoisolators Triac Driver Output (250/400 Volt Peak)
MOC3010-M FAIRCHILD-MOC3010-M Datasheet
526Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3022-M FAIRCHILD-MOC3022-M Datasheet
527Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3010M FAIRCHILD-MOC3010M Datasheet
111Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
logo
ON Semiconductor
MOC3010M ONSEMI-MOC3010M Datasheet
348Kb / 12P
   6-Pin DIP Random-Phase Triac Driver Output Optocoupler
May, 2018 ??Rev. 1
logo
Everlight Electronics C...
EL301X_0808 EVERLIGHT-EL301X_0808 Datasheet
316Kb / 12P
   6 PIN DIP RANDOM-PHASE TRIAC DRIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com