Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74F564 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 74F564
Description  Octal D-Type Flip-Flop with 3-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F564 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74F564 Datasheet HTML 1Page - Fairchild Semiconductor 74F564 Datasheet HTML 2Page - Fairchild Semiconductor 74F564 Datasheet HTML 3Page - Fairchild Semiconductor 74F564 Datasheet HTML 4Page - Fairchild Semiconductor 74F564 Datasheet HTML 5Page - Fairchild Semiconductor 74F564 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
AC Operating Requirements
Symbol
Parameter
TA = +25°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
CL = 50 pF
CL = 50 pF
Min
Typ
Max
Min
Max
fMAX
Maximum Clock Frequency
100
70
MHz
tPLH
Propagation Delay
2.5
5.2
8.5
2.5
8.5
ns
tPHL
CP to On
2.5
5.9
8.5
2.5
8.5
tPZH
Output Enable Time
3.0
5.6
9.0
2.5
10.0
ns
tPZL
3.0
6.2
9.0
2.5
10.0
tPHZ
Output Disable Time
1.5
3.4
5.5
1.5
6.5
tPLZ
1.5
2.7
5.5
1.5
6.5
Symbol
Parameter
TA = +25°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
Min
Max
Min
Max
tS(H)
Setup Time, HIGH or LOW
2.0
2.0
ns
tS(L)
Dn to CP
2.5
2.5
tH(H)
Hold Time, HIGH or LOW
2.0
2.0
tH(L)
Dn to CP
2.0
2.0
tW(H)
CP Pulse Width
5.0
5.0
ns
tW(L)
HIGH or LOW
5.0
5.0


Similar Part No. - 74F564

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F564 PHILIPS-74F564 Datasheet
80Kb / 10P
   Octal D flip-flop 3-State
1996 Jan 05
logo
Fairchild Semiconductor
74F564 FAIRCHILD-74F564 Datasheet
63Kb / 6P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74F564PC FAIRCHILD-74F564PC Datasheet
63Kb / 6P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74F564SJ FAIRCHILD-74F564SJ Datasheet
63Kb / 6P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74F564 FAIRCHILD-74F564_00 Datasheet
63Kb / 6P
   Octal D-Type Flip-Flop with 3-STATE Outputs
More results

Similar Description - 74F564

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC374 FAIRCHILD-74AC374 Datasheet
107Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
NXP Semiconductors
HEF40374B PHILIPS-HEF40374B Datasheet
84Kb / 7P
   Octal D-type flip-flop with 3-state outputs
January 1995
logo
ON Semiconductor
MC74LVX374 ONSEMI-MC74LVX374_11 Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Fairchild Semiconductor
74AC574 FAIRCHILD-74AC574 Datasheet
100Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_14 Datasheet
117Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
August, 2014 ??Rev. 4
logo
Fairchild Semiconductor
74ABT574CMTCX FAIRCHILD-74ABT574CMTCX Datasheet
123Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74VHC374 FAIRCHILD-74VHC374 Datasheet
209Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74AC374 FAIRCHILD-74AC374_08 Datasheet
436Kb / 14P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_11 Datasheet
144Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Motorola, Inc
MC74AC374 MOTOROLA-MC74AC374 Datasheet
209Kb / 7P
   OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74VHCT574A FAIRCHILD-74VHCT574A Datasheet
105Kb / 8P
   Octal D-Type Flip-Flop with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com