Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74F552 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # 74F552
Description  Octal Registered Transceiver with Parity and Flags
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F552 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74F552 Datasheet HTML 1Page - Fairchild Semiconductor 74F552 Datasheet HTML 2Page - Fairchild Semiconductor 74F552 Datasheet HTML 3Page - Fairchild Semiconductor 74F552 Datasheet HTML 4Page - Fairchild Semiconductor 74F552 Datasheet HTML 5Page - Fairchild Semiconductor 74F552 Datasheet HTML 6Page - Fairchild Semiconductor 74F552 Datasheet HTML 7Page - Fairchild Semiconductor 74F552 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions
Note 1: Absolute maximum ratings are values beyond which the device
may be damaged or have its useful life impaired. Functional operation
under these conditions is not implied.
Note 2: Either voltage limit or current limit is sufficient to protect inputs.
DC Electrical Characteristics
Storage Temperature
−65°C to +150°C
Ambient Temperature under Bias
−55°C to +125°C
Junction Temperature under Bias
−55°C to +175°C
VCC Pin Potential to Ground Pin
−0.5V to +7.0V
Input Voltage (Note 2)
−0.5V to +7.0V
Input Current (Note 2)
−30 mA to +5.0 mA
Voltage Applied to Output
in HIGH State (with VCC = 0V)
Standard Output
−0.5V to V
CC
3-STATE Output
−0.5V to +5.5V
Current Applied to Output
in LOW State (Max)
twice the rated IOL (mA)
Free Air Ambient Temperature
0
°C to +70°C
Supply Voltage
+4.5V to +5.5V
Symbol
Parameter
Min
Typ
Max
Units
VCC
Conditions
VIH
Input HIGH Voltage
2.0
V
Recognized as a HIGH Signal
VIL
Input LOW Voltage
0.8
V
Recognized as a LOW Signal
VCD
Input Clamp Diode
−1.2
V
Min
IIN = −18 mA
Voltage
(CER, CES, CPR, CPS, OEBR, OEAS)
VOH
Output HIGH
10% VCC
2.5
IOH = −1 mA (FR, FS, ERROR, An)
Voltage
10% VCC
2.4
IOH = −3 mA (An, Bn PARITY)
10% VCC
2.0
V
Min
IOH = −15 mA (Bn, PARITY)
5% VCC
2.7
IOH = −1 mA (FR, FS, ERROR, An)
5% VCC
2.7
IOH = −3 mA (An, Bn, PARITY)
VOL
Output LOW
10% VCC
0.5
IOL = 20 mA (FR, FS, ERROR)
Voltage
10% VCC
0.5
V
Min
IOL = 24 mA (An)
10% VCC
0.55
IOL = 64 mA (Bn, PARITY)
IIH
Input HIGH
5.0
µAMax
VIN = 2.7V
Current
(CER, CES, CPR, CPS, OEBR, OEAS)
IBVI
Input HIGH Current
7.0
µAMax
VIN = 7.0V
Breakdown Test
(CER, CES, CPR, CPS, OEBR, OEAS)
IBVIT
Input HIGH Current
0.5
mA
Max
VIN = 5.5V
Breakdown (I/O)
(An, Bn, PARITY)
ICEX
Output HIGH
50
µAMax
VOUT = VCC
Leakage Current
(FR, FS, ERROR, An, Bn, PARITY)
VID
Input Leakage
4.75
V
0.0
IID = 1.9 µA
Test
All other pins grounded
IOD
Output Leakage
3.75
µA0.0
VIOD = 150 mV
Circuit Current
All other pins grounded
IIL
Input LOW Current
−0.6
mA
Max
VIN = 0.5V (CER, CES, CPR, CPS)
−1.2
VIN = 0.5V (OEBR, OEAS)
IIH + IOZH
Output Leakage Current
70
µAMax
VOUT = 2.7V (An, Bn, PARITY)
IIL + IOZL
Output Leakage Current
−650
µAMax
VOUT = 0.5V (An, Bn, PARITY)
IOS
Output Short-
−60
−175
mA
Max
VOUT = 0V (FR, FS, ERROR, An)
Circuit Current
−100
−250
VOUT = 0V (Bn, PARITY)
IZZ
Bus Drainage Test
500
µA0.0V
VOUT = 5.25V (An, Bn, PARITY)
ICCH
Power Supply Current
100
150
mA
Max
VO = HIGH
ICCL
Power Supply Current
100
150
mA
Max
VO = LOW
ICCZ
Power Supply Current
110
165
mA
Max
VO = HIGH Z


Similar Part No. - 74F552

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F552 PHILIPS-74F552 Datasheet
115Kb / 14P
   Octal registered transceiver with parity and flags 3-State
1991 Jan 02
More results

Similar Description - 74F552

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F552 PHILIPS-74F552 Datasheet
115Kb / 14P
   Octal registered transceiver with parity and flags 3-State
1991 Jan 02
logo
Fairchild Semiconductor
74F543 FAIRCHILD-74F543_00 Datasheet
78Kb / 7P
   Octal Registered Transceiver
logo
National Semiconductor ...
74FCT543A NSC-74FCT543A Datasheet
427Kb / 5P
   Octal Registered Transceiver
logo
Fairchild Semiconductor
74ABT2952 FAIRCHILD-74ABT2952 Datasheet
93Kb / 8P
   Octal Registered Transceiver
logo
National Semiconductor ...
54F544DM NSC-54F544DM Datasheet
186Kb / 10P
   Octal Registered Transceiver
logo
Fairchild Semiconductor
74F543 FAIRCHILD-74F543 Datasheet
67Kb / 7P
   Octal Registered Transceiver
74F544 FAIRCHILD-74F544 Datasheet
57Kb / 6P
   Octal Registered Transceiver
logo
Texas Instruments
SN74F657 TI-SN74F657 Datasheet
230Kb / 10P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
74ACT11657 TI1-74ACT11657 Datasheet
120Kb / 8P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN64BCT657 TI1-SN64BCT657 Datasheet
127Kb / 7P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com