Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74F543 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 74F543
Description  Octal Registered Transceiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F543 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74F543 Datasheet HTML 1Page - Fairchild Semiconductor 74F543 Datasheet HTML 2Page - Fairchild Semiconductor 74F543 Datasheet HTML 3Page - Fairchild Semiconductor 74F543 Datasheet HTML 4Page - Fairchild Semiconductor 74F543 Datasheet HTML 5Page - Fairchild Semiconductor 74F543 Datasheet HTML 6Page - Fairchild Semiconductor 74F543 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
AC Operating Requirements
Symbol
Parameter
TA = +25°C
Units
VCC = +5.0V
TA = 0°C to +70°C
CL = 50 pF
CL = 50 pF
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
3.0
5.5
7.5
3.0
8.5
tPHL
Transparent Mode
3.0
5.0
6.5
3.0
7.5
ns
An to Bn or Bn to An
tPLH
Propagation Delay
4.5
8.5
11.0
4.5
12.5
ns
tPHL
LEBA to An
4.5
8.5
11.0
4.5
12.5
tPLH
Propagation Delay
4.5
8.5
11.0
4.5
12.5
ns
tPHL
LEAB to Bn
4.5
8.5
11.0
4.5
12.5
tPZH
Output Enable Time
tPZL
OEBA or OEAB to An or Bn
3.0
7.0
9.0
3.0
10.0
CEBA or CEAB to An or Bn
4.0
7.5
10.5
4.0
12.0
ns
tPHZ
Output Disable Time
tPLZ
OEBA or OEAB to An or Bn
1.0
6.0
8.0
1.0
9.0
CEBA or CEAB to An or Bn
2.5
5.5
10.5
2.5
11.5
Symbol
Parameter
TA = +25°C
Units
VCC = +5.0V
TA = 0°C to +70°C
Min
Max
Min
Max
tS(H)
Setup Time, HIGH or LOW
3.0
3.5
tS(L)
An or Bn to LEBA or LEAB
3.0
3.5
ns
tH(H)
Hold Time, HIGH or LOW
3.0
3.5
tH(L)
An or Bn to LEBA or LEAB
3.0
3.5
tW(L)
Latch Enable, B to A or
8.0
9.0
ns
B to A Pulse Width, LOW


Similar Part No. - 74F543

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F543 PHILIPS-74F543 Datasheet
119Kb / 16P
   Octal registered transceiver, non-inverting 3-State
1994 Dec 5
74F543 NXP-74F543 Datasheet
99Kb / 15P
   Octal latched transceiver with dual enable; 3-state
Rev. 04-26 January 2010
74F543DB PHILIPS-74F543DB Datasheet
119Kb / 16P
   Octal registered transceiver, non-inverting 3-State
1994 Dec 5
logo
Fairchild Semiconductor
74F543MSA FAIRCHILD-74F543MSA Datasheet
78Kb / 7P
   Octal Registered Transceiver
74F543PC FAIRCHILD-74F543PC Datasheet
78Kb / 7P
   Octal Registered Transceiver
More results

Similar Description - 74F543

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F543 FAIRCHILD-74F543_00 Datasheet
78Kb / 7P
   Octal Registered Transceiver
logo
National Semiconductor ...
74FCT543A NSC-74FCT543A Datasheet
427Kb / 5P
   Octal Registered Transceiver
logo
Fairchild Semiconductor
74ABT2952 FAIRCHILD-74ABT2952 Datasheet
93Kb / 8P
   Octal Registered Transceiver
logo
National Semiconductor ...
54F544DM NSC-54F544DM Datasheet
186Kb / 10P
   Octal Registered Transceiver
logo
Fairchild Semiconductor
74F544 FAIRCHILD-74F544 Datasheet
57Kb / 6P
   Octal Registered Transceiver
logo
NXP Semiconductors
74ABT2952 PHILIPS-74ABT2952 Datasheet
110Kb / 12P
   Octal registered transceiver 3-State
1998 Feb 11
logo
Motorola, Inc
MC74LCX646 MOTOROLA-MC74LCX646 Datasheet
169Kb / 10P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER
logo
ON Semiconductor
MC74LCX646 ONSEMI-MC74LCX646 Datasheet
169Kb / 10P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER
1996 REV 2
logo
Motorola, Inc
MC74LVQ646 MOTOROLA-MC74LVQ646 Datasheet
230Kb / 10P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER
logo
NXP Semiconductors
MB2052 PHILIPS-MB2052 Datasheet
105Kb / 7P
   Dual octal registered transceiver 3-State
August 23, 1993
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com