Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74F533 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 74F533
Description  Octal Transparent Latch with 3-STATE Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F533 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74F533 Datasheet HTML 1Page - Fairchild Semiconductor 74F533 Datasheet HTML 2Page - Fairchild Semiconductor 74F533 Datasheet HTML 3Page - Fairchild Semiconductor 74F533 Datasheet HTML 4Page - Fairchild Semiconductor 74F533 Datasheet HTML 5Page - Fairchild Semiconductor 74F533 Datasheet HTML 6Page - Fairchild Semiconductor 74F533 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
AC Operating Requirements
Symbol
Parameter
TA = +25°CTA = −55°C to +125°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
VCC = +5.0V
CL = 50 pF
CL = 50 pF
CL = 50 pF
Min
Typ
Max
Min
Max
Min
Max
tPLH
Propagation Delay
4.0
6.7
9.0
4.0
12.0
4.0
10.0
ns
tPHL
Dn to On
2.54.4
7.02.5
9.02.5
8.0
tPLH
Propagation Delay
5.0
7.1
11.0
5.0
14.0
5.0
13.0
ns
tPHL
LE to On
3.04.7
7.03.0
9.03.0
8.0
tPZH
Output Enable Time
2.0
5.9
10.0
2.0
12.5
2.0
11.0
ns
tPZL
2.0
5.6
7.5
2.0
10.5
2.0
8.5
tPHZ
Output Disable Time
1.5
3.4
6.5
1.5
8.5
1.5
7.0
ns
tPLZ
1.52.7
5.51.5
7.51.5
6.5
Symbol
Parameter
TA = +25°CTA = −55°C to +125°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
VCC = +5.0V
Min
Max
Min
Max
Min
Max
tS(H)
Setup Time, HIGH or LOW
2.0
2.0
2.0
ns
tS(L)
Dn to LE
2.0
2.0
2.0
tH(H)
Hold Time, HIGH or LOW
3.0
3.0
3.0
ns
tH(L)
Dn to LE
3.0
3.0
3.0
tW(H)
LE Pulse Width, HIGH
6.0
6.0
6.0
ns


Similar Part No. - 74F533

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74F533 NSC-74F533 Datasheet
166Kb / 8P
   Octal Transparent Latch with TRI-STATE Outputs
logo
NXP Semiconductors
74F533 PHILIPS-74F533 Datasheet
97Kb / 12P
   Latch/flip-flop
1999 Jan 08
logo
National Semiconductor ...
74F533DCQB NSC-74F533DCQB Datasheet
166Kb / 8P
   Octal Transparent Latch with TRI-STATE Outputs
74F533DCX NSC-74F533DCX Datasheet
166Kb / 8P
   Octal Transparent Latch with TRI-STATE Outputs
74F533DMQB NSC-74F533DMQB Datasheet
166Kb / 8P
   Octal Transparent Latch with TRI-STATE Outputs
More results

Similar Description - 74F533

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC5474F373 MOTOROLA-MC5474F373 Datasheet
79Kb / 3P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACT533 FAIRCHILD-74ACT533 Datasheet
92Kb / 7P
   Octal Transparent Latch with 3-STATE Outputs
logo
List of Unclassifed Man...
T74LS373 ETC-T74LS373 Datasheet
236Kb / 5P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT373 FAIRCHILD-74ABT373_07 Datasheet
308Kb / 13P
   Octal Transparent Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC533 MOTOROLA-MC74AC533 Datasheet
209Kb / 7P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Nexperia B.V. All right...
HEF40373B NEXPERIA-HEF40373B Datasheet
212Kb / 15P
   Octal transparent latch with 3-state outputs
Rev. 4 - 29 June 2018
logo
Fairchild Semiconductor
74AC373 FAIRCHILD-74AC373 Datasheet
122Kb / 10P
   Octal Transparent Latch with 3-STATE Outputs
74ACT373SJX FAIRCHILD-74ACT373SJX Datasheet
466Kb / 14P
   Octal Transparent Latch with 3-STATE Outputs
logo
NXP Semiconductors
HEF40373B_CNV PHILIPS-HEF40373B_CNV_15 Datasheet
90Kb / 7P
   Octal transparent latch with 3-state outputs
January 1995
logo
Motorola, Inc
MC74AC373 MOTOROLA-MC74AC373 Datasheet
212Kb / 8P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com