Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74F521SJ Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 74F521SJ
Description  8-Bit Identity Comparator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F521SJ Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74F521SJ Datasheet HTML 1Page - Fairchild Semiconductor 74F521SJ Datasheet HTML 2Page - Fairchild Semiconductor 74F521SJ Datasheet HTML 3Page - Fairchild Semiconductor 74F521SJ Datasheet HTML 4Page - Fairchild Semiconductor 74F521SJ Datasheet HTML 5Page - Fairchild Semiconductor 74F521SJ Datasheet HTML 6Page - Fairchild Semiconductor 74F521SJ Datasheet HTML 7Page - Fairchild Semiconductor 74F521SJ Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.fairchildsemi.com
2
Unit Loading/Fan Out
Truth Table
H
= HIGH Voltage Level
L
= LOW Voltage Level
Note 1: A0 = B0, A1 = B1, A2 = B2, etc.
Logic Diagram
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays.
Pin Names
Description
U.L.
Input IIH/IIL
HIGH/LOW Output IOH/IOL
A0–A7
Word A Inputs
1.0/1.0
20
µA/−0.6 mA
B0–B7
Word B Inputs
1.0/1.0
20
µA/−0.6 mA
IA=B
Expansion or Enable Input (Active LOW)
1.0/1.0
20
µA/−0.6 mA
OA=B
Identity Output (Active LOW)
50/33.3
−1 mA/20 mA
Inputs
Output
IA = B
A, B
OA = B
LA
= B (Note 1)
L
LA
≠ BH
HA
= B (Note 1)
H
HA
≠ BH


Similar Part No. - 74F521SJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74F521SJ NSC-74F521SJ Datasheet
165Kb / 8P
   8-Bit Identity Comparator
More results

Similar Description - 74F521SJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC520 FAIRCHILD-74AC520 Datasheet
80Kb / 8P
   8-Bit Identity Comparator
74AC520 FAIRCHILD-74AC520_07 Datasheet
282Kb / 11P
   8-Bit Identity Comparator
logo
National Semiconductor ...
54AC521 NSC-54AC521 Datasheet
195Kb / 10P
   8-Bit Identity Comparator
logo
Texas Instruments
74AC11520 TI1-74AC11520_09 Datasheet
120Kb / 7P
[Old version datasheet]   8-BIT IDENTITY COMPARATOR
logo
National Semiconductor ...
54AC520 NSC-54AC520 Datasheet
177Kb / 10P
   8-Bit Identity Comparator
logo
Motorola, Inc
MC5474F521 MOTOROLA-MC5474F521 Datasheet
84Kb / 3P
   8-BIT IDENTITY COMPARATOR
logo
National Semiconductor ...
54F521DM NSC-54F521DM Datasheet
165Kb / 8P
   8-Bit Identity Comparator
logo
Texas Instruments
54AC520 TI1-54AC520 Datasheet
220Kb / 11P
[Old version datasheet]   8-Bit Identity Comparator
logo
Fairchild Semiconductor
74AC521 FAIRCHILD-74AC521 Datasheet
115Kb / 9P
   8-Bit Identity Comparator
logo
NXP Semiconductors
74F521 PHILIPS-74F521 Datasheet
79Kb / 8P
   8-bit identity comparator
1990 May 15
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com