Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OR2T04A-2PS84I Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # OR2T04A-2PS84I
Description  Field-Programmable Gate Arrays
Download  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OR2T04A-2PS84I Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button OR2T04A-2PS84I Datasheet HTML 5Page - List of Unclassifed Manufacturers OR2T04A-2PS84I Datasheet HTML 6Page - List of Unclassifed Manufacturers OR2T04A-2PS84I Datasheet HTML 7Page - List of Unclassifed Manufacturers OR2T04A-2PS84I Datasheet HTML 8Page - List of Unclassifed Manufacturers OR2T04A-2PS84I Datasheet HTML 9Page - List of Unclassifed Manufacturers OR2T04A-2PS84I Datasheet HTML 10Page - List of Unclassifed Manufacturers OR2T04A-2PS84I Datasheet HTML 11Page - List of Unclassifed Manufacturers OR2T04A-2PS84I Datasheet HTML 12Page - List of Unclassifed Manufacturers OR2T04A-2PS84I Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 192 page
background image
Lucent Technologies Inc.
9
Data Sheet
June 1999
ORCA Series 2 FPGAs
Programmable Logic Cells (continued)
F5M and F5X Modes—Special Function Modes
The PFU contains logic to implement two special func-
tion modes which are variations on the F5 mode. As
with the F5 mode, the LUT implements two indepen-
dent five-input functions. Figure 6 and Figure 7 show
the schematics for F5M and F5X modes, respectively.
The F5X and F5M functions differ from the basic F5A/
F5B functions in that there are three logic gates which
have inputs from the two 5-input LUT outputs. In some
cases, this can be used for faster and/or wider logic
functions.
As can be seen, two of the three inputs into the NAND,
XOR, and MUX gates, F0 and F3, are from the LUT.
The third input is from the C0 input into PFU. Since the
C0 input bypasses the LUTs, it has a much smaller
delay through the PFU than for all other inputs into the
special PFU gates. This allows multiple PFUs to be
cascaded together while reducing the delay of the criti-
cal path through the PFUs. The output of the first spe-
cial function (either XOR or MUX) is F1. Since the XOR
and MUX share the F1 output, the F5X and F5M
modes are mutually exclusive. The output of the NAND
PFU gate is F2 and is always available in either mode.
To use either the F5M or F5X functions, the LUT must
be in the F5A/F5B mode; i.e., only 5-input LUTs
allowed. In both the F5X and F5M functions, the out-
puts of the five-input combinatorial functions, F0 and
F3, are also usable simultaneously with the special
PFU gate outputs.
The output of the MUX is:
F1 = (HLUTA & C0) + (HLUTB & C0)
F1 = (F3 & C0) + (F0 & C0)
The output of the exclusive OR is:
F1 = HLUTA
⊕ HLUTB ⊕ C0
F1 = F3
⊕ F0 ⊕ C0
The output of the NAND is:
F2 = HLUTA & HLUTB & C0
F2 = F3 & F0 & C0
5-2754(F).r3
Figure 6. F5M Mode—Multiplexed Function of Two
Independent Five-Input Variable
Functions
5-2755(F).r2
Figure 7. F5X Mode—Exclusive OR Function of Two
Independent Five-Input Variable
Functions
QLUT3
QLUT2
A4
A4
A3
A2
A1
A0
A3
A2
A1
A0
QLUT1
QLUT0
B4
B4
B3
B2
B1
B0
B3
B2
B1
B0
C0
F3
F0
F1
F0
F2
F3
A4
A4
A3
A2
A1
A0
A3
A2
A1
A0
B4
B4
B3
B2
B1
B0
B3
B2
B1
B0
C0
F3
F0
F1
F0
F2
F3
HLUTA
HLUTB


Similar Part No. - OR2T04A-2PS84I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
OR2T04A LATTICE-OR2T04A Datasheet
3Mb / 192P
   Field-Programmable Gate Arrays
More results

Similar Description - OR2T04A-2PS84I

ManufacturerPart #DatasheetDescription
logo
Xilinx, Inc
DS022-1 XILINX-DS022-1 Datasheet
89Kb / 5P
   Field Programmable Gate Arrays
DS022 XILINX-DS022 Datasheet
1Mb / 233P
   Field Programmable Gate Arrays
logo
Agere Systems
OR4E2 AGERE-OR4E2 Datasheet
3Mb / 124P
   Field-Programmable Gate Arrays
logo
Lattice Semiconductor
OR2C04A LATTICE-OR2C04A Datasheet
3Mb / 192P
   Field-Programmable Gate Arrays
logo
List of Unclassifed Man...
ATT3000 ETC1-ATT3000 Datasheet
498Kb / 80P
   Field-Programmable Gate Arrays
logo
Texas Instruments
TPC10 TI-TPC10 Datasheet
3Mb / 69P
[Old version datasheet]   CMOS FIELD-PROGRAMMABLE GATE ARRAYS
logo
ATMEL Corporation
AT6000 ATMEL-AT6000 Datasheet
591Kb / 28P
   Coprocessor Field Programmable Gate Arrays
logo
Xilinx, Inc
XC4000 XILINX-XC4000 Datasheet
221Kb / 22P
   Third Generation Field-Programmable Gate Arrays
XC4036XLA XILINX-XC4036XLA Datasheet
141Kb / 14P
   XC4000XLA/XV Field Programmable Gate Arrays
logo
Agere Systems
OR3C80-4PS240 AGERE-OR3C80-4PS240 Datasheet
4Mb / 210P
   3C and 3T Field-Programmable Gate Arrays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com