Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1757001847 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # 1757001847
Description  Redundant Power Supplies
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

1757001847 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  1757001847 Datasheet HTML 1Page - Advantech Co., Ltd. 1757001847 Datasheet HTML 2Page - Advantech Co., Ltd. 1757001847 Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Industrial Computer Peripherals
Power Supplies
Model Name
PS-250ATX-ZE
PS-300ATX-DC48E
Wattage
250 W
300 W
Input Range
Selectable 115 VAC / 230 VAC, 60 / 50 Hz, 10 / 5 A
72 ~ 36 VDC, 15 A
Outputs
+5 V @ 27 A (0.5 A min)
+3.3 V @ 20 A (0.3 A min)
+12 V @ 13 A (1 A min)
-12 V @ 0.8 A, -5 V @ 0.3 A, +5 Vsb @ 2 A
+5 V @ 30 A (0.3 A min)
+3.3 V @ 28 A (0.3 A min)
+12 V @ 15 A (0.2 A min)
-12 V @ 0.8 A, -5 V @ 0.3 A, +5 Vsb @ 2 A
MTBF (hrs)
100,000 @ 25C
100,000 @ 25C
Dimensions (H x W x D)
86 x 150 x 140 mm (3.39" x 5.91" x 5.51")
86 x 150 x 140 mm (3.39" x 5.91" x 5.51")
Safety
UL, TUV, CB, CCC
UL, TUV, CB, CCC
Compatible Chassis
ACP-2000, IPC-602, IPC-610, IPC-611, IPC-6606, IPC-6608, IPC-6908
ACP-2000, ACP-4000, ACP-4320, ACP-4360, IPC-602, IPC-610,
ACP-4010, IPC-6606, IPC-6608, IPC-6908, IPC-7143, IPC-7220
PS/2 Power Supplies
Model Name
1757003062
1757003063
1757003527
Wattage
60 W
90 W
Input Range
AC 100 ~ 240 V, 50 ~ 60 Hz, 1.5 A
AC 100 ~ 240 V, 50 ~ 60 Hz, 1.5 A
Outputs
+12 V @ 5.0 A
+19 V @ 4.74 A
Power Plug
1757003062: Drum; 1757003063: 4-pin 12V
Phoenix 2-pin
MTBF (hrs)
1757003062: 60,000 @ 25C; 1757003063: 50,000 @ 25C
50,000 @ 25C
Dimensions
31.5 x 63 x 110 mm
32.0 x 58.0 x 160.0 mm
Safety
UL, TUV, CB, CCC
UL , TUV, CB, CCC
Compatible Chassis
ARK-6320
ARK-6310 series
Power Adapters
All product specifications are subject to change without notice
Last updated : 20-Jun-2012


Similar Part No. - 1757001847

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
1757001137 ADVANTECH-1757001137 Datasheet
541Kb / 2P
   2U Rackmount Chassis for ATX/MicroATX Motherboard
1757001317 ADVANTECH-1757001317 Datasheet
816Kb / 2P
   15 XGA TFT LCD Pentium짰 M/ Celeron짰 M Touch Panel Computer
1757001397 ADVANTECH-1757001397 Datasheet
1Mb / 3P
   Redundant Power Supplies
1757001457 ADVANTECH-1757001457 Datasheet
1Mb / 3P
   Redundant Power Supplies
1757001458 ADVANTECH-1757001458 Datasheet
1Mb / 3P
   Redundant Power Supplies
More results

Similar Description - 1757001847

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
1757003062 ADVANTECH-1757003062 Datasheet
1Mb / 3P
   Redundant Power Supplies
1757000105G ADVANTECH-1757000105G Datasheet
1Mb / 3P
   Redundant Power Supplies
1757001798 ADVANTECH-1757001798 Datasheet
1Mb / 3P
   Redundant Power Supplies
1757003063 ADVANTECH-1757003063 Datasheet
1Mb / 3P
   Redundant Power Supplies
1757000878 ADVANTECH-1757000878 Datasheet
1Mb / 3P
   Redundant Power Supplies
RPS-300ATX-ZE ADVANTECH-RPS-300ATX-ZE Datasheet
1Mb / 3P
   Redundant Power Supplies
1757000557 ADVANTECH-1757000557 Datasheet
1Mb / 3P
   Redundant Power Supplies
1757003527 ADVANTECH-1757003527 Datasheet
1Mb / 3P
   Redundant Power Supplies
1757001797 ADVANTECH-1757001797 Datasheet
1Mb / 3P
   Redundant Power Supplies
1757001458 ADVANTECH-1757001458 Datasheet
1Mb / 3P
   Redundant Power Supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com