Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74F402PC Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74F402PC
Description  Serial Data Polynomial Generator/Checker
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F402PC Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74F402PC Datasheet HTML 1Page - Fairchild Semiconductor 74F402PC Datasheet HTML 2Page - Fairchild Semiconductor 74F402PC Datasheet HTML 3Page - Fairchild Semiconductor 74F402PC Datasheet HTML 4Page - Fairchild Semiconductor 74F402PC Datasheet HTML 5Page - Fairchild Semiconductor 74F402PC Datasheet HTML 6Page - Fairchild Semiconductor 74F402PC Datasheet HTML 7Page - Fairchild Semiconductor 74F402PC Datasheet HTML 8Page - Fairchild Semiconductor 74F402PC Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© 1999 Fairchild Semiconductor Corporation
DS009535
www.fairchildsemi.com
April 1988
Revised August 1999
74F402
Serial Data Polynomial Generator/Checker
General Description
The 74F402 expandable Serial Data Polynomial generator/
checker is an expandable version of the 74F401. It pro-
vides an advanced tool for the implementation of the most
widely used error detection scheme in serial digital han-
dling systems. A 4-bit control input selects one-of-six gen-
erator polynomials. The list of polynomials includes CRC-
16, CRC-CCITT and Ethernet
®, as well as three other
standard polynomials (56th order, 48th order, 32nd order).
Individual clear and preset inputs are provided for floppy
disk and other applications. The Error output indicates
whether or not a transmission error has occurred. The
CWG Control input inhibits feedback during check word
transmission. The 74F402 is compatible with FAST
®
devices and with all TTL families.
Features
s Guaranteed 30 MHz data rate
s Six selectable polynomials
s Other polynomials available
s Separate preset and clear controls
s Expandable
s Automatic right justification
s Error output open collector
s Typical applications: Floppy and other disk storage sys-
tems Digital cassette and cartridge systems Data com-
munication systems
Ordering Code:
Logic Symbol
Connection Diagram
FAST
® is a registered trademark of Fairchild Semiconductor Corporation.
Ethernet
® is a registered trademark of Xerox Corporation.
Order Number
Package Number
Package Description
74F402PC
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide


Similar Part No. - 74F402PC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74F402PC NSC-74F402PC Datasheet
177Kb / 12P
   Serial Data Polynomial Generator/Checker
More results

Similar Description - 74F402PC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F402DM NSC-54F402DM Datasheet
177Kb / 12P
   Serial Data Polynomial Generator/Checker
logo
Motorola, Inc
MC8503 MOTOROLA-MC8503 Datasheet
767Kb / 10P
   UNIVERSAL POLYNOMIAL GENERATOR (UPG)
logo
Fairchild Semiconductor
74F401 FAIRCHILD-74F401 Datasheet
60Kb / 7P
   CRC Generator/Checker
logo
Micrel Semiconductor
SY100S360 MICREL-SY100S360_07 Datasheet
82Kb / 4P
   DUAL PARITY CHECKER/ GENERATOR
SY100S360 MICREL-SY100S360 Datasheet
99Kb / 5P
   DUAL PARITY CHECKER/ GENERATOR
SY100S360 MICREL-SY100S360_06 Datasheet
89Kb / 6P
   DUAL PARITY CHECKER/GENERATOR
SY10E160 MICREL-SY10E160 Datasheet
60Kb / 4P
   12-BIT PARITY GENERATOR/CHECKER
logo
ON Semiconductor
MC10H160 ONSEMI-MC10H160 Datasheet
111Kb / 4P
   12-Bit Parity Generator-Checker
May, 2000 ??Rev. 7
logo
Toshiba Semiconductor
TC74AC280P TOSHIBA-TC74AC280P Datasheet
265Kb / 7P
   9 - BIT PARITY GENERATOR CHECKER
logo
Motorola, Inc
MC10160 MOTOROLA-MC10160 Datasheet
84Kb / 4P
   12-Bit parity Generator-Checker
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com