Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74F402PC Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 74F402PC
Description  Serial Data Polynomial Generator/Checker
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F402PC Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74F402PC Datasheet HTML 1Page - Fairchild Semiconductor 74F402PC Datasheet HTML 2Page - Fairchild Semiconductor 74F402PC Datasheet HTML 3Page - Fairchild Semiconductor 74F402PC Datasheet HTML 4Page - Fairchild Semiconductor 74F402PC Datasheet HTML 5Page - Fairchild Semiconductor 74F402PC Datasheet HTML 6Page - Fairchild Semiconductor 74F402PC Datasheet HTML 7Page - Fairchild Semiconductor 74F402PC Datasheet HTML 8Page - Fairchild Semiconductor 74F402PC Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
www.fairchildsemi.com
TABLE 1.
Block Diagram
Hex
Select Code
Polynomial
Remarks
S3
S2
S1
S0
0LLLL
0
S
= 0
CH
H
L
L
X32
+X26+X23+X22+X16+
Ethernet
DH
H
L
H
X12
+X11+X10+X8+X7+X5+X4+X2+X+1
Polynomial
E
HHH
L
X32
+X31+X27+X26+X25+X19+X16+
Ethernet
F
HHHH
X15
+X13+X12+X11+X9+X7+X6+X5+X4+X2+X+1
Residue
7
L
HHH
X16
+X15+X2+1
CRC-16
BH
L
H
H
X16
+X12+X5+1
CRC-CCITT
3LL
H
H
X56
+X55+X49+X45+X41+
2LL
H
L
X39
+X38+X37+X36+X31+
56th
4L
H
L
L
X22
+X19+X17+X16+X15+X14+X12+X11+X9+
Order
8
H
LLL
X5
+X+1
5L
H
L
H
X48
+X36+X35+
9H
L
L
H
X23
+X21+
48th
1LLL
H
X15
+X13+X8+X2+1Order
6L
H
H
L
X32
+X23+X21+
32nd
AH
L
H
L
X11
+X2+1Order


Similar Part No. - 74F402PC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74F402PC NSC-74F402PC Datasheet
177Kb / 12P
   Serial Data Polynomial Generator/Checker
More results

Similar Description - 74F402PC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F402DM NSC-54F402DM Datasheet
177Kb / 12P
   Serial Data Polynomial Generator/Checker
logo
Motorola, Inc
MC8503 MOTOROLA-MC8503 Datasheet
767Kb / 10P
   UNIVERSAL POLYNOMIAL GENERATOR (UPG)
logo
Fairchild Semiconductor
74F401 FAIRCHILD-74F401 Datasheet
60Kb / 7P
   CRC Generator/Checker
logo
Micrel Semiconductor
SY100S360 MICREL-SY100S360_07 Datasheet
82Kb / 4P
   DUAL PARITY CHECKER/ GENERATOR
SY100S360 MICREL-SY100S360 Datasheet
99Kb / 5P
   DUAL PARITY CHECKER/ GENERATOR
SY100S360 MICREL-SY100S360_06 Datasheet
89Kb / 6P
   DUAL PARITY CHECKER/GENERATOR
SY10E160 MICREL-SY10E160 Datasheet
60Kb / 4P
   12-BIT PARITY GENERATOR/CHECKER
logo
ON Semiconductor
MC10H160 ONSEMI-MC10H160 Datasheet
111Kb / 4P
   12-Bit Parity Generator-Checker
May, 2000 ??Rev. 7
logo
Toshiba Semiconductor
TC74AC280P TOSHIBA-TC74AC280P Datasheet
265Kb / 7P
   9 - BIT PARITY GENERATOR CHECKER
logo
Motorola, Inc
MC10160 MOTOROLA-MC10160 Datasheet
84Kb / 4P
   12-Bit parity Generator-Checker
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com