Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADT7350 Datasheet(PDF) 4 Page - ADTech

Part # ADT7350
Description  Step-down converter with integrated switching MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADTECH [ADTech]
Direct Link  
Logo ADTECH - ADTech

ADT7350 Datasheet(HTML) 4 Page - ADTech

  ADT7350_12 Datasheet HTML 1Page - ADTech ADT7350_12 Datasheet HTML 2Page - ADTech ADT7350_12 Datasheet HTML 3Page - ADTech ADT7350_12 Datasheet HTML 4Page - ADTech ADT7350_12 Datasheet HTML 5Page - ADTech ADT7350_12 Datasheet HTML 6Page - ADTech ADT7350_12 Datasheet HTML 7Page - ADTech ADT7350_12 Datasheet HTML 8Page - ADTech ADT7350_12 Datasheet HTML 9Page - ADTech Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4/10
* This specifications are subject to be changed without notice
http://www.ad-tech.co.kr
ADT7350
Aug 21. 2012 / Rev. 0.2
Electrical Characteristics (Ta=25℃, VIN=12V, unless otherwise noted)
Parameters
Condition
Min.
Typ.
Max.
Unit
Note
Supply current (shutdown)
V
EN = 0V
-
0.2
-
Supply current (quiescent)
V
EN = 2V, VFB = 1V
-
-
1
Feedback voltage (V
FB)
4.5V ≤ VIN ≤ 24V
0.79
0.81
0.83
V
Feedback current (I
FB)
V
FB = 0.81V
-
0.1
-
Switch On Resistance (R
DS.ON), (Note5)
-
-
0.4
-
Switch Leakage
V
EN = 0V , VSW = 0V
-
-
30
Current Limit (Note5)
-
-
1.8
-
A
Oscillator frequency (F
SW)
V
FB = 0.81V
1.2
1.4
1.7
Fold-back frequency
V
FB = 0V
-
460
-
Maximum Duty cycle
V
FB = 0.81V
-
85
-
%
UVLO rising threshold
-
4
V
UVLO threshold hysteresis
-
-
200
-
EN input low voltage
-
-
-
0.4
V
EN input high voltage
-
1.2
-
-
V
EN input current
V
EN = 2V
-
5
-
V
EN = 0V
-
0.1
-
Thermal shutdown (Note5)
-
-
140
-
Note5. guaranteed by design.


Similar Part No. - ADT7350_12

ManufacturerPart #DatasheetDescription
logo
ADTech
ADT73502 ADTECH-ADT73502 Datasheet
651Kb / 10P
   internal soft-start function
More results

Similar Description - ADT7350_12

ManufacturerPart #DatasheetDescription
logo
ADTech
ADT7351 ADTECH-ADT7351 Datasheet
975Kb / 15P
   step-down converter with integrated switching MOSFET
ADT7350 ADTECH-ADT7350 Datasheet
338Kb / 9P
   a step-down converter with integrated switching MOSFET
logo
Intel Corporation
EN6340QI INTEL-EN6340QI Datasheet
2Mb / 28P
   Step-Down DC-DC Switching Converter with Integrated Inductor
EN6363QI INTEL-EN6363QI Datasheet
1Mb / 28P
   Step-Down DC-DC Switching Converter with Integrated Inductor
July 19, 2017 Rev A
logo
Rohm
BD9E151ANUX ROHM-BD9E151ANUX Datasheet
1Mb / 25P
   Step-Down Switching Regulator Integrated Power MOSFET
25.Mar.2020 Rev.001
logo
Maxim Integrated Produc...
MAX20730 MAXIM-MAX20730 Datasheet
1Mb / 31P
   Integrated, Step-Down Switching Regulator with PMBus
2020
MAX20743 MAXIM-MAX20743 Datasheet
1Mb / 31P
   Integrated, Step-Down Switching Regulator with PMBus
19-8582; Rev 1; 10/16
MAX20733 MAXIM-MAX20733 Datasheet
967Kb / 26P
   Integrated, Step-Down Switching Regulator
2016
MAX20735 MAXIM-MAX20735 Datasheet
1Mb / 26P
   Integrated, Step-Down Switching Regulator
2017
MAX20745 MAXIM-MAX20745 Datasheet
1Mb / 26P
   Integrated, Step-Down Switching Regulator
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com