Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESD7951ST5G Datasheet(PDF) 1 Page - ON Semiconductor

Part # ESD7951ST5G
Description  Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ESD7951ST5G Datasheet(HTML) 1 Page - ON Semiconductor

  ESD7951ST5G Datasheet HTML 1Page - ON Semiconductor ESD7951ST5G Datasheet HTML 2Page - ON Semiconductor ESD7951ST5G Datasheet HTML 3Page - ON Semiconductor ESD7951ST5G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2011
January, 2011 − Rev. 1
1
Publication Order Number:
ESD7951S/D
ESD7951ST5G
Transient Voltage
Suppressors
ESD Protection Diodes with Ultra−Low
Capacitance
The ESD7951 is designed to protect voltage sensitive components that
require ultra−low capacitance from ESD and transient voltage events.
Excellent clamping capability, low capacitance, low leakage, and fast
response time, make these parts ideal for ESD protection on designs
where board space is at a premium. Because of its low capacitance, it is
suited for use in high frequency designs such as USB 2.0 high speed and
antenna line applications.
Specification Features:
Ultra Low Capacitance 0.5 pF
Low Clamping Voltage
Small Body Outline Dimensions:
0.039
″ x 0.024″ (1.00 mm x 0.60 mm)
Low Body Height: 0.016″ (0.4 mm)
Stand−off Voltage: 5 V
Low Leakage
Response Time is Typically < 1.0 ns
IEC61000−4−2 Level 4 ESD Protection
This is a Pb−Free Device
Mechanical Characteristics:
CASE:
Void-free, transfer-molded, thermosetting plastic
Epoxy Meets UL 94 V−0
LEAD FINISH:
100% Matte Sn (Tin)
MOUNTING POSITION:
Any
QUALIFIED MAX REFLOW TEMPERATURE:
260
°C
Device Meets MSL 1 Requirements
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
IEC 61000−4−2 (ESD)
Contact
Air
±8
±15
kV
Total Power Dissipation on FR−5 Board
(Note 1) @ TA = 25°C
°PD°
150
mW
Storage Temperature Range
Tstg
−55 to +150
°C
Junction Temperature Range
TJ
−55 to +125
°C
Lead Solder Temperature − Maximum
(10 Second Duration)
TL
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. FR−5 = 1.0 x 0.75 x 0.62 in.
See Application Note AND8308/D for further description of survivability specs.
Device
Package
Shipping
ORDERING INFORMATION
SOD−923
CASE 514AB
ESD7951ST5G
SOD−923
(Pb−Free)
8000/Tape & Reel
MARKING DIAGRAM
See specific marking information in the device marking
column of the Electrical Characteristics tables starting on
page 2 of this data sheet.
DEVICE MARKING INFORMATION
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
AA
= Specific Device Code
M
= Date Code
http://onsemi.com
AA M
PIN 1. CATHODE
2. ANODE
12
12
1
2


Similar Part No. - ESD7951ST5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ESD7951ST5G ONSEMI-ESD7951ST5G Datasheet
69Kb / 4P
   Transient Voltage Suppressors
September, 2014 ??Rev. 4
More results

Similar Description - ESD7951ST5G

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com