Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAW56Q-13-F Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BAW56Q-13-F
Description  DUAL SURFACE MOUNT SWITCHING DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAW56Q-13-F Datasheet(HTML) 2 Page - Diodes Incorporated

  BAW56Q-13-F_12 Datasheet HTML 1Page - Diodes Incorporated BAW56Q-13-F_12 Datasheet HTML 2Page - Diodes Incorporated BAW56Q-13-F_12 Datasheet HTML 3Page - Diodes Incorporated BAW56Q-13-F_12 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAW56
Document number: DS12008 Rev. 21 - 2
2 of 4
www.diodes.com
July 2012
© Diodes Incorporated
BAW56
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Non-Repetitive Peak Reverse Voltage
VRM
100
V
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
75
V
RMS Reverse Voltage
VR(RMS)
53
V
Forward Continuous Current (Note 5)
IFM
300
mA
Non-Repetitive Peak Forward Surge Current
@ t = 1.0µs
@ t = 1.0s
IFSM
2.0
1.0
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 5)
PD
350
mW
Thermal Resistance Junction to Ambient Air (Note 5)
RθJA
357
°C/W
Operating and Storage Temperature Range
TJ , TSTG
-65 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 6)
V(BR)R
75
V
IR = 2.5µA
Forward Voltage
VF
0.715
0.855
1.0
1.25
V
IF = 1.0mA
IF = 10mA
IF = 50mA
IF = 150mA
Reverse Current (Note 6)
IR
2.5
50
30
25
µA
µA
µA
nA
VR = 75V
VR = 75V, TJ = +150°C
VR = 25V, TJ = +150°C
VR = 20V
Total Capacitance
CT
2.0
pF
VR = 0, f = 1.0MHz
Reverse Recovery Time
trr
4.0
ns
IF = IR = 10mA,
Irr = 0.1 x IR, RL = 100Ω
Notes:
5. Part mounted on FR-4 board with recommended pad layout, which can be found on our website at http://www.diodes.com.
6. Short duration pulse test used to minimize self-heating effect.
400
T , AMBIENT TEMPERATURE, (°C)
Fig. 1 Power Derating Curve, Total Package
A
200
100
300
0
500
0
100
200
Note 5
0.1
1
0.01
0.001
01.5
1.0
0.5
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics, Per Element
F


Similar Part No. - BAW56Q-13-F_12

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAW56Q-13-F DIODES-BAW56Q-13-F Datasheet
176Kb / 4P
   DUAL SURFACE MOUNT SWITCHING DIODE
BAW56Q-13-F DIODES-BAW56Q-13-F Datasheet
351Kb / 4P
   DUAL SURFACE MOUNT SWITCHING DIODE
More results

Similar Description - BAW56Q-13-F_12

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAV99W DIODES-BAV99W Datasheet
59Kb / 3P
   DUAL SURFACE MOUNT SWITCHING DIODE
DS30045 Rev. 2 - 2
logo
Vishay Siliconix
BAV70 VISHAY-BAV70 Datasheet
54Kb / 4P
   Dual Surface Mount Switching Diode
Rev. 2, 17-Mar-99
logo
Transys Electronics
BAV99W TRSYS-BAV99W Datasheet
147Kb / 2P
   DUAL SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAV70_ DIODES-BAV70_ Datasheet
103Kb / 3P
   DUAL SURFACE MOUNT SWITCHING DIODE
DS12006 Rev. 15 - 2
BAV99_ DIODES-BAV99_ Datasheet
242Kb / 3P
   DUAL SURFACE MOUNT SWITCHING DIODE
DS12007 Rev. 16 - 2
BAW56_ DIODES-BAW56_ Datasheet
103Kb / 3P
   DUAL SURFACE MOUNT SWITCHING DIODE
DS12008 Rev. 16 - 2
logo
Unisonic Technologies
BAW56W UTC-BAW56W_11 Datasheet
111Kb / 2P
   DUAL SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAV23 DIODES-BAV23 Datasheet
79Kb / 4P
   DUAL SURFACE MOUNT SWITCHING DIODE
BAV99 DIODES-BAV99_10 Datasheet
86Kb / 4P
   DUAL SURFACE MOUNT SWITCHING DIODE
DS12007 Rev. 20 - 2
MMBD7000 DIODES-MMBD7000_08 Datasheet
119Kb / 3P
   DUAL SURFACE MOUNT SWITCHING DIODE
DS12025 Rev. 8 - 2
logo
Taiwan Semiconductor Co...
MMBD7000 TSC-MMBD7000 Datasheet
44Kb / 2P
   Dual Surface Mount Switching Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com