Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM10495 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # UM10495
Description  TDA5051A lighting master-slave demo board OM13314
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UM10495 Datasheet(HTML) 1 Page - NXP Semiconductors

  UM10495 Datasheet HTML 1Page - NXP Semiconductors UM10495 Datasheet HTML 2Page - NXP Semiconductors UM10495 Datasheet HTML 3Page - NXP Semiconductors UM10495 Datasheet HTML 4Page - NXP Semiconductors UM10495 Datasheet HTML 5Page - NXP Semiconductors UM10495 Datasheet HTML 6Page - NXP Semiconductors UM10495 Datasheet HTML 7Page - NXP Semiconductors UM10495 Datasheet HTML 8Page - NXP Semiconductors UM10495 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
UM10495
TDA5051A lighting master-slave demo board OM13314
Rev. 2 — 11 May 2012
User manual
Document information
Info
Content
Keywords
TDA5051A, LPC1114, PCF8883, zero crossing and UART style
synchronization, lighting demo
Abstract
This document is a user manual for the TDA5051A Power Line Modem
(PLM) master-slave lighting controller demo OM13314.


Similar Part No. - UM10495

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1040 STMICROELECTRONICS-UM1040 Datasheet
896Kb / 19P
   STEVAL-SPIMD20 demonstration kit based on the SPIMD20 integrated motor drive
logo
NXP Semiconductors
UM10406 NXP-UM10406 Datasheet
389Kb / 21P
   SSL1523 high power factor 5 W LED driver for universal
Rev. 01-3 August 2010
UM10409 PHILIPS-UM10409 Datasheet
962Kb / 25P
   120 V high power factor CFL reference board using the UBA2014T
Rev. 1-12 October 2010
UM10430 PHILIPS-UM10430 Datasheet
7Mb / 1164P
   LPC18xx ARM Cortex-M3 microcontroller
Rev. 00.13-20 July 2011
UM10437 PHILIPS-UM10437 Datasheet
2Mb / 27P
   GreenChip 65 W TEA1738LT/T and TEA1703 demo board
Rev. 1-28 February 2011
More results

Similar Description - UM10495

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC1670 MOTOROLA-MC1670 Datasheet
80Kb / 4P
   Master-Slave Flip-Flop
logo
Axiomtek Co., Ltd.
FIM-60 AXIOMTEK-FIM-60 Datasheet
237Kb / 1P
   Master/slave switch selectable
logo
Digital Core Design
DI2CMS DCD-DI2CMS Datasheet
153Kb / 6P
   I2C Bus Interface - Master/Slave
DSPI DCD-DSPI Datasheet
94Kb / 6P
   Serial Peripheral Interface - Master/Slave
logo
Prosoft-Technology
MVI94-MCM-MHI PROSOFT-MVI94-MCM-MHI Datasheet
236Kb / 2P
   Modbus Master/Slave Communication Module
MVI56E-MCM PROSOFT-MVI56E-MCM Datasheet
483Kb / 4P
   Modbus Master/Slave Communication Module
logo
ATMEL Corporation
ATA6622C ATMEL-ATA6622C_14 Datasheet
1Mb / 29P
   Master and slave operation possible
logo
Prosoft-Technology
MVI56-MCM PROSOFT-MVI56-MCM Datasheet
429Kb / 3P
   Modbus Master/Slave Communication Module
MVI94-MCM PROSOFT-MVI94-MCM Datasheet
236Kb / 2P
   Modbus Master/Slave Communication Module
logo
National Semiconductor ...
LM4883-SQ_BOM-001A NSC-LM4883-SQ_BOM-001A Datasheet
43Kb / 1P
   Demo Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com