Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WDBR Datasheet(PDF) 2 Page - Welwyn Components Limited

Part # WDBR
Description  Ultra Low Profile Power Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

WDBR Datasheet(HTML) 2 Page - Welwyn Components Limited

  WDBR_13 Datasheet HTML 1Page - Welwyn Components Limited WDBR_13 Datasheet HTML 2Page - Welwyn Components Limited WDBR_13 Datasheet HTML 3Page - Welwyn Components Limited WDBR_13 Datasheet HTML 4Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Ultra Low Profile
Power Resistors
WDBR Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
02.13
11mm
250mm
3mm
9mm
Option
Code
Nominal Dimensions
Solder pad only 1
I
Flying leads
UL3134/5
40A, 600V
L
Push-on connectors
(WDBR1,2,3,5&7)
T
Terminations
The following termination options are available
Maximum
Pulsed load at full pulse power rating 50,000 cycles (see Fig 1)
Mounted on a 0.53°C/W heatsink with 5m/s forced air cooling, air temperature 25°C.
ΔR%
5
Derating at heatsink temperatures >160°C
See Fig. 2
Thermal Performance
1ms
1ms
8s
P pk
2s
Fig. 1: Duty Cycle Waveform
0
20
40
60
80
100
120
0
50
100
150
200
250
Heatsink Temperature (°C)
Fig. 2: Temperature Derating
9mm
6mm
0.8mm
8.5mm
8mm
Notes:
1. Two options exist for solder type. The standard is SnAg (96SC) and the second is high temperature HMP alloy.


Similar Part No. - WDBR_13

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
WDBR1 WELWYN-WDBR1 Datasheet
743Kb / 3P
   Ultra low profile thick-film on steel
logo
List of Unclassifed Man...
WDBR1 ETC2-WDBR1 Datasheet
373Kb / 4P
   Ultra Low Profile Power Resistors
WDBR12 ETC2-WDBR12 Datasheet
373Kb / 4P
   Ultra Low Profile Power Resistors
logo
Welwyn Components Limit...
WDBR2 WELWYN-WDBR2 Datasheet
743Kb / 3P
   Ultra low profile thick-film on steel
logo
List of Unclassifed Man...
WDBR2 ETC2-WDBR2 Datasheet
373Kb / 4P
   Ultra Low Profile Power Resistors
More results

Similar Description - WDBR_13

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
IS-SERIES OHMITE-IS-SERIES Datasheet
398Kb / 2P
   Ultra Low Profile Power Resistors
ISSERIES OHMITE-ISSERIES Datasheet
398Kb / 2P
   Ultra Low Profile Power Resistors
logo
List of Unclassifed Man...
WDBR3-150RKT ETC2-WDBR3-150RKT Datasheet
373Kb / 4P
   Ultra Low Profile Power Resistors
logo
Ohmite Mfg. Co.
IS175 OHMITE-IS175 Datasheet
256Kb / 2P
   Ultra Low Profile Power Resistors
logo
Riedon Powertron
TFBR2 RIEDON-TFBR2 Datasheet
310Kb / 1P
   Low Profile Power Resistors
logo
WALSIN TECHNOLOGY CORPO...
WW20N WALSIN-WW20N Datasheet
208Kb / 7P
   Ultra low ohm power chip resistors
WW25B WALSIN-WW25B Datasheet
157Kb / 7P
   Ultra low ohm power chip resistors
WW25N WALSIN-WW25N Datasheet
329Kb / 7P
   Ultra low ohm power chip resistors
WW25A WALSIN-WW25A Datasheet
156Kb / 7P
   Ultra low ohm power chip resistors
WW12M WALSIN-WW12M Datasheet
185Kb / 7P
   Ultra low ohmic power chip resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com