Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TOP226Y Datasheet(PDF) 6 Page - Power Integrations, Inc.

Part # TOP226Y
Description  Three-terminal Off-line PWM Switch
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP226Y Datasheet(HTML) 6 Page - Power Integrations, Inc.

Back Button TOP226Y Datasheet HTML 2Page - Power Integrations, Inc. TOP226Y Datasheet HTML 3Page - Power Integrations, Inc. TOP226Y Datasheet HTML 4Page - Power Integrations, Inc. TOP226Y Datasheet HTML 5Page - Power Integrations, Inc. TOP226Y Datasheet HTML 6Page - Power Integrations, Inc. TOP226Y Datasheet HTML 7Page - Power Integrations, Inc. TOP226Y Datasheet HTML 8Page - Power Integrations, Inc. TOP226Y Datasheet HTML 9Page - Power Integrations, Inc. TOP226Y Datasheet HTML 10Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
TOP221-227
D
7/01
6
Figure 7. Schematic Diagram of a 4 W TOPSwitch-II Standby Power Supply using an 8 lead PDIP.
Application Examples
Following are just two of the many possible TOPSwitch
implementations. Refer to the Data Book and Design Guide
for additional examples.
4 W Standby Supply using 8 Lead PDIP
Figure 7 shows a 4 W standby supply. This supply is used in
appliances where certain standby functions (e.g. real time
clock, remote control port) must be kept active even while the
main power supply is turned off.
The 5 V secondary is used to supply the standby function and
the 12 V non-isolated output is used to supply power for the
PWM controller of the main power supply and other primary
side functions.
For this application the input rectifiers and input filter are sized
for the main supply and are not shown. The input DC rail may
vary from 100 V to 380 V DC which corresponds to the full
universal AC input range. The TOP221 is packaged in an 8 pin
power DIP package.
The output voltage (5 V) is directly sensed by the Zener diode
(VR1) and the optocoupler (U2). The output voltage is determined
by the sum of the Zener voltage and the voltage drop across the
LED of the optocoupler (the voltage drop across R1 is negligible).
The output transistor of the optocoupler drives the CONTROL
pin of the TOP221. C5 bypasses the CONTROL pin and provides
control loop compensation and sets the auto-restart frequency.
The transformer’s leakage inductance voltage spikes are snubbed
by R3 and C1 through diode D1. The bias winding is rectified
and filtered by D3 and C4 providing a non-isolated 12 V output
which is also used to bias the collector of the optocoupler’s
output transistor. The isolated 5 V output winding is rectified by
D2 and filtered by C2, L1 and C3.
Wide-Range
DC Input
D
S
C
CONTROL
PI-2115-040401
+
-
R3
47 k
D1
UF4005
C1
2.2 nF
1 kV
D2
UF5401
TOP221P
L1
3.3
µH
D3
1N4148
C4
100
µF
16 V
U2
PC817A
R1
10
C3
100
µF
10 V
+5 V
C5
47
µF
10 V
C2
330
µF
10 V
U1
R2
100
VR1
TOPSwitch-II
T1
RTN
+
-
12 V Non-Isolated


Similar Part No. - TOP226Y

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TOP226Y POWERINT-TOP226Y Datasheet
176Kb / 20P
   Three-terminal Off-line PWM Switch
TOP226Y POWERINT-TOP226Y Datasheet
480Kb / 20P
   Three-terminal Off-line PWM Switch
TOP226Y POWERINT-TOP226Y Datasheet
480Kb / 20P
   Lowest cost, lowest component count switcher solution
TOP226Y POWERINT-TOP226Y Datasheet
483Kb / 21P
   Three-terminal Off-line PWM Switch
TOP226Y POWERINT-TOP226Y Datasheet
492Kb / 21P
   Three-terminal Off-line PWM Switch
More results

Similar Description - TOP226Y

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TOP224GN POWERINT-TOP224GN Datasheet
483Kb / 21P
   Three-terminal Off-line PWM Switch
TOP101YN POWERINT-TOP101YN Datasheet
1Mb / 18P
   Three-terminal Off-line PWM Switch
TOP221GN-TL POWERINT-TOP221GN-TL Datasheet
480Kb / 20P
   Three-terminal Off-line PWM Switch
TOP221 POWERINT-TOP221 Datasheet
1Mb / 20P
   Three-Terminal Off-Line PWM Switch
TOP200 POWERINT-TOP200_V01 Datasheet
128Kb / 16P
   Three-terminal Off-line PWM Switch
July 1996
TOP200-4 POWERINT-TOP200-4 Datasheet
160Kb / 16P
   Three-terminal Off-line PWM Switch
TOP224YN POWERINT-TOP224YN Datasheet
480Kb / 20P
   Three-terminal Off-line PWM Switch
TOP221GN POWERINT-TOP221GN Datasheet
483Kb / 21P
   Three-terminal Off-line PWM Switch
TOP100-4 POWERINT-TOP100-4 Datasheet
166Kb / 20P
   Three-terminal Off-line PWM Switch
TOP209 POWERINT-TOP209 Datasheet
446Kb / 16P
   Three-terminal Off-line PWM Switch
TOP221P POWERINT-TOP221P Datasheet
176Kb / 20P
   Three-terminal Off-line PWM Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com