Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74F2645SC Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 74F2645SC
Description  Octal Bus Transceiver with 25廓 Series Resistors in the Outputs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F2645SC Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74F2645SC Datasheet HTML 1Page - Fairchild Semiconductor 74F2645SC Datasheet HTML 2Page - Fairchild Semiconductor 74F2645SC Datasheet HTML 3Page - Fairchild Semiconductor 74F2645SC Datasheet HTML 4Page - Fairchild Semiconductor 74F2645SC Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.fairchildsemi.com
2
Unit Loading/Fan Out
Functional Description
The output enable (OE) is active LOW. If the device is dis-
abled (OE HIGH), the outputs are in the high impedance
state. The transmit/receive input (T/R) controls whether
data is transmitted from the A bus to the B bus or from the
B bus to the A bus. When T/R is LOW, B data is sent to the
A bus. If T/R is HIGH, A data is sent to the B bus.
Function Table
H
= HIGH Voltage Level
L
= LOW Voltage Level
X
= Don’t Care
Z
= High Impedance State
Logic Diagram
Pin Names
Description
U.L.
Input IIH/IIL
HIGH/LOW
Output IOH/IOL
OE
Output Enable Input (Active LOW)
1.0/1.0
20
µA/−0.6 mA
T/R
Transmit/Receive Input
1.0/1.0
20
µA/−0.6 mA
A0–A7
Side A Inputs or
3.5/0.667
70
µA/−0.4 mA
3-STATE Outputs
750/20
−15 mA/12 mA
B0–B7
Side B Inputs or
3.5/0.667
70
µA/−0.4 mA
3-STATE Outputs
750/20
−15 mA/12 mA
Inputs
Outputs
OE
T/R
L
L
Bus B data to Bus A
L
H
Bus A data to Bus B
HX
Z


Similar Part No. - 74F2645SC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74F2645PCQR NSC-74F2645PCQR Datasheet
216Kb / 8P
   Octal Bus Transceiver with 25廓 Series Resistors in the Output
More results

Similar Description - 74F2645SC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F2640 NSC-54F2640 Datasheet
216Kb / 8P
   Octal Bus Transceiver with 25廓 Series Resistors in the Output
54F2620 NSC-54F2620 Datasheet
183Kb / 6P
   Inverting Octal Bus Transceiver with 25廓 Series Resistors in the Output
logo
Fairchild Semiconductor
74FR2244 FAIRCHILD-74FR2244 Datasheet
52Kb / 5P
   Octal Buffer/Line Driver with 25廓 Series Resistors in the Outputs
74FR2240 FAIRCHILD-74FR2240 Datasheet
44Kb / 5P
   Octal Buffer/Line Driver with 25廓 Series Resistors in the Outputs
logo
Texas Instruments
SN74BCT25642 TI-SN74BCT25642 Datasheet
358Kb / 10P
[Old version datasheet]   25-廓 OCTAL BUS TRANSCEIVER
logo
Fairchild Semiconductor
74F2244 FAIRCHILD-74F2244 Datasheet
52Kb / 6P
   Octal Buffer/Line Driver with 25廓 Series Resistors in Outputs
74F2243 FAIRCHILD-74F2243 Datasheet
31Kb / 3P
   Quad Bus Transceiver with 25W Series Resistors in the Outputs
74LVT2245 FAIRCHILD-74LVT2245 Datasheet
106Kb / 9P
   Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs and 25廓 Series Resistors in the B Port Outputs
74ABT2240 FAIRCHILD-74ABT2240 Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 25??Series Resistors in the Outputs
74ABT2244 FAIRCHILD-74ABT2244 Datasheet
119Kb / 9P
   Octal Buffer/Line Driver with 25??Series Resistors in the Outputs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com