Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNY253P Datasheet(PDF) 9 Page - Power Integrations, Inc.

Part # TNY253P
Description  Energy Efficient, Low Power Off-line Switchers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TNY253P Datasheet(HTML) 9 Page - Power Integrations, Inc.

Back Button TNY253P Datasheet HTML 5Page - Power Integrations, Inc. TNY253P Datasheet HTML 6Page - Power Integrations, Inc. TNY253P Datasheet HTML 7Page - Power Integrations, Inc. TNY253P Datasheet HTML 8Page - Power Integrations, Inc. TNY253P Datasheet HTML 9Page - Power Integrations, Inc. TNY253P Datasheet HTML 10Page - Power Integrations, Inc. TNY253P Datasheet HTML 11Page - Power Integrations, Inc. TNY253P Datasheet HTML 12Page - Power Integrations, Inc. TNY253P Datasheet HTML 13Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
TNY253/254/255
9
Rev E
02/12
Figure 13. Recommended PC Layout for the TinySwitch.
easily accommodated by rating the output diode to handle the
short-circuit current. The short-circuit current can be minimized
by choosing the smallest (lowest current limit) TinySwitch for
the required power.
Layout
Single Point Grounding
Use a single point ground connection at the SOURCE pin for
the BYPASS pin capacitor and the Input Filter Capacitor (see
Figure 13).
Primary Loop Area
The area of the primary loop that connects the input filter ca-
pacitor, transformer primary and TinySwitch together, should
be kept as small as possible.
Primary Clamp Circuit
A clamp or snubber circuit is used to minimize peak voltage
and ringing on the DRAIN pin at turn-off. This can be achieved
by using an RC snubber for less than 3 W or an RCD clamp
as shown in Figure 13 for higher power. A Zener and diode
clamp across the primary or a single 550 V Zener clamp from
DRAIN to SOURCE can also be used. In all cases care should
be taken to minimize the circuit path from the snubber/clamp
components to the transformer and TinySwitch.
Thermal Considerations
Copper underneath the TinySwitch acts not only as a single
point ground, but also as a heatsink. The hatched area shown
in Figure 13 should be maximized for good heat-sinking of
TinySwitch and output diode.
Y Capacitor
The placement of the Y capacitor should be directly from the
primary single point ground to the common/return terminal on
the secondary side. Such placement will maximize the EMI
benefit of the Y capacitor.
Optocoupler
It is important to maintain the minimum circuit path from
the optocoupler transistor to the TinySwitch ENABLE and
SOURCE pins to minimize noise coupling.
Output Diode
For best performance, the area of the loop connecting the
secondary winding, the Output Diode and the Output Filter
Capacitor, should be minimized. See Figure 13 for optimized
layout. In addition, sufficient copper area should be provided
at the anode and cathode terminals of the diode to adequately
heatsink the diode under output short-circuit conditions.
Input and Output Filter Capacitors
There are constrictions in the traces connected to the input and
output filter capacitors. These constrictions are present for two
reasons. The first is to force all the high frequency currents
to flow through the capacitor (if the trace were wide then it
could flow around the capacitor). Secondly, the constrictions
minimize the heat transferred from the TinySwitch to the input
filter capacitor and from the secondary diode to the output filter
capacitor. The common/return (the negative output terminal
in Figure 13) terminal of the output filter capacitor should be
connected with a short, low resistance path to the secondary
winding. In addition, the common/return output connection
should be taken directly from the secondary winding pin and
not from the Y capacitor connection point.
TOP VIEW
PI-2176-071398
Y1-
Capacitor
Opto-
coupler
CBP
D
EN
BP
TinySwitch
+
HV
+
– DC
OUT
Input Filter Capacitor
Output Filter Capacitor
Safety Spacing
Transformer
Maximize hatched copper
areas (
) for optimum
heat sinking
S
S
PRI
SEC


Similar Part No. - TNY253P

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY253P POWERINT-TNY253P Datasheet
498Kb / 20P
   TinySwitch Family Energy Efficient, Low Power Off-line Switchers
TNY253P POWERINT-TNY253P Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY253P POWERINT-TNY253P Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY253P POWERINT-TNY253P Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY253P POWERINT-TNY253P Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
More results

Similar Description - TNY253P

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY253GN-TL POWERINT-TNY253GN-TL Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY254GN POWERINT-TNY254GN Datasheet
1Mb / 19P
   Energy Efficient, Low Power Off-line Switchers
TNY254GN-TL POWERINT-TNY254GN-TL Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY253PN POWERINT-TNY253PN Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY255PN POWERINT-TNY255PN Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY255GN POWERINT-TNY255GN Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY255GN-TL POWERINT-TNY255GN-TL Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY254PN POWERINT-TNY254PN Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY253 POWERINT-TNY253_V01 Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
August 2016
TNY253 POWERINT-TNY253 Datasheet
498Kb / 20P
   TinySwitch Family Energy Efficient, Low Power Off-line Switchers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com